Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN4133 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4133
Description  Using the SPIRIT1 transceiver under ARIB STD-T108 in the 920 MHz band
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4133 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4133 Datasheet HTML 2Page - STMicroelectronics AN4133 Datasheet HTML 3Page - STMicroelectronics AN4133 Datasheet HTML 4Page - STMicroelectronics AN4133 Datasheet HTML 5Page - STMicroelectronics AN4133 Datasheet HTML 6Page - STMicroelectronics AN4133 Datasheet HTML 7Page - STMicroelectronics AN4133 Datasheet HTML 8Page - STMicroelectronics AN4133 Datasheet HTML 9Page - STMicroelectronics AN4133 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
An overview of ARIB STD-T108 regulation
AN4133
6/35
Doc ID 023362 Rev 1
1.2
Low-power radio stations
Low-power radio stations differ from convenience radio stations in output power and usable
frequency band.
Regarding the output power, two different values are permitted as follows.
An output power of 1 mW (0 dBm on a 50 ohm load, +3 dBm EIRP considering an
antenna of 3 dBi gain) is permitted in the band greater than or equal to 915.9 MHz to
less than or equal to 916.9 MHz , and greater than or equal to 920.5 MHz and less than
or equal to 929.7 MHz.
An output power of 20 mW (+13 dBm on a 50 ohm load, +16 dBm EIRP considering an
antenna of 3 dBi gain) is permitted in the band greater than or equal to 920.5 MHz to
less than or equal to 928.1 MHz.
As for convenience radio stations, an entire radio channel consists of up to 5 consecutive
unit radio channels which are defined such that their center frequency is located from 916.0
MHz to 916.8 MHz and from 920.6 MHz to 928.0 MHz with 200 kHz separation and a
bandwidth of 200 kHz, or which are defined such that their center frequency is located from
928.15 MHz to 929.65 MHz with 100 kHz separation and a bandwidth of 100 kHz. There
aren't specific requirements for the modulation method, while the permissible value for the
occupied bandwidth is (200 x n) kHz or less, where n is the number of unit radio channels
constituting the entire radio channel and is an integer from 1 to 5. In the case that the center
frequency is from 928.15 MHz to 929.65 MHz, it shall be (100 x n) kHz or less.
An adjacent channel leakage power is permitted: five different channel masks are defined,
functions of the usable bandwidth and of the output power. For the five different masks refer
to the figures 3-1 to 3-5 of the ARIB STD-T108 regulation, see References on page 33.
For the transmitter a permissible value for unwanted emission intensity is defined (see
Table 3).
For the receiver a limit for the secondary radiated emissions is defined (see Table 4).
Table 2.
Limit on secondary radiated emissions, etc. at receiver
Frequency band
Limit on secondary radiated
emissions, etc. (antenna input)
Reference bandwidth
f
≤ 710 MHz
-54 dBm
100 kHz
710 MHz < f
≤ 900 MHz
-55 dBm
1 MHz
900 MHz < f
≤ 915 MHz
-55 dBm
100 kHz
915 MHz < f
≤ 930 MHz
-54 dBm
100 kHz
930 MHz < f
≤ 1000 MHz
-55 dBm
100 kHz
1000 MHz < f
-47 dBm
1 MHz


Similar Part No. - AN4133

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN413 STMICROELECTRONICS-AN413 Datasheet
216Kb / 45P
   Initialization of the ST9
AN4130 STMICROELECTRONICS-AN4130 Datasheet
3Mb / 41P
   LED driver using the HVLED815PF
logo
Fairchild Semiconductor
AN4134 FAIRCHILD-AN4134 Datasheet
305Kb / 14P
   Design Guidelines for Off-line Forward Converters
AN4137 FAIRCHILD-AN4137 Datasheet
422Kb / 20P
   Design Guidelines
logo
STMicroelectronics
AN4138 STMICROELECTRONICS-AN4138 Datasheet
230Kb / 9P
   This application note presents the HSP061-2
More results

Similar Description - AN4133

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4148 STMICROELECTRONICS-AN4148 Datasheet
1Mb / 13P
   Using the SPIRIT1 transceiver under ARIB STD-T93 in the 315 MHz band
AN4174 STMICROELECTRONICS-AN4174 Datasheet
2Mb / 21P
   Using the SPIRIT1 transceiver under the ARIB STD-T67 standard in the 426 MHz band
AN4147 STMICROELECTRONICS-AN4147 Datasheet
836Kb / 14P
   Using the SPIRIT1 transceiver under FCC title 47 part 15 in the 315 MHz band
AN4103 STMICROELECTRONICS-AN4103 Datasheet
2Mb / 20P
   Using the SPIRIT1 transceiver under EN 300 220 at 169 MHz
AN4110 STMICROELECTRONICS-AN4110 Datasheet
1Mb / 18P
   Using the SPIRIT1 transceiver under EN 300 220 at 868 MHz
AN4117 STMICROELECTRONICS-AN4117 Datasheet
1Mb / 22P
   Using the SPIRIT1 transceiver under EN 300 220 at 434 MHz
STEVAL-IKR001V6 STMICROELECTRONICS-STEVAL-IKR001V6 Datasheet
239Kb / 4P
   Sub-GHz transceiver development kit based on the SPIRIT1 (920 MHz band)
AN4271 STMICROELECTRONICS-AN4271 Datasheet
1Mb / 20P
   Using the SPIRIT1 transceiver with range extender under EN 300 220 at 868 MHz
AN4305 STMICROELECTRONICS-AN4305 Datasheet
1Mb / 20P
   Using the SPIRIT1 transceiver with range extender
STEVAL-IKR001V4 STMICROELECTRONICS-STEVAL-IKR001V4 Datasheet
237Kb / 4P
   Sub-GHz transceiver development kit based on the SPIRIT1 (868 MHz band)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com