Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2302 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2302
Description  Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2302 Datasheet(HTML) 4 Page - Linear Technology

  LTC2302_15 Datasheet HTML 1Page - Linear Technology LTC2302_15 Datasheet HTML 2Page - Linear Technology LTC2302_15 Datasheet HTML 3Page - Linear Technology LTC2302_15 Datasheet HTML 4Page - Linear Technology LTC2302_15 Datasheet HTML 5Page - Linear Technology LTC2302_15 Datasheet HTML 6Page - Linear Technology LTC2302_15 Datasheet HTML 7Page - Linear Technology LTC2302_15 Datasheet HTML 8Page - Linear Technology LTC2302_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC2302/LTC2306
4
23026fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VDD = 5.25V
l
2.4
V
VIL
Low Level Input Voltage
VDD = 4.75V
l
0.8
V
IIN
High Level Input Current
VIN = VDD
l
±10
μA
CIN
Digital Input Capacitance
5pF
VOH
High Level Output Voltage
OVDD = 4.75V, IOUT = –10μA
OVDD = 4.75V, IOUT = –200μA
l
4
4.74
V
V
VOL
Low Level Output Voltage
OVDD = 4.75V, IOUT = 160μA
OVDD = 4.75V, IOUT = 1.6mA
l
0.05
0.4
V
V
IOZ
Hi-Z Output Leakage
VOUT = 0V to OVDD, CONVST High
l
±10
μA
COZ
Hi-Z Output Capacitance
CONVST High
15
pF
ISOURCE
Output Source Current
VOUT = 0V
–10
mA
ISINK
Output Sink Current
VOUT = OVDD
10
mA
DIGITAL INPUTS AND DIGITAL OUTPUTS The l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Supply Voltage
l
4.75
5
5.25
V
OVDD
Output Driver Supply Voltage
l
2.7
5.25
V
IDD
Supply Current
Sleep Mode
CL = 25pF
CONVST = 5V, Conversion Done
l
l
2.8
7
3.5
15
mA
μA
PD
Power Dissipation
Sleep Mode
14
35
mW
μW
POWER REQUIREMENTS The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SINAD
Signal-to-(Noise + Distortion) Ratio
fIN = 1kHz
l
71
72.8
dB
SNR
Signal-to-Noise Ratio
fIN = 1kHz
l
71
73.2
dB
THD
Total Harmonic Distortion
fIN = 1kHz, First 5 Harmonics
l
–88
–78
dB
SFDR
Spurious Free Dynamic Range
fIN = 1kHz
l
79
89
dB
Channel-to-Channel Isolation
fIN = 1kHz
–109
dB
Full Linear Bandwidth
(Note 11)
700
kHz
–3dB Input Linear Bandwidth
25
MHz
Aperture Delay
13
ns
Transient Response
Full-Scale Step
240
ns
DYNAMIC ACCURACY The l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Notes 4, 10)


Similar Part No. - LTC2302_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2302CDD-PBF LINER-LTC2302CDD-PBF Datasheet
458Kb / 20P
   Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
LTC2302CDD-TRPBF LINER-LTC2302CDD-TRPBF Datasheet
458Kb / 20P
   Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
LTC2302CDDXPBF LINER-LTC2302CDDXPBF Datasheet
458Kb / 20P
   Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
LTC2302CDDXTRPBF LINER-LTC2302CDDXTRPBF Datasheet
458Kb / 20P
   Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
LTC2302IDD-PBF LINER-LTC2302IDD-PBF Datasheet
458Kb / 20P
   Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
More results

Similar Description - LTC2302_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2306 LINER-LTC2306_15 Datasheet
263Kb / 20P
   Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
LTC2302 LINER-LTC2302 Datasheet
458Kb / 20P
   Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
LTC2308 LINER-LTC2308 Datasheet
450Kb / 20P
   Low Noise, 500ksps, 8-Channel, 12-Bit ADC
LTC2308 LINER-LTC2308_15 Datasheet
384Kb / 20P
   Low Noise, 500ksps, 8-Channel, 12-Bit ADC
logo
Maxim Integrated Produc...
MAX11661 MAXIM-MAX11661_11 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs Low-Noise 73dB SNR
Rev 2; 6/11
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11335 MAXIM-MAX11335 Datasheet
3Mb / 37P
   500ksps, 12-/10-Bit, 4-/8-/16-Channel ADCs
Rev 0; 9/12
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
MAX11661_1111 MAXIM-MAX11661_1111 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 3; 11/11
MAX11661_1204 MAXIM-MAX11661_1204 Datasheet
2Mb / 28P
   500ksps, Low-Power,Serial 12-/10-/8-Bit ADCs
Rev 5; 4/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com