Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN4112 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4112
Description  Using STM32F05xx analog comparators in application cases
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4112 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4112 Datasheet HTML 1Page - STMicroelectronics AN4112 Datasheet HTML 2Page - STMicroelectronics AN4112 Datasheet HTML 3Page - STMicroelectronics AN4112 Datasheet HTML 4Page - STMicroelectronics AN4112 Datasheet HTML 5Page - STMicroelectronics AN4112 Datasheet HTML 6Page - STMicroelectronics AN4112 Datasheet HTML 7Page - STMicroelectronics AN4112 Datasheet HTML 8Page - STMicroelectronics AN4112 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AN4112
List of figures
Doc ID 023195 Rev 1
3/17
List of figures
Figure 1.
Sensor output connection to COMP2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Figure 2.
Power consumption in an analog voltage monitoring application . . . . . . . . . . . . . . . . . . . . . 5
Figure 3.
COMP2 configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 4.
Analog comparators combined in window mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 5.
Analog watchdog during Stop mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 6.
COMP2 with output redirection feature. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 7.
Pulse width measurement: COMP2 output redirection to timer . . . . . . . . . . . . . . . . . . . . . 10
Figure 8.
PWM signal control: COMP2 output redirection to timer . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 9.
RC network connection for capacitance measurement . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 10.
Capacitance measurement using COMP2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 11.
Connecting an LDR resistor to an STM32F05xx device . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 12.
Comparator output behavior versus light intensity . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15


Similar Part No. - AN4112

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4110 STMICROELECTRONICS-AN4110 Datasheet
1Mb / 18P
   Using the SPIRIT1 transceiver under EN 300 220 at 868 MHz
AN4111 STMICROELECTRONICS-AN4111 Datasheet
1Mb / 17P
   The STEVAL-ILL044V1 demonstration board showcases
June 2013 Rev4
AN4116 STMICROELECTRONICS-AN4116 Datasheet
3Mb / 38P
   This document describes a 12 V-350 mA power supply
logo
Fairchild Semiconductor
AN4116 FAIRCHILD-AN4116 Datasheet
251Kb / 12P
   A Fairchild Power Switch
logo
STMicroelectronics
AN4117 STMICROELECTRONICS-AN4117 Datasheet
1Mb / 22P
   Using the SPIRIT1 transceiver under EN 300 220 at 434 MHz
More results

Similar Description - AN4112

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3248 STMICROELECTRONICS-AN3248 Datasheet
323Kb / 17P
   Using STM32L1 analog comparators in application cases
AN2475 STMICROELECTRONICS-AN2475 Datasheet
1Mb / 37P
   STR91xFAxxx in-application programming using UART
AN2078 STMICROELECTRONICS-AN2078 Datasheet
155Kb / 13P
   STR7 In-Application Programming using UART
logo
List of Unclassifed Man...
G753 ETC2-G753 Datasheet
132Kb / 1P
   Desktop Cases
logo
Analog Devices
AN-849 AD-AN-849 Datasheet
194Kb / 8P
   Using Op Amps as Comparators
REV. A
logo
Hamamatsu Corporation
E989 HAMAMATSU-E989 Datasheet
88Kb / 1P
   Magnetic Shield Cases
logo
List of Unclassifed Man...
G738 ETC1-G738 Datasheet
344Kb / 2P
   Desktop Cases
G749A ETC2-G749A Datasheet
130Kb / 1P
   Desktop Cases
logo
STMicroelectronics
X-CUBE-IAP-USART STMICROELECTRONICS-X-CUBE-IAP-USART Datasheet
115Kb / 3P
   STM32Cube in-application programming using the USART embedded software
May 2015
logo
List of Unclassifed Man...
8554 ETC2-8554 Datasheet
310Kb / 1P
   PHENOLIC INSTRUMENT CASES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com