Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1164-7 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1164-7
Description  Low Power, Linear Phase 8th Order Lowpass Filter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1164-7 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1164-7 Datasheet HTML 2Page - Linear Technology LTC1164-7 Datasheet HTML 3Page - Linear Technology LTC1164-7 Datasheet HTML 4Page - Linear Technology LTC1164-7 Datasheet HTML 5Page - Linear Technology LTC1164-7 Datasheet HTML 6Page - Linear Technology LTC1164-7 Datasheet HTML 7Page - Linear Technology LTC1164-7 Datasheet HTML 8Page - Linear Technology LTC1164-7 Datasheet HTML 9Page - Linear Technology LTC1164-7 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1164-7
11647fb
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
THD + Noise vs Frequency
THD + Noise vs Frequency
THD + Noise vs Input
THD + Noise vs Frequency
THD + Noise vs Input
Phase Matching vs Frequency
THD + Noise vs Input
POWER SUPPLY (V+ OR V)
0
12
11
10
9
8
7
6
5
4
3
2
1
0
13
6
8
1164-7 G26
10
24
5
7
9
125
°C
–55
°C
25
°C
Power Supply Current vs
Power Supply Voltage
FREQUENCY (kHz)
1
25
1164-7 G21
34
–90
–80
–45
–75
–65
–55
–40
–50
–60
–70
–85
VS = SINGLE 5V
VIN = 0.5VRMS
fCLK = 500kHz
(fCLK/fC) = 100:1
AGND = 2.5V
(5 REPRESENTA-
TIVE UNITS)
INPUT (VRMS)
0.1
1
5
1164-7 G22
–90
–80
–50
–70
–65
–55
–40
–45
–60
–75
–85
fIN = 1kHz
fCLK = 500kHz
(fCLK/fC) = 50:1
A
B
A. VS = ±5V
B. VS = ±7.5V
INPUT (VRMS)
0.1
–90
–80
–70
–60
–50
1
1164-7 G23
–85
–75
–65
–55
–45
VS = SINGLE 5V
fCLK = 500kHz
fIN = 1kHz
(fCLK/fC) = 50:1
–40
2
A
B
A. AGND = 2V
B. AGND = 2.5V
INPUT (VRMS)
0.1
–90
–80
–70
–60
–50
1
1164-7 G24
–85
–75
–65
–55
–45
VS = SINGLE 5V
fCLK = 500kHz
fIN = 1kHz
(fCLK/fC) = 100:1
–40
2
A
B
A. AGND = 2V
B. AGND = 2.5V
FREQUENCY (fCUTOFF/FREQUENCY)
0
3
4
5
0.8
1164-7 G25
2
1
0
0.2
0.4
0.6
1.0
PHASE DIFFERENCE BETWEEN
ANY TWO UNITS (SAMPLE OF
50 REPRESENTATIVE UNITS)
VS ≥ ±5V
fCLK ≤ 500kHz
(fCLK/fC) = 50:1 OR 100:1
TA = 0°C TO 70°C
FREQUENCY (kHz)
1
25
1164-7 G18
34
–90
–80
–45
–75
–65
–55
–40
–50
–60
–70
–85
VS = ±5V
VIN = 1VRMS
fCLK = 500kHz
(fCLK/fC) = 100:1
(5 REPRESENTA-
TIVE UNITS)
FREQUENCY (kHz)
1
–90
–80
–45
5
1164-7 G19
–75
–65
–55
–40
10
VS = SINGLE 5V
VIN = 0.5VRMS
fCLK = 500kHz
(fCLK/fC) = 50:1
AGND = 2V
(5 REPRESENTA-
TIVE UNITS)
–50
–60
–70
–85
FREQUENCY (kHz)
1
–90
–80
–45
5
1164-7 G20
–75
–65
–55
–40
10
VS = SINGLE 5V
VIN = 0.5VRMS
fCLK = 500kHz
(fCLK/fC)= 50:1
AGND = 2.5V
(5 REPRESENTA-
TIVE UNITS)
–50
–60
–70
–85
THD + Noise vs Frequency


Similar Part No. - LTC1164-7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-7 LINER-LTC1164-7 Datasheet
300Kb / 12P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7 Datasheet
262Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7C LINER-LTC1164-7C Datasheet
300Kb / 12P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7CJ LINER-LTC1164-7CJ Datasheet
300Kb / 12P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7CJ LINER-LTC1164-7CJ Datasheet
262Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
More results

Similar Description - LTC1164-7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-7 LINER-LTC1164-7 Datasheet
300Kb / 12P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7_1 Datasheet
262Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1064-7 LINER-LTC1064-7 Datasheet
298Kb / 12P
   Linear Phase, 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7 Datasheet
226Kb / 8P
   Linear Phase 8th Order Lowpass Filter
LT10647FB LINER-LT10647FB_15 Datasheet
223Kb / 16P
   Linear Phase, 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7_15 Datasheet
169Kb / 10P
   Linear Phase 8th Order Lowpass Filter
LTC1064-7 LINER-LTC1064-7_09 Datasheet
217Kb / 16P
   Linear Phase, 8th Order Lowpass Filter
LTC1064-3 LINER-LTC1064-3_09 Datasheet
150Kb / 12P
   Low Noise, High Frequency, 8th Order Linear Phase Lowpass Filter
logo
Linear Dimensions Semic...
LTC1064-3CSW-TR LINEAR_DIMENSIONS-LTC1064-3CSW-TR Datasheet
155Kb / 12P
   Low Noise, High Frequency, 8th Order Linear Phase Lowpass Filter
logo
Linear Technology
LTC1064-3 LINER-LTC1064-3 Datasheet
598Kb / 8P
   Low Noise, High frequency,8th Order Linear Phase Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com