Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1164-7 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1164-7
Description  Low Power, Linear Phase 8th Order Lowpass Filter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1164-7 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1164-7_15 Datasheet HTML 5Page - Linear Technology LTC1164-7_15 Datasheet HTML 6Page - Linear Technology LTC1164-7_15 Datasheet HTML 7Page - Linear Technology LTC1164-7_15 Datasheet HTML 8Page - Linear Technology LTC1164-7_15 Datasheet HTML 9Page - Linear Technology LTC1164-7_15 Datasheet HTML 10Page - Linear Technology LTC1164-7_15 Datasheet HTML 11Page - Linear Technology LTC1164-7_15 Datasheet HTML 12Page - Linear Technology LTC1164-7_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC1164-7
11647fb
PI FU CTIO S
External Connection (Pins 7, 14): Pins 7 and 14 should be
connected together. In a printed circuit board the connec-
tion should be done under the IC package through a short
trace surrounded by the analog ground plane.
Ratio Input (Pin 10): The DC level at this pin determines
the ratio of the clock frequency to the cutoff frequency of
the filter. Pin 10 at V
+ gives a 50:1 ratio and pin 10 at V
gives a 100:1 ratio. For single supply operation the ratio is
50:1 when Pin 10 is at V
+ and 100:1 when Pin 10 is at
ground. When Pin 10 is not tied to ground, it should be
bypassed to analog ground with a 0.1
µF capacitor. If the
DC level at Pin 10 is switched mechanically or electrically
at slew rates greater than 1V/
µs while the device is
operating, a 10k resistor should be connected between pin
10 and the DC source.
Clock Input (Pin 11): Any TTL or CMOS clock source with
a square-wave output and 50% duty cycle (
±10%) is an
adequate clock source for the device. The power supply for
the clock source should not be the filter’s power supply.
The analog ground for the filter should be connected to
clock’s ground at a single point only. Table 7 shows the
clock’s low and high level threshold values for dual or
single supply operation. A pulse generator can be used as
a clock source provided the high level ON time is greater
than 0.5
µs. Sine waves are not recommended for clock
input frequencies less than 100kHz, since excessively
slow clock rise or fall times generate internal clock jitter
(maximum clock rise or fall time
≤ 1µs). The clock signal
should be routed from the right side of the IC package and
perpendicular to it to avoid coupling to any input or output
analog signal path. A 1k resistor between clock source and
Pin 11 will slow down the rise and fall times of the clock to
further reduce charge coupling (Figures 2 and 3).
NC (Pins 1, 8, 13): Pins 1, 8 and 13 are not connected to
any internal circuit point on the device and should be
preferably tied to analog ground.
Filter Input (Pin 2): The input pin is connected internally
through a 50k resistor tied to the inverting input of an op
amp.
Analog GND (Pins 3, 5): The filter performance depends
on the quality of the analog signal ground. For either dual
or single supply operation, an analog ground plane sur-
rounding the package is recommended. The analog ground
plane should be connected to any digital ground at a single
point. For dual supply operation, Pins 3 and 5 should be
connected to the analog ground plane. For single supply
operation, Pins 3 and 5 should be biased at 1/2 supply and
should be bypassed to the analog ground plane with at
least a 1
µF capacitor (Figure 3). For single 5V operation at
the highest fCLK of 2MHz, Pins 3 and 5 should be biased at
2V. This minimizes passband gain and phase variations.
Power Supply (Pins 4, 12): The V
+ (pin 4) and the V (Pin
12) should each be bypassed with a 0.1
µF capacitor to an
adequate analog ground. The filter’s power supplies should
be isolated from other digital or high voltage analog
supplies. A low noise linear supply is recommended.
Using a switching power supply will lower the signal-to-
noise ratio of the filter. The supply during power-up should
have a slew rate less than 1V/
µs.WhenV+isappliedbefore
V
and Vis allowed to go above ground, a signal diode
should clamp V
to prevent latch-up. Figures 2 and 3 show
typical connections for dual and single supply operation.
Filter Output (Pins 6, 9): Pin 6 is an intermediate filter
output providing an unspecified 6th order lowpass filter.
Pin 6 should not be loaded. Pin 9 is the specified output of
the filter; it can typically source/sink 1mA. Driving coaxial
cables or resistive loads less than 20k will degrade the
total harmonic distortion of the filter. When evaluating the
device’s distortion an output buffer is required. A
noninverting buffer, Figure 4, can be used provided that its
input common-mode range is well within the filter’s output
swing.
Table 7. Clock Source High and Low Threshold Levels
POWER SUPPLY
HIGH LEVEL
LOW LEVEL
Dual Supply =
±7.5V
≥ 2.18V
≤ 0.5V
Dual Supply =
±5V
≥ 1.45V
≤ 0.5V
Dual Supply =
±2.5V
≥ 0.73V
≤ – 2.0V
Single Supply = 12V
≥ 7.80V
≤ 6.5V
Single Supply = 5V
≥ 1.45V
≤ 0.5V


Similar Part No. - LTC1164-7_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-7 LINER-LTC1164-7_1 Datasheet
262Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
More results

Similar Description - LTC1164-7_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-7 LINER-LTC1164-7 Datasheet
300Kb / 12P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7_1 Datasheet
262Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1064-7 LINER-LTC1064-7 Datasheet
298Kb / 12P
   Linear Phase, 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7 Datasheet
226Kb / 8P
   Linear Phase 8th Order Lowpass Filter
LT10647FB LINER-LT10647FB_15 Datasheet
223Kb / 16P
   Linear Phase, 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7_15 Datasheet
169Kb / 10P
   Linear Phase 8th Order Lowpass Filter
LTC1064-7 LINER-LTC1064-7_09 Datasheet
217Kb / 16P
   Linear Phase, 8th Order Lowpass Filter
LTC1064-3 LINER-LTC1064-3_09 Datasheet
150Kb / 12P
   Low Noise, High Frequency, 8th Order Linear Phase Lowpass Filter
logo
Linear Dimensions Semic...
LTC1064-3CSW-TR LINEAR_DIMENSIONS-LTC1064-3CSW-TR Datasheet
155Kb / 12P
   Low Noise, High Frequency, 8th Order Linear Phase Lowpass Filter
logo
Linear Technology
LTC1064-3 LINER-LTC1064-3 Datasheet
598Kb / 8P
   Low Noise, High frequency,8th Order Linear Phase Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com