Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1164-6 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1164-6
Description  Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1164-6 Datasheet(HTML) 5 Page - Linear Technology

  LTC1164-6_15 Datasheet HTML 1Page - Linear Technology LTC1164-6_15 Datasheet HTML 2Page - Linear Technology LTC1164-6_15 Datasheet HTML 3Page - Linear Technology LTC1164-6_15 Datasheet HTML 4Page - Linear Technology LTC1164-6_15 Datasheet HTML 5Page - Linear Technology LTC1164-6_15 Datasheet HTML 6Page - Linear Technology LTC1164-6_15 Datasheet HTML 7Page - Linear Technology LTC1164-6_15 Datasheet HTML 8Page - Linear Technology LTC1164-6_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1164-6
11646fa
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Group Delay vs Frequency
(Linear Phase Response)
FREQUENCY (kHz)
1
250
200
150
100
50
0
9
1164-6 G22
3
5
7
11
2
4
6
810
fCLK = 800kHz
(fCLK/fC) = 160:1
fC = 5kHz
Group Delay vs Frequency
(Elliptic Response)
FREQUENCY (kHz)
1
25
1164-6 G13
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
34
VS = ±5V, VIN = 1VRMS
(20k RESISTOR PIN 14 TO V)
fCLK = 500kHz, fC = 5kHz
(fCLK/fC) = 100:1, TA = 25°C
(5 REPRESENTATIVE UNITS)
THD + Noise vs Frequency
(Elliptic Response)
THD + Noise vs Frequency
(Elliptic Response)
THD + Noise vs Frequency
(Elliptic Response)
Maximum Passband over
Temperature
FREQUENCY (kHz)
1164-6 G10
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
VS = SINGLE 5V
(fCLK/fC) = 50:1
GND = 2V WITH
EXTERNAL RC
LOWPASS FILTER
(f– 3dB = 40kHz)
218
6
10
14
22
4
8
12
16
20
TA = –40°C
TA = 70°C
Passband vs Frequency and fCLK
FREQUENCY (kHz)
1
10
1164-6 G09
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
VS = ±8V
(fCLK/fC) = 50:1
(PIN 10 AT V+)
TA = 25°C
30
A. fCLK = 250kHz
fCUTOFF = 5kHz
B. fCLK = 500kHz
fCUTOFF = 10kHz
C. fCLK = 1MHz
fCUTOFF = 20kHz
A
C
B
FREQUENCY (kHz)
1
25
1164-6 G23
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
34
VS = ±5V
VIN = 1VRMS
fCLK = 800kHz
fC = 5kHz
(fCLK/fC) = 160:1
TA = 25°C
THD + Noise vs Frequency
(Linear Phase Response)
FREQUENCY (kHz)
1164-6 G16
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
0.5
1
5
VS = SINGLE 5V, VIN = 0.7VRMS
fCLK = 500kHz, fC = 5kHz,
(fCLK/fC) = 100:1, TA = 25°C
(5 REPRESENTATIVE UNITS)
FREQUENCY (kHz)
1
5
1164-6 G12
3
4
700
600
500
400
300
200
100
0
2
B
A
VS = ±5V
fC = 5kHz
TA = 25°C
A. fCLK = 250kHz, (fCLK/fC) = 50:1
WITH EXTERNAL RC LOWPASS
FILTER (fC = 10kHz)
B. fCLK = 500kHz
(fCLK/fC) = 100:1
FREQUENCY (kHz)
1
5
1164-6 G14
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
10
VS = ±5V, VIN = 1VRMS,
fCLK = 500kHz, fC = 10kHz,
(fCLK/fC) = 50:1, TA = 25°C,
WITH EXTERNAL RC LOWPASS
FILTER (f– 3dB = 20kHz)
(5 REPRESENTATIVE UNITS)


Similar Part No. - LTC1164-6_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-6 LINER-LTC1164-6_1 Datasheet
240Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
More results

Similar Description - LTC1164-6_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-6 LINER-LTC1164-6 Datasheet
311Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-6 LINER-LTC1164-6_1 Datasheet
240Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-5 LINER-LTC1164-5_15 Datasheet
230Kb / 16P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-5 LINER-LTC1164-5 Datasheet
224Kb / 16P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-5 LINER-LTC1164-5 Datasheet
204Kb / 12P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1069-1 LINER-LTC1069-1_15 Datasheet
147Kb / 10P
   Low Power, 8th Order Progressive Elliptic, Lowpass Filter
LTC1069-1 LINER-LTC1069-1 Datasheet
240Kb / 8P
   Low Power, 8th Order Progressive Elliptic, Lowpass Filter
LTC1164-7 LINER-LTC1164-7_15 Datasheet
267Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7 Datasheet
300Kb / 12P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7_1 Datasheet
262Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com