Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1153 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1153
Description  Auto-Reset Electronic Circuit Breaker
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1153 Datasheet(HTML) 5 Page - Linear Technology

  LTC1153 Datasheet HTML 1Page - Linear Technology LTC1153 Datasheet HTML 2Page - Linear Technology LTC1153 Datasheet HTML 3Page - Linear Technology LTC1153 Datasheet HTML 4Page - Linear Technology LTC1153 Datasheet HTML 5Page - Linear Technology LTC1153 Datasheet HTML 6Page - Linear Technology LTC1153 Datasheet HTML 7Page - Linear Technology LTC1153 Datasheet HTML 8Page - Linear Technology LTC1153 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1153
Auto-Reset Time*
Shutdown Threshold Voltage
MOSFET Gate Drive Current
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
TEMPERATURE (°C)
–50
0.4
0.6
1.O
1.2
1.4
2.4
1.8
0
50
75
LTC1153 • TPC13
0.8
2.0
2.2
1.6
–25
25
100
125
VS = 18V
VS = 5V
TEMPERATURE (°C)
–25
0.1
1
10
25
LTC1153 • TPC14
–50
125
0
50
75
100
*SECONDS OF DELAY
PER
µF CT
VS = 5V
VS = 12V
VS = 18V
PI FU CTIO S
Input and Shutdown Pins
The LTC1153 input pin is active high and activates all of the
protection and charge pump circuitry when switched ON.
The shutdown pin is designed to break the circuit if a
secondary fault condition (over temperature, etc.) is de-
tected. The LTC1153 logic and shutdown inputs are high
impedance CMOS gates with ESD protection diodes to
ground and supply and therefore should not be forced
beyond the power supply rails. The shutdown pin should
be connected to ground when not in use.
Timing Capacitor Pin (Auto-Reset Timer)
The small capacitor charging current (4.2
µA) produces
large delays with relatively small valued capacitors, but
care must be taken to ensure that this current is not
shunted to ground through a leaky capacitor or printed
circuit board trace. The timing capacitor voltage is sensed
by a high impedance CMOS comparator input with ESD
clamp diodes to ground and supply and therefore should
not be forced beyond the power supply rails. This pin can
be grounded if the auto-reset function is not used.
MOSFET Gate Drive Pin
The MOSFET gate drive pin is either driven to ground when
the switch is turned OFF or driven above the supply rail
when the switch is turned ON. This pin is a relatively high
impedance when driven above the rail (the equivalent of a
few hundred k
Ω). Care should be taken to minimize any
loading of this pin by parasitic resistance to ground or
supply.
Supply Pin
The supply pin of the LTC1153 serves two vital purposes.
The first is obvious: it powers the input, gate drive, regu-
lation and protection circuitry. The second purpose is less
obvious: it provides a Kelvin connection to the top of the
drain sense resistor for the internal 100mV reference.
The LTC1153 is designed to be
continuously powered so
that the gate of the MOSFET is actively driven at all times.
If it is necessary to remove power from the supply pin and
then re-apply it, the input pin (or enable pin) should be
cycled a few milliseconds
after the power is re-applied to
reset the input latch and protection circuitry. Also, the
input and enable pins should be isolated with 10k resistors
to limit the current flowing through the ESD protection
diodes to the supply pin.
The supply pin of the LTC1153 should never be forced
below ground as this may result in permanent damage to
the device. A 300
Ω resistor should be inserted in series
with the ground pin if negative supply voltage transients
are anticipated.
GATE VOLTAGE ABOVE SUPPLY (V)
1
10
100
1000
0
8
12
16
0.1
4
20
LTC1153 • TPC15
VS = 18V
TA = 25°C
VS = 12V
VS = 5V


Similar Part No. - LTC1153

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1153 LINER-LTC1153 Datasheet
342Kb / 16P
   Auto-Reset Electronic Circuit Breaker
LTC1153C LINER-LTC1153C Datasheet
342Kb / 16P
   Auto-Reset Electronic Circuit Breaker
LTC1153CN8 LINER-LTC1153CN8 Datasheet
342Kb / 16P
   Auto-Reset Electronic Circuit Breaker
LTC1153CS8 LINER-LTC1153CS8 Datasheet
342Kb / 16P
   Auto-Reset Electronic Circuit Breaker
More results

Similar Description - LTC1153

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1153 LINER-LTC1153 Datasheet
342Kb / 16P
   Auto-Reset Electronic Circuit Breaker
logo
STMicroelectronics
AN1280 STMICROELECTRONICS-AN1280 Datasheet
86Kb / 8P
   ELECTRONIC CIRCUIT BREAKER
logo
PHOENIX CONTACT
102898 PHOENIX-102898 Datasheet
846Kb / 10P
   Electronic circuit breaker
2010-12-17
103057 PHOENIX-103057 Datasheet
881Kb / 10P
   Electronic circuit breaker
2010-12-17
logo
Linear Technology
LTC4213 LINER-LTC4213_15 Datasheet
190Kb / 20P
   Electronic Circuit Breaker
logo
PHOENIX CONTACT
102899 PHOENIX-102899 Datasheet
895Kb / 10P
   Electronic circuit breaker
2010-12-17
logo
STMicroelectronics
TD230 STMICROELECTRONICS-TD230 Datasheet
136Kb / 15P
   ELECTRONIC CIRCUIT BREAKER
logo
ETAL Group
EBU10 ETAL-EBU10 Datasheet
1Mb / 6P
   Electronic circuit breaker EBU
logo
PHOENIX CONTACT
103906 PHOENIX-103906 Datasheet
625Kb / 12P
   Electronic miniature circuit-breaker
09/2009
logo
Cooper Bussmann, Inc.
120 COOPER-120 Datasheet
70Kb / 1P
   Auto, Manual & Modified Reset Circuit Protectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com