Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1255 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1255
Description  Dual 24V High-Side MOSFET Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1255 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1255_15 Datasheet HTML 5Page - Linear Technology LTC1255_15 Datasheet HTML 6Page - Linear Technology LTC1255_15 Datasheet HTML 7Page - Linear Technology LTC1255_15 Datasheet HTML 8Page - Linear Technology LTC1255_15 Datasheet HTML 9Page - Linear Technology LTC1255_15 Datasheet HTML 10Page - Linear Technology LTC1255_15 Datasheet HTML 11Page - Linear Technology LTC1255_15 Datasheet HTML 12Page - Linear Technology LTC1255_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC1255
APPLICATIO S I FOR ATIO
VS
DS1
1/2 LTC1255
G1
GND
IN1
IRF530
12V
18V
+
100
µF
RSENSE
0.036
LTC1255 • F06
CDELAY
0.01
µF R
DELAY
100k
1N4148
LOAD
Figure 6. Using a Speed-Up Diode
The large output capacitors on many switching regula-
tors, on the other hand, may be able to hold the supply
pin of the LTC1255 above 3.5V sufficiently long that this
extra filtering is not required.
Because the LTC1255 is micropower in both the standby
and ON state, the voltage drop across the supply filter
is very small (typically < 6mV) and does not signifi-
cantly alter the accuracy of the drain sense threshold
voltage which is typically 100mV.
AUTOMOTIVE APPLICATIONS
Reverse Battery Protection
The LTC1255 can be protected against reverse battery
conditions by connecting a resistor in series with the
ground lead as shown in Figure 8. The resistor limits the
supply current to less than 120mA with – 12V applied.
Since the LTC1255 draws very little current while in
normal operation, the drop across the ground resistor
is minimal. The 5V
µP (or controlling logic) is protected
by the 10k resistors in series with the input.
Figure 7. Supply Filter for Current Limited Supplies
VS
DS1
1/2 LTC1255
G1
GND
IN1
MTP12N06E
12V
14V
+
10
µF
RSENSE
0.036
LTC1255 • F08
LOAD
100
28V
10k
µp OR
CONTROL
LOGIC
5V
Figure 8. Reverse Battery Protection
Transient Overvoltage Protection
A common scheme used to limit overvoltage transients
on a 14V nominal automotive power bus is to clamp the
supply to the module containing the high-side MOSFET
switches with a large transient suppressor diode, D1 in
Figure 9. This diode limits the supply voltage to 40V
under worse case conditions. The LTC1255 is designed
to survive short (10ms) 40V transients and return to
normal operation after the transient has passed.
Current Limited Power Supplies
The LTC1255 requires at least 3.5V at the supply pin to
ensure proper operation. It is therefore necessary that
the supply to the LTC1255 be held higher than 3.5V at
all times, even when the output of the switch is short
circuited to ground. The output voltage of a current
limited regulator may drop very quickly during short
circuit and pull the supply pin of the LTC1255 below
3.5V before the shutdown circuitry has had time to
respond and remove drive from the gate of the power
MOSFET. A supply filter should be added as shown in
Figure 7 which holds the supply pin of the LTC1255
high long enough for the overcurrent shutdown cir-
cuitry to respond and fully discharge the gate.
Linear regulators with small output capacitors are the
most difficult to protect as they can “switch” from a
voltage mode to a current limited mode very quickly.
VS
DS1
1/2 LTC1255
G1
GND
IN1
MTP12N06E
12V
15V
+
10
µF
RSENSE
0.1
LTC1255 • F07
0.01
µF
100k
1N4148
10
Ω*
+
47
µF*
+
10
µF
12V/2A
REGULATOR
SHORT
CIRCUIT
*SUPPLY FILTER COMPONENT


Similar Part No. - LTC1255_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1255C LINER-LTC1255C Datasheet
340Kb / 16P
   Dual 24V High-Side MOSFET Driver
LTC1255CN8 LINER-LTC1255CN8 Datasheet
340Kb / 16P
   Dual 24V High-Side MOSFET Driver
LTC1255CS8 LINER-LTC1255CS8 Datasheet
340Kb / 16P
   Dual 24V High-Side MOSFET Driver
LTC1255I LINER-LTC1255I Datasheet
340Kb / 16P
   Dual 24V High-Side MOSFET Driver
LTC1255IN8 LINER-LTC1255IN8 Datasheet
340Kb / 16P
   Dual 24V High-Side MOSFET Driver
More results

Similar Description - LTC1255_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1255 LINER-LTC1255 Datasheet
340Kb / 16P
   Dual 24V High-Side MOSFET Driver
LTC1155 LINER-LTC1155_15 Datasheet
245Kb / 16P
   Dual High Side Micropower MOSFET Driver
LTC1155 LINER-LTC1155 Datasheet
340Kb / 16P
   Dual High Side Micropower MOSFET Driver
logo
Tripath Technology Inc.
TP2150B TRIPATH-TP2150B Datasheet
377Kb / 18P
   DUAL HIGH SIDE AND LOW SIDE MOSFET DRIVER
logo
Linear Technology
LTC1157 LINER-LTC1157 Datasheet
221Kb / 8P
   3.3V Dual Micropower High-Side/Low-Side MOSFET Driver
LTC1157 LINER-LTC1157_15 Datasheet
207Kb / 8P
   3.3V Dual Micropower High-Side/Low-Side MOSFET Driver
logo
Semtech Corporation
SC1302A SEMTECH-SC1302A Datasheet
197Kb / 10P
   Dual High Speed Low-Side MOSFET Driver
logo
Analog Devices
LTC7067 AD-LTC7067 Datasheet
617Kb / 14P
   150V Dual High-Side MOSFET Gate Driver
Rev. 0
logo
Semtech Corporation
SC1302A SEMTECH-SC1302A_09 Datasheet
352Kb / 13P
   Dual High Speed Low-Side MOSFET Driver
SC1302A SEMTECH-SC1302A_08 Datasheet
197Kb / 10P
   Dual High Speed Low-Side MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com