Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6550 Datasheet(PDF) 8 Page - Linear Technology

Part # LT6550
Description  3.3V Triple and Quad Video Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6550 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT6550 Datasheet HTML 4Page - Linear Technology LT6550 Datasheet HTML 5Page - Linear Technology LT6550 Datasheet HTML 6Page - Linear Technology LT6550 Datasheet HTML 7Page - Linear Technology LT6550 Datasheet HTML 8Page - Linear Technology LT6550 Datasheet HTML 9Page - Linear Technology LT6550 Datasheet HTML 10Page - Linear Technology LT6550 Datasheet HTML 11Page - Linear Technology LT6550 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT6550/LT6551
8
65501fa
6550/51 G22
CL = 20pF
VS = 5V, 0V
VOUT = 0.5V TO 3.5V
RL = 150Ω
TOTAL SUPPLY VOLTAGE (V)
14
12
10
8
6
4
2
0
6550/51 G23
0
±1
±2
±3
±4
±5
±6
INPUT VOLTAGE (V)
–2.5
–10
–15
–20
–25
–30
1.5
6550/51 G24
–1.5
–2.0
–1.0
0
1.0
2.0
–0.5
0.5
2.5
TEMPERATURE (
°C)
–50
100
6550/51 G25
050
60
50
40
30
20
10
0
–10
–20
–25
25
75
125
TEMPERATURE (
°C)
–50
25
20
15
10
5
0
25
75
6550/51 G26
–25
0
50
100
125
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
125
95
90
85
80
75
70
6550/51 G27
VS = ±5V
VIN = ±1V
FREQUENCY (Hz)
10
9
8
7
6
5
4
3
2
1
0
10k
1M
10M
1000M
6550/51 G28
100k
100M
VS = ±5V
VOUT = 0V DC
RL = 150Ω
VOUT = 0V
VS = ±5V
VIN = 0V
VS = ±5V
VIN = 0V
ANY CHANNEL PAIR
TA = 125°C
TA = –55°C
TA = 25°C
VS = ±5V
TA = 125°C
TA = –55°C
TA = 25°C
SINKING
SOURCING
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
–200
PHASE
GAIN
Supply Current vs Total Supply
Voltage
Input Bias Current vs Input
Voltage
Output Offset Voltage vs
Temperature of Three Typical Units
Output Voltage Matching vs
Temperature of Three Typical Parts
Output Short-Circuit Current
vs Temperature
Gain and Phase vs Frequency
Large Signal Response
5V/3.3V TYPICAL PERFOR A CE CHARACTERISTICS
±5V TYPICAL PERFOR A CE CHARACTERISTICS
VGND (Pin 4) = 0V
VEE (Pin 5) = 0V (LT6550), GND (Pin 5) = 0V (LT6551)
(LT6550 Only)


Similar Part No. - LT6550

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6550 LINER-LT6550 Datasheet
514Kb / 16P
   3.3V Triple and Quad Video Amplifiers
LT6550 LINER-LT6550 Datasheet
356Kb / 16P
   650MHz Gain of 2 Triple 2 1Video Multiplexer
LT6550CMS LINER-LT6550CMS Datasheet
514Kb / 16P
   3.3V Triple and Quad Video Amplifiers
LT6550IMS LINER-LT6550IMS Datasheet
514Kb / 16P
   3.3V Triple and Quad Video Amplifiers
More results

Similar Description - LT6550

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6550 LINER-LT6550 Datasheet
514Kb / 16P
   3.3V Triple and Quad Video Amplifiers
LT6551 LINER-LT6551_15 Datasheet
309Kb / 16P
   3.3V Triple and Quad Video Amplifiers
logo
Zetex Semiconductors
ZXFV201 ZETEX-ZXFV201_07 Datasheet
308Kb / 10P
   Quad, single, triple and dual video amplifiers
ZXFVX ZETEX-ZXFVX Datasheet
298Kb / 10P
   Quad, single, triple and dual video amplifiers
logo
Cadeka Microcircuits LL...
CLC2600 CADEKA-CLC2600 Datasheet
2Mb / 15P
   Dual, Triple, and Quad 300MHz Amplifiers
logo
Fairchild Semiconductor
FHP3350_0612 FAIRCHILD-FHP3350_0612 Datasheet
1Mb / 19P
   Triple and Quad Voltage Feedback Amplifiers
logo
Exar Corporation
CLC2601 EXAR-CLC2601 Datasheet
1Mb / 15P
   Dual, Triple, and Quad 550MHz Amplifiers
logo
Cadeka Microcircuits LL...
CLC2601 CADEKA-CLC2601 Datasheet
1Mb / 15P
   Dual, Triple, and Quad 550MHz Amplifiers
logo
Fairchild Semiconductor
FHP3350 FAIRCHILD-FHP3350 Datasheet
754Kb / 19P
   Triple and Quad Voltage Feedback Amplifiers
logo
Exar Corporation
CLC2600 EXAR-CLC2600 Datasheet
1Mb / 15P
   Dual, Triple, and Quad 300MHz Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com