Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6411 Datasheet(PDF) 10 Page - Linear Technology

Part # LT6411
Description  650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6411 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT6411_15 Datasheet HTML 6Page - Linear Technology LT6411_15 Datasheet HTML 7Page - Linear Technology LT6411_15 Datasheet HTML 8Page - Linear Technology LT6411_15 Datasheet HTML 9Page - Linear Technology LT6411_15 Datasheet HTML 10Page - Linear Technology LT6411_15 Datasheet HTML 11Page - Linear Technology LT6411_15 Datasheet HTML 12Page - Linear Technology LT6411_15 Datasheet HTML 13Page - Linear Technology LT6411_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT6411
10
6411f
APPLICATIONS INFORMATION
Input Considerations
The LT6411 input voltage range is from VEE + 1V to
VCC – 1V. Therefore, on split supplies the LT6411 input
range is always as large as or larger than the output swing.
On a single positive supply with a gain of +2 and INcon-
nected to ground, however, the input range limit of +1V
limits the linear output low swing to 2V (1V multiplied by
the internal gain of 2).
The inputs can be driven beyond the point at which the
output clips so long as input currents are limited to
±10mA. Continuing to drive the input beyond the output
limit can result in increased current drive and slightly
increased swing, but will also increase supply current
and may result in delays in transient response at larger
levels of overdrive.
DC Biasing Differential Amplifier Applications
The inputs of the LT6411 must be DC biased within the
input common mode voltage range, typically VEE + 1V to
VCC – 1V. If the inputs are AC coupled or DC biased be-
yond the input voltage range of a driven A-to-D converter,
DC biasing or level shifting will be required. In the basic
circuit configurations shown in Figure 1, the DC input
common mode voltage and the differential input signal
are both multiplied by the amplifier gain. In the gain of
+2 configuration, the DC common mode voltage gain can
be set to unity by adding a capacitor at the INpins as
shown in Figure 2.
If the inputs are AC coupled or the LT6411 is preceded
by a highpass filter, the input common mode voltage can
be set by resistor dividers as shown in Figure 3. Adding
the blocking capacitor to the gain setting resistors sets
the input and output DC common mode voltages equal.
When using the LT6411 to drive an A-to-D converter, the
DC common mode voltage level will affect the harmonic
distortion of the combined amplifier/ADC system. Figure 4
shows the measured distortion of an LTC2249 ADC when
driven by the LT6411 at different common mode voltage
levels with the inputs configured as shown in Figure 3.
Adjusting the DC bias voltage can optimize the design for
the lowest possible distortion.
If the input signals are within the input voltage range
and output swing of the LT6411, but outside the input
range of an ADC or other circuit the LT6411 is driving,
+
+V
LT6411
IN+
IN–
CLARGE
VDC
OUT+
OUT–
VDC
VDC
VDC
6411 F02
Figure 2. LT6411 Configured with a Differential Gain of 2
and Unity DC Common Mode Gain
+
+V
LT6411
IN+
IN–
OV
OV
OUT+
OUT–
VDC
VDC
VDC
CLARGE
CLARGE
V+
R1
R2
V+
R1
R2
VDC
6411 F03
Figure 3. Using Resistor Dividers to Set the
Input Common Mode Voltage When AC Coupling
VCM (V)
1.6
–70
–65
HD3
HD2
IM3
–60
2.4
6411 F04
–75
–80
–90
1.8
2.0
2.2
1.7
2.5
1.9
2.1
2.3
–85
–50
–55
VCC = 5V, VEE = 0V
AV= 2
TA = 25°C
Figure 4. Harmonic and Intermodulation Distortion of the
LT6411 Driving an LTC2249 Versus DC Common Mode
Voltage. Harmonic Distortion Measured with a –1dBFS Signal
at 30.2MHz. Intermodulation Distortion Measured with Two
–7dBFS Tones at 30.2MHz and 29.2MHz


Similar Part No. - LT6411_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6411CUD LINER-LT6411CUD Datasheet
361Kb / 16P
   650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
LT6411IUD LINER-LT6411IUD Datasheet
361Kb / 16P
   650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
More results

Similar Description - LT6411_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6411 LINER-LT6411 Datasheet
361Kb / 16P
   650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
LT1991 LINER-LT1991 Datasheet
279Kb / 28P
   Precision, 100關A Gain Selectable Amplifi er
LT6402-12 LINER-LT6402-12 Datasheet
230Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 12dB)
LT6402-6 LINER-LT6402-6 Datasheet
236Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
LT1993-10 LINER-LT1993-10 Datasheet
739Kb / 16P
   700MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 10V/V)
logo
API Technologies Corp
BXMF1043 APITECH-BXMF1043 Datasheet
324Kb / 2P
   Automatic Gain Controlled Amplifi er
logo
Linear Technology
LT1993-2 LINER-LT1993-2 Datasheet
671Kb / 20P
   800MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 2V/V)
logo
Analog Devices
ADA4950-1 AD-ADA4950-1 Datasheet
675Kb / 28P
   Low Power, Selectable Gain Differential ADC Driver, G = 1, 2, 3
REV. 0
logo
Linear Technology
LT1993-4 LINER-LT1993-4 Datasheet
720Kb / 16P
   900MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 4V/V)
logo
Analog Devices
ADA4950-1 AD-ADA4950-1_16 Datasheet
600Kb / 26P
   Low Power, Selectable Gain Differential ADC Driver, G = 1, 2, 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com