Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL-483UYC1C-Y2-4G Datasheet(PDF) 4 Page - Lucky Light Electronic

Part # LL-483UYC1C-Y2-4G
Description  Ultra Yellow LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-483UYC1C-Y2-4G Datasheet(HTML) 4 Page - Lucky Light Electronic

  LL-483UYC1C-Y2-4G_15 Datasheet HTML 1Page - Lucky Light Electronic LL-483UYC1C-Y2-4G_15 Datasheet HTML 2Page - Lucky Light Electronic LL-483UYC1C-Y2-4G_15 Datasheet HTML 3Page - Lucky Light Electronic LL-483UYC1C-Y2-4G_15 Datasheet HTML 4Page - Lucky Light Electronic LL-483UYC1C-Y2-4G_15 Datasheet HTML 5Page - Lucky Light Electronic LL-483UYC1C-Y2-4G_15 Datasheet HTML 6Page - Lucky Light Electronic LL-483UYC1C-Y2-4G_15 Datasheet HTML 7Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Luckylight
Spec No.: A027X355
Rev No.: V.2
Date: Sep/17/2005
Page: 4 OF 7
Approved: JoJo
Checked: Wu
Drawn: YAO
Lucky Light Electronics Co., Ltd.
Http://www.luckylightled.com
Absolute Maximum Ratings at Ta=25℃
Parameters
Symbol
Max.
Unit
Power Dissipation
PD
62
mW
Peak Forward Current
(1/10 Duty Cycle, 0.1ms Pulse Width)
IFP
100
mA
Continuous Forward Current
IF
25
mA
Reverse Voltage
VR
5
V
Operating Temperature Range
Topr
-40℃ to +85℃
Storage Temperature Range
Tstg
-40℃ to +100℃
Lead Soldering Temperature
[4mm (.157″) From Body]
Tsld
260℃ for 5 Seconds
Electrical Optical Characteristics at Ta=25℃
Parameters
Symbol Min. Typ. Max. Unit Test Condition
Luminous Intensity
(Note 1)*
IV
460
780
---
mcd
IF=20mA
Viewing Angle*
1/2
---
80
---
Deg
(Note 2)
Peak Emission Wavelength
λp
---
592
---
nm
IF=20mA
Dominant Wavelength
λd
---
589
---
nm
IF=20mA
Spectrum Radiation Bandwidth
Δλ
---
15
---
nm
IF=20mA
Forward Voltage
VF
1.60 2.00 2.50
V
IF=20mA
Reverse Current
IR
---
---
10
µA
VR=5V
Notes:
1. Luminous Intensity Measurement allowance is ± 10%.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous
intensity.
3. The dominant wavelength (λd) is derived from the CIE chromaticity diagram and
represents the single wavelength which defines the color of the device.


Similar Part No. - LL-483UYC1C-Y2-4G_15

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-483UYC1C-Y2-4G LUCKY-LIGHT-LL-483UYC1C-Y2-4G Datasheet
135Kb / 7P
   4.8mm Round Wide Viewing Angle Type Ultra Yellow LED Technical Data Sheet
LL-483UYC1C-Y2-4G LUCKY-LIGHT-LL-483UYC1C-Y2-4G Datasheet
135Kb / 7P
   Ultra Yellow LED
More results

Similar Description - LL-483UYC1C-Y2-4G_15

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-304UYC2L-Y2-TS LUCKY-LIGHT-LL-304UYC2L-Y2-TS Datasheet
134Kb / 7P
   Ultra Yellow LED
LL-304UYC4B-Y2-3AD LUCKY-LIGHT-LL-304UYC4B-Y2-3AD Datasheet
133Kb / 7P
   Ultra Yellow LED
LL-434UYD2J-Y3-1B-T LUCKY-LIGHT-LL-434UYD2J-Y3-1B-T_15 Datasheet
134Kb / 7P
   Ultra Yellow LED
LL-483UYC1C-Y2-TS LUCKY-LIGHT-LL-483UYC1C-Y2-TS_15 Datasheet
133Kb / 7P
   Ultra Yellow LED
LL-304UYC2L-Y2-3A LUCKY-LIGHT-LL-304UYC2L-Y2-3A_15 Datasheet
134Kb / 7P
   Ultra Yellow LED
LL-304UYC4B-Y2-2BD LUCKY-LIGHT-LL-304UYC4B-Y2-2BD_15 Datasheet
133Kb / 7P
   Ultra Yellow LED
LL-304UYC4B-Y2-4GD LUCKY-LIGHT-LL-304UYC4B-Y2-4GD_15 Datasheet
133Kb / 7P
   Ultra Yellow LED
LL-544UYD2I-Y2-4G LUCKY-LIGHT-LL-544UYD2I-Y2-4G_15 Datasheet
133Kb / 7P
   Ultra Yellow LED
LL-434UYD2J-Y2-3A-T LUCKY-LIGHT-LL-434UYD2J-Y2-3A-T Datasheet
137Kb / 7P
   Ultra Yellow LED
LL-434UYD2J-Y2-TS-T LUCKY-LIGHT-LL-434UYD2J-Y2-TS-T Datasheet
134Kb / 7P
   Ultra Yellow LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com