Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT5570 Datasheet(PDF) 6 Page - Linear Technology

Part # LT5570
Description  Fast Responding, 40MHz to 2.7GHz Mean-Squared Power Detector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5570 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT5570 Datasheet HTML 2Page - Linear Technology LT5570 Datasheet HTML 3Page - Linear Technology LT5570 Datasheet HTML 4Page - Linear Technology LT5570 Datasheet HTML 5Page - Linear Technology LT5570 Datasheet HTML 6Page - Linear Technology LT5570 Datasheet HTML 7Page - Linear Technology LT5570 Datasheet HTML 8Page - Linear Technology LT5570 Datasheet HTML 9Page - Linear Technology LT5570 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT5570
6
5570f
TYPICAL PERFORMANCE CHARACTERISTICS
Linearity Error vs RF Input Power,
2700MHz Modulated Waveforms
Slope vs Frequency
Logarithmic Intercept vs
Frequency
(Test Circuits Shown in Figures 1 and 3)
RF INPUT POWER (dBm)
–45
1
2
3
–25
–5
5570 G10
0
–1
–35
–15
5
15
–2
–3
CW
4CH WCDMA
3CH CDMA2000
TA = 25°C
FREQUENCY (MHz)
0
32
34
36
38
40
42
500
1000
1500
2000
5570 G11
2500
3000
TA = 25°C
FREQUENCY (MHz)
0
–60
–55
–50
–45
–40
–35
500
1000
1500
2000
5570 G12
2500
3000
TA = 25°C
Output Voltage, Linearity Error vs
RF Input Power, 2140MHz
Linearity Error vs RF Input Power,
2140MHz Modulated Waveforms
Output Voltage, Linearity Error vs
RF Input Power, 2700MHz
RF INPUT POWER (dBm)
–45
1.6
2.0
2.4
–25
–5
5570 G07
1.2
0.8
–35
–15
5
15
0.4
0
1
2
3
0
–1
–2
–3
TA = –40°C
TA = 25°C
TA = 85°C
RF INPUT POWER (dBm)
–45
1
2
3
–25
–5
5570 G08
0
–1
–35
–15
5
15
–2
–3
CW
4CH WCDMA
3CH CDMA2000
TA = 25°C
RF INPUT POWER (dBm)
–45
1.6
2.0
2.4
–25
–5
5570 G09
1.2
0.8
–35
–15
5
15
0.4
0
1
2
3
0
–1
–2
–3
TA = –40°C
TA = 25°C
TA = 85°C


Similar Part No. - LT5570

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5570 LINER-LT5570 Datasheet
269Kb / 16P
   Fast Responding, 40MHz to 2.7GHz Mean-Squared Power Detector
LT5570 LINER-LT5570 Datasheet
228Kb / 14P
   UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
LT5570IDD-PBF LINER-LT5570IDD-PBF Datasheet
269Kb / 16P
   Fast Responding, 40MHz to 2.7GHz Mean-Squared Power Detector
LT5570IDD-TRPBF LINER-LT5570IDD-TRPBF Datasheet
269Kb / 16P
   Fast Responding, 40MHz to 2.7GHz Mean-Squared Power Detector
More results

Similar Description - LT5570

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5570 LINER-LT5570 Datasheet
269Kb / 16P
   Fast Responding, 40MHz to 2.7GHz Mean-Squared Power Detector
logo
Analog Devices
ADL6010ACPZN-R2 AD-ADL6010ACPZN-R2 Datasheet
457Kb / 10P
   Fast Responding, 45-dB Range 500 MHz to 40 GHz Power Detector
Rev. PrB
ADL6010 AD-ADL6010_17 Datasheet
1Mb / 22P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
ADL6010 AD-ADL6010_V01 Datasheet
1Mb / 23P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
Rev. E
ADL6010 AD-ADL6010 Datasheet
1Mb / 22P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
logo
Texas Instruments
LMH2121 TI1-LMH2121 Datasheet
1Mb / 30P
[Old version datasheet]   3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
LMH2121TME TI-LMH2121TME Datasheet
1Mb / 30P
[Old version datasheet]   LMH2121 3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
logo
Linear Technology
LT5538 LINER-LT5538_15 Datasheet
240Kb / 12P
   40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
LTC5582 LINER-LTC5582_15 Datasheet
399Kb / 16P
   40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
LTC5582 LINER-LTC5582 Datasheet
395Kb / 16P
   40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com