Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL-463ADS Datasheet(PDF) 6 Page - Lucky Light Electronic

Part # LL-463ADS
Description  Amber LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-463ADS Datasheet(HTML) 6 Page - Lucky Light Electronic

  LL-463ADS_15 Datasheet HTML 1Page - Lucky Light Electronic LL-463ADS_15 Datasheet HTML 2Page - Lucky Light Electronic LL-463ADS_15 Datasheet HTML 3Page - Lucky Light Electronic LL-463ADS_15 Datasheet HTML 4Page - Lucky Light Electronic LL-463ADS_15 Datasheet HTML 5Page - Lucky Light Electronic LL-463ADS_15 Datasheet HTML 6Page - Lucky Light Electronic LL-463ADS_15 Datasheet HTML 7Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Luckylight
Spec No.: 463
Rev No: V.3
Date: Nov./28/2006
Page: 6 OF 7
Approved: ZHOU
Checked: Wu
Drawn: Shu
Lucky Light Electronics Co., Ltd.
http://www.luckylight.cn
Reliability Test Items And Conditions:
The reliability of products shall be satisfied with items listed below:
Confidence level: 90%.
LTPD: 10%.
1) Test Items and Results:
No.
Test Item
Test
Hours/Cycles
Test Conditions
Sample
Size
Ac/Re
1
Resistance to
Soldering Heat
6 Min
Tsld=260±5℃,
Min. 5sec
25pcs
0/1
2
Thermal Shock
300 Cycles
H: +100℃ 5min ∫ 10
sec
L: -10℃ 5min
25pcs
0/1
3
Temperature
Cycle
300 Cycles
H: +100℃ 15min ∫
5min
L: -40℃ 15min
25pcs
0/1
4
High
Temperature
Storage
1000Hrs.
Temp: 100℃
25pcs
0/1
5
DC Operating
Life
1000Hrs.
IF=20mA
25pcs
0/1
6
Low
Temperature
Storage
1000Hrs.
Temp: -40℃
25pcs
0/1
7
High
Temperature/
High Humidity
1000Hrs.
85℃/85%RH
25pcs
0/1
2) Criteria for Judging the Damage:
Criteria for Judgment
Item
Symbol
Test Conditions
Min
Max
Forward Voltage
VF
IF=20mA
---
F.V.*)×1.1
Reverse Current
IR
VR=5V
---
F.V.*)×2.0
Luminous Intensity
IV
IF=20mA
F.V.*)×0.7
---
*) F.V.: First Value.


Similar Part No. - LL-463ADS_15

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-463ADS LUCKY-LIGHT-LL-463ADS Datasheet
136Kb / 7P
   6.22mm횞3.68mm Rectangular Type Amber LED Technical Data Sheet
LL-463ADS LUCKY-LIGHT-LL-463ADS Datasheet
136Kb / 7P
   Amber LED
More results

Similar Description - LL-463ADS_15

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NGPAR70ASS NICHIA-NGPAR70ASS Datasheet
268Kb / 13P
   AMBER LED
logo
Lucky Light Electronic
LL-503AD2E-A1 LUCKY-LIGHT-LL-503AD2E-A1 Datasheet
137Kb / 7P
   Amber LED
LL-503AD2E-A1 LUCKY-LIGHT-LL-503AD2E-A1_15 Datasheet
137Kb / 7P
   Amber LED
logo
NICHIA CORPORATION
NFSA123DT NICHIA-NFSA123DT Datasheet
275Kb / 18P
   AMBER LED
NCSA119BT-V1 NICHIA-NCSA119BT-V1 Datasheet
275Kb / 18P
    AMBER LED
NCSAE17AT NICHIA-NCSAE17AT Datasheet
297Kb / 19P
   AMBER LED
NCSA170DT NICHIA-NCSA170DT Datasheet
290Kb / 19P
   AMBER LED
NESA064T NICHIA-NESA064T_18 Datasheet
277Kb / 18P
   AMBER LED
logo
Lucky Light Electronic
LL-553AD1D-A1 LUCKY-LIGHT-LL-553AD1D-A1_15 Datasheet
132Kb / 7P
   Amber LED
logo
NICHIA CORPORATION
NFSA072T NICHIA-NFSA072T Datasheet
325Kb / 14P
   AMBER LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com