Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV19WSGH Datasheet(PDF) 3 Page - Zowie Technology Corporation

Part # BAV19WSGH
Description  Silicon Epit axial Planar Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

BAV19WSGH Datasheet(HTML) 3 Page - Zowie Technology Corporation

  BAV19WSGH Datasheet HTML 1Page - Zowie Technology Corporation BAV19WSGH Datasheet HTML 2Page - Zowie Technology Corporation BAV19WSGH Datasheet HTML 3Page - Zowie Technology Corporation BAV19WSGH Datasheet HTML 4Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Zowie Technology Corporation
REV. 0
PACKAGE DIMENSIONS
SOD-323
Unit : mm
2.55 ± 0.25
0.32 ± 0.08
1.27 ± 0.12
1.70 ± 0.1
*Dimensions in inches and (millimeters)
SOLDERING FOOTPRINT
SOD-323
0.031 (0.80)
Min.
0.083 (2.10)
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
Reel
Reel (pcs)
BAV19WSGH
A8
T2
T3
3,000
7"
BAV20WSGH
BAV21WSGH
Packaging
SOD-323
Carton (pcs)
60,000
120,000
Zowie Technology Corporation


Similar Part No. - BAV19WSGH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV19WSG VISHAY-BAV19WSG Datasheet
92Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 1.7, 12-Jul-17
More results

Similar Description - BAV19WSGH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT18 PHILIPS-BAT18_15 Datasheet
62Kb / 7P
   Silicon planar diode
Rev. 02-31 August 2004
logo
Vishay Siliconix
BA604 VISHAY-BA604 Datasheet
43Kb / 3P
   Silicon Planar Diode
Rev. 2, 01-Apr-99
logo
NXP Semiconductors
BAT18 NXP-BAT18 Datasheet
51Kb / 7P
   Silicon planar diode
Rev. 02-31 August 2004
BAT18,215 NXP-BAT18,215 Datasheet
51Kb / 7P
   Silicon planar diode
Rev. 02-31 August 2004
logo
Vishay Siliconix
BAY135 VISHAY-BAY135 Datasheet
35Kb / 3P
   Silicon Planar Diode
Rev. 3, 18-Mar-99
logo
NXP Semiconductors
BAT18 PHILIPS-BAT18_04 Datasheet
44Kb / 7P
   Silicon planar diode
Rev. 02-31 August 2004
logo
KEC(Korea Electronics)
SMAZ3.6V-36V KEC-SMAZ3.6V-36V Datasheet
365Kb / 3P
   ZENER DIODE SILICON PLANAR DIODE
logo
Semtech Corporation
CDG22 SEMTECH-CDG22 Datasheet
50Kb / 1P
   SILICON PLANAR BIASING DIODE
logo
GOOD-ARK Electronics
1N4148 GOOD-ARK-1N4148 Datasheet
249Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
LL4448 GOOD-ARK-LL4448 Datasheet
211Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com