Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLL-E27B120-061-R25 Datasheet(PDF) 1 Page - BetLux Electronics

Part # TLL-E27B120-061-R25
Description  Ball Bulb ,120mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

TLL-E27B120-061-R25 Datasheet(HTML) 1 Page - BetLux Electronics

  TLL-E27B120-061-R25 Datasheet HTML 1Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
  
LED Ball Bulb
TLL-E27B90-061-XX
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V. 1
Page 1 of 1
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
■  Features:
Ø
Ball Bulb ,120mm
Ø
Product Number:   TLL-E27B120-061-XX
Ø
Led quautity:   25pcs/32pcs
Ø
Voltage:   110V/220-2320V
Ø
Color:   Red/ yellow/ blue/ green/ white/ orange/ purple
Ø
Base:   E27
Ø
Life time:   50000 hours
Ø
Weight:   0.13 kgs/PCS
n
Applications
Widely used for decoration field such as super market, hotel, tavern,
meeting-room, exhibition hall, show window, disco, karaoke singing-hall,
house decoration, hotels, etc.
n
Electrical-optical characteristics (Ta=32°C)
Part Number
LED#
Color
Voltage
Watts
(W)
Brightness
(LM)
Life
(H)
Base
TLL-E27B120-061-R25
25
Red
110/220
2.5
14
50000
E27
TLL-E27B120-061-Y25
25
Yellow
110/220
2.5
17
50000
E27
TLL-E27B120-061-B25
25
Blue
110/220
2.5
17
50000
E27
TLL-E27B120-061-G25
25
Green
110/220
2.5
32
50000
E27
TLL-E27B120-061-w25
25
White
110/220
2.5
39
50000
E27
TLL-E27B120-061-R32
32
Red
110/220
3.0
18
50000
E27
TLL-E27B120-061-Y32
32
Yellow
110/220
3.0
21
50000
E27
TLL-E27B120-061-B32
32
Blue
110/220
3.0
21
50000
E27
TLL-E27B120-061-G32
32
Green
110/220
3.0
40
50000
E27
TLL-E27B120-061-w32
32
White
110/220
3.0
50
50000
E27
■  Drawing
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is ±1mm(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice
120(4.72)
3.23


Similar Part No. - TLL-E27B120-061-R25

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
TLL-E27B60-061 BETLUX-TLL-E27B60-061 Datasheet
35Kb / 1P
   Ball Bulb , 60mm
TLL-E27B60-061-B12 BETLUX-TLL-E27B60-061-B12 Datasheet
35Kb / 1P
   Ball Bulb , 60mm
TLL-E27B60-061-G12 BETLUX-TLL-E27B60-061-G12 Datasheet
35Kb / 1P
   Ball Bulb , 60mm
TLL-E27B60-061-R12 BETLUX-TLL-E27B60-061-R12 Datasheet
35Kb / 1P
   Ball Bulb , 60mm
TLL-E27B60-061-R18 BETLUX-TLL-E27B60-061-R18 Datasheet
35Kb / 1P
   Ball Bulb , 60mm
More results

Similar Description - TLL-E27B120-061-R25

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
TLL-E27B60-061 BETLUX-TLL-E27B60-061 Datasheet
35Kb / 1P
   Ball Bulb , 60mm
logo
ADL Embedded Solutions
ADL120S ADL-ADL120S Datasheet
613Kb / 2P
   120mm x 120mm Stackable SBC 120mm x 120mm Stackable SBC
logo
BetLux Electronics
TLL-E27B90-061 BETLUX-TLL-E27B90-061 Datasheet
35Kb / 1P
   Ball Bulb , 90mm
logo
List of Unclassifed Man...
AC4715MS ETC1-AC4715MS Datasheet
59Kb / 1P
   120mm FAN SERIES
logo
Texas Instruments
RI-TRP-R9TD TI-RI-TRP-R9TD_09 Datasheet
114Kb / 4P
[Old version datasheet]   120mm CYLINDRICAL TRANSPONDER
RI-TRP-R9TD TI-RI-TRP-R9TD Datasheet
88Kb / 3P
[Old version datasheet]   120mm CYLINDRICAL TRANSPONDER
RI-TRP-R9TD TI1-RI-TRP-R9TD_16 Datasheet
544Kb / 5P
[Old version datasheet]   120mm CYLINDRICAL TRANSPONDER
logo
Qualtek Electronics Cor...
06450-B QUALTEK-06450-B Datasheet
207Kb / 1P
   FAN FILTER SCREEN (120mm)
08146 QUALTEK-08146 Datasheet
221Kb / 1P
   WIRE FORM FAN GUARD (120mm)
06450-SS QUALTEK-06450-SS Datasheet
203Kb / 1P
   FAN FILTER SCREEN (120mm)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com