Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD70F3035AYGC-8EU Datasheet(PDF) 6 Page - NEC

Part # UPD70F3035AYGC-8EU
Description  V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3035AYGC-8EU Datasheet(HTML) 6 Page - NEC

Back Button UPD70F3035AYGC-8EU Datasheet HTML 2Page - NEC UPD70F3035AYGC-8EU Datasheet HTML 3Page - NEC UPD70F3035AYGC-8EU Datasheet HTML 4Page - NEC UPD70F3035AYGC-8EU Datasheet HTML 5Page - NEC UPD70F3035AYGC-8EU Datasheet HTML 6Page - NEC UPD70F3035AYGC-8EU Datasheet HTML 7Page - NEC UPD70F3035AYGC-8EU Datasheet HTML 8Page - NEC UPD70F3035AYGC-8EU Datasheet HTML 9Page - NEC UPD70F3035AYGC-8EU Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Data Sheet U14780EJ1V0DS00
6
µµµµPD703034A, 703034AY, 703035A, 703035AY, 70F3035A, 70F3035AY
INTERNAL BLOCK DIAGRAM
ROM
CPU
PC
ROM
correction
HLDRQ (P96)
HLDAK (P95)
A13 to A15 (P34 to P36)
A16 to A21 (P60 to P65)
A1 to A12
(P100 to P107, P110 to P113)
AD0 to AD15
(P40 to P47, P50 to P57)
CLKOUT
X1
X2
XT1
XT2
RESET
VDD
VSS
BVDD
BVSS
EVDD
EVSS
VPPNote 4
ICNote 5
ASTB (P94)
DSTB/RD (P93)
R/W/WRH (P92)
UBEN (P91)
LBEN/WRL (P90)
WAIT (P110)
Multiplier
16
× 16 → 32
32-bit barrel
shifter
System
registers
General-purpose
registers
32 bits
× 32
Note 1
Note 2
RAM
INTC
SIO
CSI0/I2C0Note 3
CSI2/I2C1Note 3
CSI1/UART0
CSI3/UART1
Variable length
CSI4
Key return
function
DMAC: 6ch
SO0
SI0/SDA0Note 3
SCK0/SCL0Note 3
Watch timer
Watchdog timer
NMI
INTP0 to INTP6
TI00, TI01,
TI10, TI11
TO0, TO1
TI2/TO2
TI3/TO3
TI4/TO4
TI5/TO5
SO2
SI2/SDA1Note 3
SCK2/SCL1Note 3
SO1/TXD0
SI1/RXD0
SCK1/ASCK0
SO3/TXD1
SI3/RXD1
SCK3/ASCK1
SO4
SI4
SCK4
KR0 to KR7
ALU
Ports
RTP
CG
3.0 V
Regulator
A/D
converter
Instruction
queue
BCU
Timer/counters
16-bit timer
: TM0, TM1
8-bit timer
: TM2 to TM7
IEBus
IETX
IERX
Notes 1.
µPD703034A, 703034AY:
128 KB (mask ROM)
µPD703035A, 703035AY:
256 KB (mask ROM)
µPD70F3035A, 70F3035AY: 256 KB (flash memory)
2.
µPD703034A, 703034AY:
12 KB
µPD703035A, 703035AY, 70F3035A, 70F3035AY: 16 KB
3.
I
2C bus interface and SDAn and SCLn pins are available only in the
µPD703034AY, 703035AY,
and 70F3035AY.
4.
µPD70F3035A, 70F3035AY
5.
µPD703034A, 703034AY, 703035A, 703035AY


Similar Part No. - UPD70F3035AYGC-8EU

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD70F3032AGF-3BA RENESAS-UPD70F3032AGF-3BA Datasheet
513Kb / 54P
   MOS INTEGRATED CIRCUITS
2000
UPD70F3032AYGF-3BA RENESAS-UPD70F3032AYGF-3BA Datasheet
513Kb / 54P
   MOS INTEGRATED CIRCUITS
2000
logo
NEC
UPD70F3033A NEC-UPD70F3033A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3033AGC-8EU NEC-UPD70F3033AGC-8EU Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD70F3033AGC-8EU RENESAS-UPD70F3033AGC-8EU Datasheet
609Kb / 54P
   MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - UPD70F3035AYGC-8EU

ManufacturerPart #DatasheetDescription
logo
NEC
UPD703037A NEC-UPD703037A Datasheet
332Kb / 28P
   V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3040 NEC-UPD70F3040 Datasheet
283Kb / 44P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703039 NEC-UPD703039 Datasheet
292Kb / 9P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3017A NEC-UPD70F3017A Datasheet
337Kb / 8P
   V850/SA1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
UPD703014A NEC-UPD703014A Datasheet
309Kb / 8P
   V850/SA1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100-33 NEC-UPD703100-33 Datasheet
752Kb / 126P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com