Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM0894 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM0894
Description  STM32W-SK and STM32W-EXT starter and extension kits for STM32W108xx microcontrollers
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0894 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM0894 Datasheet HTML 4Page - STMicroelectronics UM0894 Datasheet HTML 5Page - STMicroelectronics UM0894 Datasheet HTML 6Page - STMicroelectronics UM0894 Datasheet HTML 7Page - STMicroelectronics UM0894 Datasheet HTML 8Page - STMicroelectronics UM0894 Datasheet HTML 9Page - STMicroelectronics UM0894 Datasheet HTML 10Page - STMicroelectronics UM0894 Datasheet HTML 11Page - STMicroelectronics UM0894 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
Getting started
UM0894
8/45
Doc ID 16999 Rev 6
STM32W-EXT
The extension kit package contains two STM32W108 application boards (MB851) and two
STM32W108 application boards with a power amplifier (MB954).
Note:
For information concerning the STM32W108xx application boards, refer to the STM32W 32-
bit RF microcontroller webpages at www.st.com/stm32w.
1.2
Revision numbers of STM32W108xx starter and extension kit
boards
Table 2 details the STM32W108xB starter and extension kit board revision numbers versus
those of the STM32W108CC.
.
NA = Not applicable
1.3
MB850 hardware description
1.3.1
MB850 resources
None
Figure 3.
MB851 application board
Figure 4.
MB954 application board with a
power amplifier
Table 2.
Boards revision numbers
STM32W108xB (128K Flash)
STM32W108CC (256K Flash)
MB851
Revision A, B, C
Revision D
MB954
Revision A, B
Revision C
MB951
NA
Revision B
MB850
Revision A
NA


Similar Part No. - UM0894

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0890 STMICROELECTRONICS-UM0890 Datasheet
442Kb / 7P
   2-stage RF power amplifier with LPF based on the PD85006L-E and STAP85050 RF power transistors
UM0897 STMICROELECTRONICS-UM0897 Datasheet
711Kb / 25P
   Embedded Ethernet web client based on the STR91x
More results

Similar Description - UM0894

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32W-SK STMICROELECTRONICS-STM32W-SK Datasheet
83Kb / 4P
   Starter and extension kits for STM32W108xx microcontrollers
STM32W-RFCKIT STMICROELECTRONICS-STM32W-RFCKIT Datasheet
187Kb / 3P
   STM32W Low-cost RF control kit
STM32W-RFCKIT STMICROELECTRONICS-STM32W-RFCKIT_13 Datasheet
185Kb / 4P
   STM32W low-cost RF control kit
STR91X-SK STMICROELECTRONICS-STR91X-SK Datasheet
194Kb / 4P
   Keil starter kits for STR7 and STR9
STL40N75LF3 STMICROELECTRONICS-STL40N75LF3 Datasheet
135Kb / 5P
   Keil starter kits for ST ARM core-based microcontrollers
STM3210B-SK STMICROELECTRONICS-STM3210B-SK Datasheet
69Kb / 5P
   IAR starter kits for ST ARM core-based microcontrollers
STM32-SK-IAR STMICROELECTRONICS-STM32-SK-IAR Datasheet
86Kb / 5P
   IAR??starter kits for ST ARM core-based microcontrollers
STM32-SK STMICROELECTRONICS-STM32-SK Datasheet
88Kb / 5P
   Hitex starter kits for ST ARM core-based microcontrollers
ST72321B-D STMICROELECTRONICS-ST72321B-D Datasheet
220Kb / 6P
   Raisonances complete, low-cost starter kits for STM8 and ST7
logo
VIA Technologies, Inc.
ENT-610M VIA-ENT-610M Datasheet
438Kb / 2P
   Starter Kits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com