Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD70F3025A Datasheet(PDF) 6 Page - NEC

Part # UPD70F3025A
Description  V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3025A Datasheet(HTML) 6 Page - NEC

Back Button UPD70F3025A Datasheet HTML 2Page - NEC UPD70F3025A Datasheet HTML 3Page - NEC UPD70F3025A Datasheet HTML 4Page - NEC UPD70F3025A Datasheet HTML 5Page - NEC UPD70F3025A Datasheet HTML 6Page - NEC UPD70F3025A Datasheet HTML 7Page - NEC UPD70F3025A Datasheet HTML 8Page - NEC UPD70F3025A Datasheet HTML 9Page - NEC UPD70F3025A Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
µPD70F3003A, 70F3025A
6
Data Sheet U13189EJ3V0DS00
1. DIFFERENCES AMONG PRODUCTS
Parameter
µPD703003 µPD703003A µPD703004A µPD703025A µPD70F3003 µPD70F3003A µPD70F3025A
Internal ROM
Mask ROM
Flash memory
128K bytes
96K bytes 256K bytes 128K bytes
256K bytes
Internal RAM
4K bytes
8K bytes
4K bytes
8K bytes
Operation Normal
Single chip
Provided
mode
operation
mode
mode
ROM-less mode
Provided
None
Provided
None
Flash memory programming mode
None
Provided
VPP pin
None
Provided
CKC register value at reset
00H
MODE = 0: 03H
00H
MODE = 0: 03H
MODE = 1: 00H
MODE = 1: 00H
Electrical specifications
Current consumption, etc. differs. (Refer to each product data sheets.)
Others
Noise immunity and noise radiation differ because circuit scale and mask
layout differ.


Similar Part No. - UPD70F3025A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F30025AGC-25 NEC-UPD70F30025AGC-25 Datasheet
32Kb / 4P
   32-bit RISC Microcontrollers
UPD70F30025AGC-33 NEC-UPD70F30025AGC-33 Datasheet
32Kb / 4P
   32-bit RISC Microcontrollers
logo
Renesas Technology Corp
UPD70F3003A RENESAS-UPD70F3003A Datasheet
467Kb / 49P
   MOS INTEGRATED CIRCUIT
1998
logo
NEC
UPD70F3004AGC-25 NEC-UPD70F3004AGC-25 Datasheet
32Kb / 4P
   32-bit RISC Microcontrollers
UPD70F3004AGC-33 NEC-UPD70F3004AGC-33 Datasheet
32Kb / 4P
   32-bit RISC Microcontrollers
More results

Similar Description - UPD70F3025A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD703003 NEC-UPD703003 Datasheet
452Kb / 82P
   V853TM 32/16-BIT SINGLE-CHIP MICROCONTROLLER
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Infineon Technologies A...
XC2269I INFINEON-XC2269I Datasheet
1Mb / 134P
   16/32-Bit Single-Chip Microcontroller
V1.3, 2014-07
XC2288I INFINEON-XC2288I Datasheet
1Mb / 145P
   16/32-Bit Single-Chip Microcontroller
V1.3 2014-07
XC2200 INFINEON-XC2200 Datasheet
1Mb / 62P
   16/32-Bit Single-Chip Microcontroller
XC2361B INFINEON-XC2361B_14 Datasheet
733Kb / 128P
   16/32-Bit Single-Chip Microcontroller
V1.5 2014-06
XC2700 INFINEON-XC2700 Datasheet
1Mb / 62P
   16/32-Bit Single-Chip Microcontroller
V1.7 2014-10
XC2788X INFINEON-XC2788X Datasheet
1Mb / 140P
   16/32-Bit Single-Chip Microcontroller
V1.3 2014-07
XC2230L INFINEON-XC2230L_15 Datasheet
2Mb / 112P
   16/32-Bit Single-Chip Microcontroller
V1.3 2015-02
XC2268I INFINEON-XC2268I Datasheet
1Mb / 132P
   16/32-Bit Single-Chip Microcontroller
V1.3 2014-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com