Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3804 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3804
Description  Secondary Side Dual Output Controller with Opto Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3804 Datasheet(HTML) 1 Page - Linear Technology

  LT3804 Datasheet HTML 1Page - Linear Technology LT3804 Datasheet HTML 2Page - Linear Technology LT3804 Datasheet HTML 3Page - Linear Technology LT3804 Datasheet HTML 4Page - Linear Technology LT3804 Datasheet HTML 5Page - Linear Technology LT3804 Datasheet HTML 6Page - Linear Technology LT3804 Datasheet HTML 7Page - Linear Technology LT3804 Datasheet HTML 8Page - Linear Technology LT3804 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT3804
1
3804i
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Final Electrical Specifications
s
Regulates Two Secondary Outputs
s
Optocoupler Feedback Driver and Second Output
Synchronous Driver Controller
s
True Differential Remote Sensing Regulation
s
High Switching Frequency: up to 800kHz
s
Programmable Current Limit
s
Programmable Soft-Start and Power Good
s
Automatic Frequency Synchronization
s
Available in Thermally Enhanced 28-Lead TSSOP
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
The LT
®3804 is a high efficiency step-down switching
regulator with optocoupler feedback control for regulating
multiple outputs in single-secondary winding isolated
power supplies.
The LT3804 contains an error amplifier and an optocoupler
driver to regulate the first (main) output. For the second
output regulation, the LT3804 contains a complete PWM
controller to drive dual synchronous N-channel MOSFETs.
With leading edge modulation, it operates with either
current or voltage mode control of the primary side. The
LT3804 is synchronized to the falling edge of the trans-
former secondary winding and can be used in single-
ended or double-ended isolated power converter topolo-
gies. A user selectable discontinuous conduction mode
improves light load efficiency.
True differential Kelvin sensing is used for each output
feedback amplifier to achieve high regulation accuracy
and design simplicity. Other features include soft start,
current limit and power good flags.
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
48V Input Isolated DC/DC Converters
s
Multiple Output Power Supplies
s
Offline Converters
s
DC/DC Power Modules
Secondary Side Dual
Output Controller with Opto Driver
June 2003
IN2
IN1
OUT2
OUT1
VCC
BIAS
VOUT1
3.3V
AT 15A
BG
SG
LT3781
ISOLATION
BOUNDARY
COUT1, COUT2: SANYO POSCAP 4TPE680MF 680µF/4V
L1, L2: SUMIDA CEP125-IR8MC-H
Q1-Q4: SILICONIX Si7892DP
VIN
36V
TO 72V
VREF
VC
VFB
TG
Q1
Q2
L2
1.8
µH
0.003
+
VOUT2
1.8V
AT 15A
COUT1
+
LTC1693-1
CL1N
CL1P
VCC
CSET
GNDS1
VFB1
VAOUT1
OPTO
SYNC
TGATE
SW
BGATE
PGND
CL2N
VFB2
Q4
x2
x2
Q3
CL2P
VAOUT2
GNDS2
COUT2
+
L1
1.8
µH
VOS1+
VOS1
VOS1+
VOS1
1.5k
3.01k
604
LT3804
2.74k
390pF
3804 F01
0.003
Figure 1. 250kHz, 3.3V and 1.8V Output Isolated DC/DC Converter (Simplified Schematic)


Similar Part No. - LT3804

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3804 LINER-LT3804 Datasheet
264Kb / 16P
   Secondary Side Dual Output Controller with Opto Driver
LT3804EFE LINER-LT3804EFE Datasheet
264Kb / 16P
   Secondary Side Dual Output Controller with Opto Driver
More results

Similar Description - LT3804

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3804 LINER-LT3804 Datasheet
264Kb / 16P
   Secondary Side Dual Output Controller with Opto Driver
LT4430 LINER-LT4430_15 Datasheet
575Kb / 26P
   Secondary-Side Opto-Coupler Driver
LT4430 LINER-LT4430_1 Datasheet
479Kb / 26P
   Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
logo
Maxim Integrated Produc...
MAX17690EVKITE MAXIM-MAX17690EVKITE Datasheet
896Kb / 10P
   MAX17690 No-Opto Flyback with Secondary-Side Synchronous Rectification
Rev 0; 6/18
MAX17690EVKITA MAXIM-MAX17690EVKITA Datasheet
739Kb / 8P
   MAX17690 No-Opto Flyback with Secondary-Side Synchronous Rectification
Rev 2; 11/17
logo
National Semiconductor ...
LM3101 NSC-LM3101 Datasheet
306Kb / 20P
   Secondary-Side PWM Controller
logo
Linear Technology
LT4430ES6 LINER-LT4430ES6 Datasheet
2Mb / 20P
   Secondary-Side Optocoupler Driver
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
   Secondary Side Post Regulator Controller
logo
Diodes Incorporated
APR346 DIODES-APR346 Datasheet
380Kb / 11P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
APR347 DIODES-APR347 Datasheet
439Kb / 9P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com