Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3497 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3497
Description  Dual Full Function White LED Driver with Integrated Schottky Diodes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3497 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3497_15 Datasheet HTML 5Page - Linear Technology LT3497_15 Datasheet HTML 6Page - Linear Technology LT3497_15 Datasheet HTML 7Page - Linear Technology LT3497_15 Datasheet HTML 8Page - Linear Technology LT3497_15 Datasheet HTML 9Page - Linear Technology LT3497_15 Datasheet HTML 10Page - Linear Technology LT3497_15 Datasheet HTML 11Page - Linear Technology LT3497_15 Datasheet HTML 12Page - Linear Technology LT3497_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT3497
9
3497f
APPLICATIONS INFORMATION
DUTY CYCLE
The duty cycle for a step-up converter is given by:
D
VV
V
VV
V
OUT
D
IN
OUT
D
CESAT
=
+
+
where:
VOUT = Output voltage
VD = Schottky forward voltage drop
VCESAT = Saturation voltage of the switch
VIN = Input voltage
The maximum duty cycle achievable for LT3497 is 88%
when running at 2.3MHz switching frequency. Always
ensure that the converter is not duty-cycle limited when
powering the LEDs at a given frequency.
INDUCTOR SELECTION
A 15µH inductor is recommended for most LT3497 ap-
plications. Although small size and high efficiency are
major concerns, the inductor should have low core losses
at 2.3MHz and low DCR (copper wire resistance). Some
inductors in this category with small size are listed in
Table 1. The efficiency comparison of different inductors
is shown in Figure 3.
Table 1: Recommended Inductors
PART
L
(µH)
MAX
DCR
(Ω)
CURRENT
RATING
(mA)
VENDOR
LQH32CN150K53
LQH2MCN150K02
LQH32CN100K53
LQH2MCN100K02
15
15
10
10
0.58
1.6
0.3
1.2
300
200
450
225
Murata
www.murata.com
SD3112-150
15
0.654
440
Cooper
www.cooperet.com
1001AS-150M
(TYPE D312C)
15
0.80
360
Toko
www.toko.com
CDRH2D11/HP
15
0.739
410
Sumida
www.sumida.com
CAPACITOR SELECTION
The small size of ceramic capacitors make them ideal for
LT3497 applications. Use only X5R and X7R types because
they retain their capacitance over wider temperature ranges
than other types such as Y5V or Z5U. A 1µF input capacitor
and a 1µF output capacitor are sufficient for most applica-
tions. Table 2 shows a list of several ceramic capacitor
manufacturers. Consult the manufacturers for detailed
information on their entire selection of ceramic parts.
Table 2: Recommended Ceramic Capacitor Manufacturers
Taiyo Yuden
(800) 368-2496
www.t-yuden.com
AVX
(803) 448-9411
www.avxcorp.com
Murata
(714) 852-2001
www.murata.com
OVERVOLTAGE PROTECTION
The LT3497 has an internal open-circuit protection
circuit for both converters. In the cases of output open
circuit, when the LEDs are disconnected from the circuit
or the LEDs fail open circuit, the converter VCAP voltage
is clamped at 32V (typ). Figure 4a shows the transient
response of the front page application step-up converter
with LED1 disconnected. With LED1 disconnected, the
converter starts switching at the peak inductor current
limit. The converter output starts ramping up and finally
gets clamped at 32V (typ). The converter will then switch
at low inductor current to regulate the converter output
at the clamp voltage. The VCAP and input current during
output open circuit are shown in the Typical Performance
Characteristics.
Figure 3. Efficiency Comparison of Different Inductors
LED CURRENT (mA)
0
65
70
80
15
µH MURATA LQH32CN150K53
15
µH MURATA LQH2MCN150K02
15
µH COOPER SD3112-150
15
µH TOKO 1001AS-150M TYPE D312C
15
µH SUMIDA CDRH2D11/HP
15
3497 F03
60
55
510
20
50
45
75


Similar Part No. - LT3497_15

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT3497EDDB LINEAR-LT3497EDDB Datasheet
345Kb / 20P
   Dual Full Function White LED Driver with Integrated Schottky Diodes
More results

Similar Description - LT3497_15

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT3497 LINEAR-LT3497 Datasheet
345Kb / 20P
   Dual Full Function White LED Driver with Integrated Schottky Diodes
logo
Linear Technology
LT3466 LINER-LT3466 Datasheet
324Kb / 20P
   Dual Full Function White LED Step-Up Converter with Built-In Schottky Diodes
LT3466 LINER-LT3466_15 Datasheet
496Kb / 20P
   Dual Full Function White LED Step-Up Converter with Built-In Schottky Diodes
LT3591 LINER-LT3591_15 Datasheet
298Kb / 16P
   White LED Driver with Integrated Schottky
LT3491 LINER-LT3491_15 Datasheet
273Kb / 16P
   White LED Driver with Integrated Schottky in SC70
logo
Linear Integrated Syste...
LT3591EDDB LINEAR-LT3591EDDB Datasheet
274Kb / 16P
   White LED Driver with Integrated Schottky in 3mm 2mm DFN
logo
Linear Technology
LT3519 LINER-LT3519_15 Datasheet
271Kb / 20P
   LED Driver with Integrated Schottky Diode
LT3519-2 LINER-LT3519-2_15 Datasheet
271Kb / 20P
   LED Driver with Integrated Schottky Diode
LT3519-1 LINER-LT3519-1_15 Datasheet
271Kb / 20P
   LED Driver with Integrated Schottky Diode
LT3519 LINER-LT3519 Datasheet
245Kb / 16P
   LED Driver with Integrated Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com