Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLS-CTR-RGB Datasheet(PDF) 2 Page - BetLux Electronics

Part # TLS-CTR-RGB
Description  105*65*25mm dimension
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

TLS-CTR-RGB Datasheet(HTML) 2 Page - BetLux Electronics

  TLS-CTR-RGB Datasheet HTML 1Page - BetLux Electronics TLS-CTR-RGB Datasheet HTML 2Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
  
RGB LED strip control unit
TLS-CTR-RGB
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.2
Page 2 of 2
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , SALES@BETLUX.COM
Color changes as follows:
No.
Color
Remarks
No.
Color
Remarks
1
Red(static)
7
White(static)
Adjustable
brightness,
the speed is
not
adjustable
2
Blue (static)
8
Tricolor hopping
3
Purple(static)
9
Seven-color
hopping
Adjustable
brightness
and speed
4
Green(static)
10
Tricolor
gradient
5
Yellow(static)
11
Seven-color
gradient
Adjustable speed
6
Cyan(static)
Adjustable
brightness,
the speed is
not
adjustable
III、Control Panel and connection as follows:
IV、Attention:
1、 The supply voltage for the product is DC12V, DC24V or AC220V is not
available.
2、 Never connect the cathode and the anode together, otherwise it may lead to short circuit.
3、 Output line should be connected under the wiring diagram provided by the color


Similar Part No. - TLS-CTR-RGB

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
TLS-CTR-RGB-A BETLUX-TLS-CTR-RGB-A Datasheet
131Kb / 2P
   105*65*25mm dimension
More results

Similar Description - TLS-CTR-RGB

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
TLS-CTR-RGB-A BETLUX-TLS-CTR-RGB-A Datasheet
131Kb / 2P
   105*65*25mm dimension
logo
Xtaltq Technologies Co....
BO2525H XTALTQ-BO2525H Datasheet
221Kb / 2P
   DIP(25mm*25mm)
Mar.27, 2016
logo
Analog Devices
AD9216 AD-AD9216 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
   14-Bit, 65/80/95/105 MSPS A/D Converter
logo
NXP Semiconductors
ADC1213D065 NXP-ADC1213D065 Datasheet
214Kb / 38P
   Dual 12-bit ADC; 65, 80, 105 or 125 Msps
Rev. 02-17 June 2009
logo
Analog Devices
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
AD9215 AD-AD9215_13 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9215 AD-AD9215_15 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com