Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3487 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3487
Description  Boost and Inverting Switching Regulator for CCD Bias
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3487 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3487_15 Datasheet HTML 7Page - Linear Technology LT3487_15 Datasheet HTML 8Page - Linear Technology LT3487_15 Datasheet HTML 9Page - Linear Technology LT3487_15 Datasheet HTML 10Page - Linear Technology LT3487_15 Datasheet HTML 11Page - Linear Technology LT3487_15 Datasheet HTML 12Page - Linear Technology LT3487_15 Datasheet HTML 13Page - Linear Technology LT3487_15 Datasheet HTML 14Page - Linear Technology LT3487_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT3487
11
3487f
Figure 4. VCE vs I of Output Disconnect
Choosing a Feedback Node
The positive channel feedback resistor, R1, may be con-
nected to the VPOS pin or to the CAP pin (see Figure 5).
Regulating the VPOS pin eliminates the output offset result-
ing from the voltage drop across the output disconnect.
However, in the case of a short-circuit fault at the VPOS
pin, the LT3487 will switch continuously because the FBP
pin is low. While operating in this open-loop condition, the
rising voltage at the CAP pin is limited only by the current
limit of the output disconnect. Given worst-case parameters
this voltage may reach 18V in a Li-Ion application. Care
must be taken in high VIN applications when regulating
from the VPOS pin. When the short-circuit is removed, the
VPOS pin will bounce up to the voltage on the CAP pin,
potentially exceeding the programmed output voltage until
the capacitor voltages fall back into regulation. While this
is harmless to the LT3487, this should be considered in
the context of the external circuitry if short-circuit events
are expected. Regulating the CAP pin ensures that the
voltage on the VPOS pin never exceeds the set output volt-
age after a short-circuit event. However, this setup does
not compensate for the voltage drop across the output
disconnect, resulting in an output voltage that is slightly
lower than the voltage set by the feedback resistor. This
voltage drop (VDISC) can be accounted for when using
the CAP pin as the feedback node by setting the output
voltage according to the following formula (using VDISC
from Figure 4):
R
V
µA
DISC
1
123
25
=
+
VPOS
–.
VBAT
The VBAT pin is a new innovation in the LT3487 that allows
output disconnect operation in a wide range of applica-
tions. The VBAT pin allows the part to stay on until CAP is
less than 1.2V above VBAT. This ensures that the positive
bias doesn’t fall before the negative bias discharges. In
some applications it may be useful to power the inductors
from a different source than VIN. In this case, connect
VBAT to the source powering the inductors to allow proper
operation of the disconnect. For example, in an automotive
system there may already be a buck regulator producing
3.3V from a 12V battery. The LT3487 enables the user
to power VIN from the 3.3V rail, but power the VBAT pin
APPLICATIO S I FOR ATIO
Figure 5. Feedback Connection Using the VPOS and CAP Pins
DISCONNECT CURRENT (mA)
0
0
50
100
150
200
250
300
20
40
60
80
2400 G31
100
SWN
VIN
CAP
FBP
VPOS
VBAT
LT3487
GND
SWP
DN
FBN
RUN/SS
3487 F05
VPOS
SWN
VIN
CAP
FBP
VPOS
VBAT
LT3487
GND
SWP
DN
FBN
RUN/SS
VPOS


Similar Part No. - LT3487_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3487EDD LINER-LT3487EDD Datasheet
289Kb / 16P
   Boost and Inverting Switching Regulator for CCD Bias
More results

Similar Description - LT3487_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3487 LINER-LT3487 Datasheet
289Kb / 16P
   Boost and Inverting Switching Regulator for CCD Bias
LT3472 LINER-LT3472_15 Datasheet
233Kb / 12P
   Boost and Inverting DC/DC Converter for CCD Bias
LT3472 LINER-LT3472 Datasheet
227Kb / 12P
   Boost and Inverting DC/DC Converter for CCD Bias
logo
Texas Instruments
MC33063A-Q1 TI-MC33063A-Q1 Datasheet
282Kb / 14P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATOR
logo
Sipex Corporation
SP34063A SIPEX-SP34063A Datasheet
114Kb / 10P
   1.5A Buck/Boost/Inverting DC-DC Switching Regulator
logo
Fairchild Semiconductor
RC4391 FAIRCHILD-RC4391 Datasheet
153Kb / 22P
   Inverting and Step-Down Switching Regulator
logo
Allegro MicroSystems
A8480 ALLEGRO-A8480 Datasheet
531Kb / 17P
   Boost Regulator for Display Bias or LED Driver
logo
Texas Instruments
MC33063A-Q1 TI-MC33063A-Q1_15 Datasheet
694Kb / 26P
[Old version datasheet]   MC33063A-Q1 1.5-A Peak Boost, Buck, Inverting Switching Regulator
logo
Linear Technology
LT8364 LINER-LT8364 Datasheet
509Kb / 6P
   Low IQ Boost/SEPIC/Inverting Regulator
logo
Aimtron Technology
AT1380A AIMTRON-AT1380A Datasheet
332Kb / 12P
   Switching Regulator Controller for LCD Bias
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com