Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T16A6CI Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # T16A6CI
Description  BI-DIRECTIONAL TRIODE THYRISTOR 16A MOLD TRIAC (AC POWER CONTROL)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

T16A6CI Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  T16A6CI Datasheet HTML 1Page - KEC(Korea Electronics) T16A6CI Datasheet HTML 2Page - KEC(Korea Electronics) T16A6CI Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1997. 10. 28
2/3
T16A6CI
Revision No : 2
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Repetitive Peak Off-state Current
IDRM
VDRM=Rated
-
-
20
A
Gate Trigger Voltage
VGT
VD=12V,
RL=20
T2(+), Gate(+)
-
-
1.5
V
T2(+), Gate(-)
-
-
1.5
T2(-), Gate(-)
-
-
1.5
T2(-), Gate(+)
-
-
-
Gate Trigger Current
IGT
T2(+), Gate(+)
-
-
30
mA
T2(+), Gate(-)
-
-
30
T2(-), Gate(-)
-
-
30
T2(-), Gate(+)
-
-
-
Peak On-State Voltage
VTM
ITM=25A
-
-
1.5
V
Gate Non-Trigger Voltage
VGD
VD=Rated, Tc=125
0.2
-
-
V
Holding Current
IH
VD=12V, ITM=1A
-
-
50
mA
Critical Rate of Rise of
Off-state Voltage
dV/dt
Tj=125 , VDRM=Rated
Exponential Rise
-
300
-
V/ S
Critical Rate of Rise of
Off-state Voltage at commutation
(dV/dt)C
Tj=125 ,
(di/dt)C=-8.7A/mS, VD=2/3VDRM
10
-
-
V/ S
Thermal Resistance
Rth(j-c)
Junction to Case, AC
-
-
2.5
/W


Similar Part No. - T16A6CI

ManufacturerPart #DatasheetDescription
logo
NEC
T16A2 NEC-T16A2 Datasheet
87Kb / 2P
   Tape Autoloader
More results

Similar Description - T16A6CI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
T8A6CI KEC-T8A6CI Datasheet
82Kb / 3P
   BI-DIRECTIONAL TRIODE THYRISTOR 8A MOLD TRIAC (AC POWER CONTROL)
T12A6CI KEC-T12A6CI Datasheet
82Kb / 3P
   BI-DIRECTIONAL TRIODE THYRISTOR 10A MOLD TRIAC (AC POWER CONTROL)
T10A6CI KEC-T10A6CI Datasheet
82Kb / 3P
   BI-DIRECTIONAL TRIODE THYRISTOR 10A MOLD TRIAC (AC POWER CONTROL)
T1A6C KEC-T1A6C Datasheet
78Kb / 3P
   BI-DIRECTIONAL TRIODE THYRISTOR 1A MOLD TRIAC (AC POWER CONTROL)
T6A6CI KEC-T6A6CI Datasheet
91Kb / 3P
   Bi-Directional Triode Thyristor 6A Mold TRIAC
T3A6CI KEC-T3A6CI Datasheet
82Kb / 3P
   BI-DIRECTIONAL TRIODE THYRISTOR 3A MOLD TRIAC
logo
SHANTOU HUASHAN ELECTRO...
HTR1A80 HUASHAN-HTR1A80 Datasheet
1Mb / 4P
   BI-DIRECTIONAL TRIODE THYRISTOR (TRIAC)
HTR1A60 HUASHAN-HTR1A60 Datasheet
281Kb / 4P
   BI-DIRECTIONAL TRIODE THYRISTOR (TRIAC)
logo
Toshiba Semiconductor
SM2G41 TOSHIBA-SM2G41 Datasheet
95Kb / 1P
   BI-DIRECTIONAL TRIODE THYRISTOR(TRIAC)
logo
List of Unclassifed Man...
STF4A60 ETC1-STF4A60 Datasheet
655Kb / 6P
   Bi-Directional Triode Thyristor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com