Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3485-2 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3485-2
Description  Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3485-2 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3485-2_15 Datasheet HTML 2Page - Linear Technology LT3485-2_15 Datasheet HTML 3Page - Linear Technology LT3485-2_15 Datasheet HTML 4Page - Linear Technology LT3485-2_15 Datasheet HTML 5Page - Linear Technology LT3485-2_15 Datasheet HTML 6Page - Linear Technology LT3485-2_15 Datasheet HTML 7Page - Linear Technology LT3485-2_15 Datasheet HTML 8Page - Linear Technology LT3485-2_15 Datasheet HTML 9Page - Linear Technology LT3485-2_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT3485-0/LT3485-1/
LT3485-2/LT3485-3
6
34850123fb
LT3485-1 Switching Waveform
LT3485-2 Switching Waveform
LT3485-3 Switching Waveform
LT3485-0 Switching Waveform
LT3485-3 Switching Waveform
LT3485-2 Switching Waveform
LT3485-1 Switching Waveform
LT3485-0/LT3485-1/LT3485-2/
LT3485-3 Switch Breakdown
Voltage
LT3485-0 Switching Waveform
VSW
10V/DIV
1
µs/DIV
VIN = 3.6V
VOUT = 100V
3485 G19
IPRI
1A/DIV
VSW
10V/DIV
1
µs/DIV
VIN = 3.6V
VOUT = 100V
3485 G20
IPRI
1A/DIV
VSW
10V/DIV
1
µs/DIV
VIN = 3.6V
VOUT = 100V
3485 G21
IPRI
1A/DIV
VSW
10V/DIV
1
µs/DIV
VIN = 3.6V
VOUT = 300V
3485 G23
IPRI
1A/DIV
VSW
10V/DIV
1
µs/DIV
VIN = 3.6V
VOUT = 300V
3485 G24
IPRI
1A/DIV
VSW
10V/DIV
1
µs/DIV
VIN = 3.6V
VOUT = 300V
3485 G25
IPRI
1A/DIV
VSW
10V/DIV
1
µs/DIV
3485 G26
IPRI
2A/DIV
VIN = 3.6V
VOUT = 300V
SWITCH VOLTAGE (V)
0
102030405060708090 100
3485 G27
10
9
8
7
6
5
4
3
2
1
0
T = –40
°C
T = 25
°C
T = 85
°C
SW PIN IS RESISTIVE UNTIL BREAKDOWN
VOLTAGE DUE TO INTEGRATED
RESISTORS. THIS DOES NOT INCREASE
QUIESCENT CURRENT OF PART
VIN = VCHARGE = 5V
TYPICAL PERFOR A CE CHARACTERISTICS LT3485-0 curves use the circuit of Figure 8, LT3485-1
curves use the circuit of Figure 9, LT3485-2 use the circuit of Figure 10 and LT3485-3 use the circuit of Figure 11 unless otherwise noted.
VSW
10V/DIV
1
µs/DIV
3485 G22
IPRI
2A/DIV
VIN = 3.6V
VOUT = 100V


Similar Part No. - LT3485-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3485-2 LINER-LT3485-2 Datasheet
343Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
logo
Analog Devices
LT3485-2 AD-LT3485-2 Datasheet
1Mb / 16P
   Capacitor Charger Controller
More results

Similar Description - LT3485-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3485-1 LINER-LT3485-1_15 Datasheet
349Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
LT3485-0 LINER-LT3485-0_15 Datasheet
349Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
LT3485-0 LINER-LT3485-0 Datasheet
343Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
LT3485-3 LINER-LT3485-3_15 Datasheet
349Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
LT3484-0 LINER-LT3484-0 Datasheet
450Kb / 12P
   Photoflash Capacitor Chargers
LT3484-1 LINER-LT3484-1_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3484-2 LINER-LT3484-2_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3484-0 LINER-LT3484-0_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3420-1 LINER-LT3420-1_15 Datasheet
252Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
LT3420 LINER-LT3420_15 Datasheet
252Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com