Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-LS5050B1S1BGC-1W Datasheet(PDF) 2 Page - BetLux Electronics

Part # BL-LS5050B1S1BGC-1W
Description  1W LEDs , 5.0mmx5.0mm SMD, 1.8mm THICKNESS SOP6 package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-LS5050B1S1BGC-1W Datasheet(HTML) 2 Page - BetLux Electronics

  BL-LS5050B1S1BGC-1W Datasheet HTML 1Page - BetLux Electronics BL-LS5050B1S1BGC-1W Datasheet HTML 2Page - BetLux Electronics BL-LS5050B1S1BGC-1W Datasheet HTML 3Page - BetLux Electronics BL-LS5050B1S1BGC-1W Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
High Power LED
BL-LS5050B1S1XX-1W
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.5
Page 2 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
■ Package configuration & Internal circuit diagram
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is ±0.25(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice.


Similar Part No. - BL-LS5050B1S1BGC-1W

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS5050A0S3 BETLUX-BL-LS5050A0S3 Datasheet
335Kb / 5P
   5.5mmx5.0mm SMD, 1.8mm THICKNESS PLCC6 package
BL-LS5050A0S3RGBC BETLUX-BL-LS5050A0S3RGBC Datasheet
335Kb / 5P
   5.5mmx5.0mm SMD, 1.8mm THICKNESS PLCC6 package
BL-LS5050A0S3URUGUBC BETLUX-BL-LS5050A0S3URUGUBC Datasheet
335Kb / 5P
   5.5mmx5.0mm SMD, 1.8mm THICKNESS PLCC6 package
BL-LS5050A1S3 BETLUX-BL-LS5050A1S3 Datasheet
370Kb / 8P
   5.5mmx5.0mm SMD, 1.8mm THICKNESS PLCC6 package
BL-LS5050A1S3PGC BETLUX-BL-LS5050A1S3PGC Datasheet
370Kb / 8P
   5.5mmx5.0mm SMD, 1.8mm THICKNESS PLCC6 package
More results

Similar Description - BL-LS5050B1S1BGC-1W

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS5050A1S3 BETLUX-BL-LS5050A1S3 Datasheet
370Kb / 8P
   5.5mmx5.0mm SMD, 1.8mm THICKNESS PLCC6 package
BL-LS5050A0S3 BETLUX-BL-LS5050A0S3 Datasheet
335Kb / 5P
   5.5mmx5.0mm SMD, 1.8mm THICKNESS PLCC6 package
BL-LS5630A1S1 BETLUX-BL-LS5630A1S1 Datasheet
268Kb / 5P
   1W LEDs , 5.6mmx3.0mm SMD, 0.9mm THICKNESS
BL-LS3535A0S1 BETLUX-BL-LS3535A0S1 Datasheet
512Kb / 8P
   SMD LEDs , 3.5mmx3.5mm SMD, 1.15mm THICKNESS PLCC2 package
BL-LS3528C1S1 BETLUX-BL-LS3528C1S1 Datasheet
324Kb / 8P
   POWER SMD LEDs , 3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package
logo
Minmax Technology Co., ...
MSAU100 MINMAX-MSAU100_15 Datasheet
463Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
MSAU200 MINMAX-MSAU200_15 Datasheet
654Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
logo
Delta Electronics, Inc.
SH01S DELTA-SH01S Datasheet
208Kb / 5P
   1W DC/DC CONVERTER, SMD-Package
SA01D DELTA-SA01D_14 Datasheet
335Kb / 7P
   1W DC/DC CONVERTER, SMD-Package
SA01D DELTA-SA01D Datasheet
202Kb / 4P
   1W DC/DC CONVERTER, SMD-Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com