Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UR024-010 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # UR024-010
Description  Universal Reversible USB 2.0 Hi-Speed Extension Cable (Reversible A to A M/F), 10-ft
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

UR024-010 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  UR024-010 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved UR024-010 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved UR024-010 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Universal Reversible USB 2.0 Hi-Speed Extension
Cable (Reversible A to A M/F), 10-ft.
MODEL NUMBER: UR024-010
Description
This 10-ft USB extension cable features a Universal / Reversible, A-Male connector, and is manufactured using
USB2.0 cable. Universal / Reversible connector allows the cable to be plugged in any direction. This cable is
backwards compatible and can also be used with the older USB 1.1 cables. Made with superior foil shielding for
reliable error-free data communications. Features nickel plated connectors and gold plated copper contacts for
superior conductivity. The cable is manufactured with molded connectors and integral strain relief for extra
durability and long life. The significantly faster data transfer rates of USB 2.0 (up to 480 Mbps) makes it perfect
for multimedia applications.
Features
10ft, USB 2.0 A-Male to A-Female Extension, with Universal / Reversible "A" Male connector
USB 2.0 compliant, to 480Mbps transfer rates
Backward compatible with previous USB generations
Gold plated contacts and molded ends provide a lifetime of use
28AWG Data Pair, 24AWG Power pair
Specifications
OVERVIEW
Intended Application
Connecting Peripherals
Cable Type
USB
INPUT
Cable Length (ft.)
10
Highlights
Universal / Reversible A-Male
plugs in any direction
Extend distances of USB 2.0
cables with this extension cable
Supports faster data transfer
rates (1.5 to 480 Mbps) for low
speed and high speed devices,
especially multimedia applications
Premium double-shielded cables
with tinned copper braid and
aluminum mylar foil feature
twisted 28/24 AWG data lines
Gold plated contacts provide
superior conductivity
System Requirements
Any USB device requiring a USB
cable
USB2.0 performance only when
used with USB2.0 device and
USB2.0 controller
Package Includes
Universal Reversible USB 2.0
A-Male to A-Female Extension
Cable - 10ft
1 / 2


Similar Part No. - UR024-010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
UR024-010-WH TRIPPLITE-UR024-010-WH Datasheet
155Kb / 2P
   Universal Reversible USB 2.0 Extension Cable (Reversible A to A M/F), White, 10-ft.
More results

Similar Description - UR024-010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
UR024010 TRIPPLITE-UR024010 Datasheet
503Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Extension Cable (Reversible A to A M-F), 10-ft
UR024-001 TRIPPLITE-UR024-001 Datasheet
498Kb / 3P
   Universal Reversible USB 2.0 Hi-Speed Extension Cable (Reversible A to A M/F) 1-ft.
UR024010WH TRIPPLITE-UR024010WH Datasheet
483Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Extension Cable (Reversible A to A M-F), White, 10-ft
UR024001 TRIPPLITE-UR024001 Datasheet
497Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Extension Cable (Reversible A to A M-F), 1-ft
UR024006 TRIPPLITE-UR024006 Datasheet
503Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Extension Cable (Reversible A to A M-F), 6-ft
UR020010 TRIPPLITE-UR020010 Datasheet
516Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to Reversible A M-M), 10-ft
UR024003WH TRIPPLITE-UR024003WH Datasheet
484Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Extension Cable (Reversible A to A M-F), White, 3-ft
UR024006WH TRIPPLITE-UR024006WH Datasheet
484Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Extension Cable (Reversible A to A M-F), White, 6-ft
UR024-010-WH TRIPPLITE-UR024-010-WH Datasheet
155Kb / 2P
   Universal Reversible USB 2.0 Extension Cable (Reversible A to A M/F), White, 10-ft.
UR020003 TRIPPLITE-UR020003 Datasheet
512Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to Reversible A M-M), 3-ft
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com