Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-LS3535A0S1UWC-C150 Datasheet(PDF) 5 Page - BetLux Electronics

Part # BL-LS3535A0S1UWC-C150
Description  SMD LEDs , 3.5mmx3.5mm SMD, 1.15mm THICKNESS PLCC2 package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-LS3535A0S1UWC-C150 Datasheet(HTML) 5 Page - BetLux Electronics

  BL-LS3535A0S1UWC-C150 Datasheet HTML 1Page - BetLux Electronics BL-LS3535A0S1UWC-C150 Datasheet HTML 2Page - BetLux Electronics BL-LS3535A0S1UWC-C150 Datasheet HTML 3Page - BetLux Electronics BL-LS3535A0S1UWC-C150 Datasheet HTML 4Page - BetLux Electronics BL-LS3535A0S1UWC-C150 Datasheet HTML 5Page - BetLux Electronics BL-LS3535A0S1UWC-C150 Datasheet HTML 6Page - BetLux Electronics BL-LS3535A0S1UWC-C150 Datasheet HTML 7Page - BetLux Electronics BL-LS3535A0S1UWC-C150 Datasheet HTML 8Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SMD LED
BL-LS3535A0S1UWC
A
PPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.4
Page 5 of 8
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Package configuration & Internal circuit diagram
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is ±0.25(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice.


Similar Part No. - BL-LS3535A0S1UWC-C150

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS3535B0S3 BETLUX-BL-LS3535B0S3 Datasheet
334Kb / 5P
   3.5mmx3.5mm SMD, 2.8mm THICKNESS PLCC6 package
BL-LS3535B0S3RGBC BETLUX-BL-LS3535B0S3RGBC Datasheet
334Kb / 5P
   3.5mmx3.5mm SMD, 2.8mm THICKNESS PLCC6 package
BL-LS3535B0S3URUGUBC BETLUX-BL-LS3535B0S3URUGUBC Datasheet
334Kb / 5P
   3.5mmx3.5mm SMD, 2.8mm THICKNESS PLCC6 package
More results

Similar Description - BL-LS3535A0S1UWC-C150

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS3528C1S1 BETLUX-BL-LS3528C1S1 Datasheet
324Kb / 8P
   POWER SMD LEDs , 3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package
BL-LS3535B0S3 BETLUX-BL-LS3535B0S3 Datasheet
334Kb / 5P
   3.5mmx3.5mm SMD, 2.8mm THICKNESS PLCC6 package
BL-LS3528A0S1 BETLUX-BL-LS3528A0S1 Datasheet
373Kb / 8P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package
BL-LS3014A0S1 BETLUX-BL-LS3014A0S1 Datasheet
274Kb / 4P
   3.0mmx1.4mm SMD, 1.2mm THICKNESS PLCC2 package
BL-LS3020A0S1 BETLUX-BL-LS3020A0S1 Datasheet
327Kb / 8P
   3.0mmx2.0mm SMD, 1.3mm THICKNESS PLCC2 package
BL-LS3014B1S1 BETLUX-BL-LS3014B1S1 Datasheet
358Kb / 8P
   3.0mmx1.4mm SMD, 0.7mm THICKNESS PLCC2 package
BL-LS3528A0S1IR BETLUX-BL-LS3528A0S1IR Datasheet
308Kb / 4P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package, Infrared LED
BL-LS3528A0S1PD BETLUX-BL-LS3528A0S1PD Datasheet
268Kb / 4P
   3.5mmx2.8mm SMD, 1.9mm THICKNESS PLCC2 package, SILICON PHOTO DIODES
logo
OptoSupply Internationa...
OSWD4LS1C1A-HCRI OPTOSUPPLY-OSWD4LS1C1A-HCRI Datasheet
108Kb / 1P
   High Luminous PLCC2 Top SMD LEDs
logo
BetLux Electronics
BL-LS5050B1S1-1W BETLUX-BL-LS5050B1S1-1W Datasheet
298Kb / 4P
   1W LEDs , 5.0mmx5.0mm SMD, 1.8mm THICKNESS SOP6 package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com