Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3477 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3477
Description  3A, DC/DC Converter with Dual Rail-to-Rail Current Sense
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3477 Datasheet(HTML) 4 Page - Linear Technology

  LT3477 Datasheet HTML 1Page - Linear Technology LT3477 Datasheet HTML 2Page - Linear Technology LT3477 Datasheet HTML 3Page - Linear Technology LT3477 Datasheet HTML 4Page - Linear Technology LT3477 Datasheet HTML 5Page - Linear Technology LT3477 Datasheet HTML 6Page - Linear Technology LT3477 Datasheet HTML 7Page - Linear Technology LT3477 Datasheet HTML 8Page - Linear Technology LT3477 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT3477
4
3477fc
TEMPERATURE (°C)
–50
1.4
1.6
25
75
3477 G04
1.2
–25
0
50
100
125
1.0
VSHDN (V)
0
30
40
50
20
3477 G05
20
10
0
5
10
15
–50°C
25°C
125°C
25
TEMPERATURE (°C)
–50
2
3
4
5
6
–25
0
25
50
3477 G06
75
100 125 150
VC = 0.3V
TEMPERATURE (°C)
–50
0
5
10
15
20
–25
0
25
50
3477 G07
75
100 125 150
TEMPERATURE (°C)
–50
1.2
1.6
2.0
25
75
150
3477 G08
0.8
0.4
0
–25
0
50
100 125
RT = 10kΩ
RT = 15kΩ
RT = 20kΩ
TEMPERATURE (°C)
–50
0
2
150
3477 G09
–2
–4
0
50
100
–25
25
75
125
4
–1
1
–3
3
VC = 1V
VC = 0.5V
TEMPERATURE (°C)
–50
30
40
50
25
75
3477 G10
20
10
–25
0
50
100
125
0
–10
“+” INDICATES THE CURRENT
FLOWS OUT OF PIN
TEMPERATURE (°C)
–50
30
40
50
25
75
3477 G11
20
10
–25
0
50
100
125
0
–10
“+” INDICATES THE CURRENT
FLOWS OUT OF PIN
TYPICAL PERFORMANCE CHARACTERISTICS
Soft-Start Pin Current
Oscillator Frequency
Feedback Amplifier Offset Voltage
SHDN Pin Turn-On Threshold
SHDN Pin Current
Quiescent Current
FBP Pin Bias Current
FBN Pin Bias Current


Similar Part No. - LT3477

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3477 LINER-LT3477 Datasheet
274Kb / 24P
   PWM LED Driver and Boost, Flyback and SEPIC Controller
LT3477 LINER-LT3477 Datasheet
273Kb / 20P
   3A, DC/DC Converter with Dual Rail-to-Rail Current Sense
LT3477 LINER-LT3477 Datasheet
294Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3477 LINER-LT3477 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT3477 LINER-LT3477 Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
More results

Similar Description - LT3477

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3477 LINER-LT3477 Datasheet
273Kb / 20P
   3A, DC/DC Converter with Dual Rail-to-Rail Current Sense
LT1621 LINER-LT1621_15 Datasheet
253Kb / 12P
   Rail-to-Rail Current Sense Amplifier
LT1620 LINER-LT1620_15 Datasheet
253Kb / 12P
   Rail-to-Rail Current Sense Amplifier
LT1620 LINER-LT1620 Datasheet
282Kb / 12P
   Rail-to-Rail Current Sense Amplifier
logo
Power Mate Technology C...
DFEC15W P-DUKE-DFEC15W_14 Datasheet
284Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFED20 P-DUKE-DFED20_14 Datasheet
371Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFEC30 P-DUKE-DFEC30_14 Datasheet
370Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFED20W P-DUKE-DFED20W_14 Datasheet
369Kb / 3P
   DIN RAIL DC-DC CONVERTER
logo
Anaren Microwave
MSK197RH ANAREN-MSK197RH Datasheet
327Kb / 7P
   RAD HARD PRECISION RAIL TO RAIL CURRENT SENSE
MSK196RH ANAREN-MSK196RH Datasheet
1Mb / 7P
   RAD HARD PRECISION RAIL TO RAIL CURRENT SENSE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com