Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-L519 Datasheet(PDF) 2 Page - BetLux Electronics

Part # BL-L519
Description  5.0mm Round Type BI-COLOR LED Lamps, with 2 leads
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L519 Datasheet(HTML) 2 Page - BetLux Electronics

  BL-L519 Datasheet HTML 1Page - BetLux Electronics BL-L519 Datasheet HTML 2Page - BetLux Electronics BL-L519 Datasheet HTML 3Page - BetLux Electronics BL-L519 Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Round Type, Bi-color LED lamp
BL-L519
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 2 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Package configuration & Internal circuit diagram
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is ±0.25(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice.
10.1 0.5
(0.398
0.020)
(1
)
(2
)
(3
)
8.6
(0.339)
GREEN
RED
ORANGE
YELLOW
PIN1
PIN2
PIN3
ANODE
CATHODE CATHODE
ANODE
5. 9
(0 .2 32)
4. 9
(0 .1 93)
5. 0
(0 .1 97)
2.0
(0.079)
2 .54
(0 .1 0)
0 .5
(0. 020 )
1. 0
(0 .0 39 Min)
1. 0
(0 .0 39M ax)
2 5. 4
(1 .0 0M in)
2 .54
(0 .1 0)
1. 0
(0 .0 39)


Similar Part No. - BL-L519

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L519EGW BETLUX-BL-L519EGW Datasheet
68Kb / 3P
   Round Type, Bi-color LED lamp
BL-L519UEUGW BETLUX-BL-L519UEUGW Datasheet
68Kb / 3P
   Round Type, Bi-color LED lamp
BL-L519YGW BETLUX-BL-L519YGW Datasheet
68Kb / 3P
   Round Type, Bi-color LED lamp
More results

Similar Description - BL-L519

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L517 BETLUX-BL-L517 Datasheet
227Kb / 4P
   5.0mm Round Type BI-COLOR LED Lamps, with 2 leads
BL-L817 BETLUX-BL-L817 Datasheet
324Kb / 4P
   8.0mm Round Type BI-COLOR LED Lamps, with 2 leads
BL-L317 BETLUX-BL-L317 Datasheet
227Kb / 4P
   3.0mm Round Type BI-COLOR LED Lamps, with 2 leads
BL-L2519 BETLUX-BL-L2519 Datasheet
227Kb / 4P
   2.0*5.0mm Rectangular Type BI-COLOR LED Lamps, with 3 leads
BL-L315 BETLUX-BL-L315 Datasheet
228Kb / 4P
   3.0mm Round Type BI-COLOR LED Lamps, with 3 leads
BL-L819 BETLUX-BL-L819 Datasheet
311Kb / 4P
   8.0mm Round Type BI-COLOR LED Lamps, with 3 leads
logo
Everlight Electronics C...
339-1SURSYGW EVERLIGHT-339-1SURSYGW Datasheet
146Kb / 7P
   5.0mm Multi-Color Round Type LED Lamps
339-1UYSYGW-S530-A3 EVERLIGHT-339-1UYSYGW-S530-A3 Datasheet
131Kb / 7P
   5.0mm Multi-Color Round Type LED Lamps
336SURSYGW-S530-A3 EVERLIGHT-336SURSYGW-S530-A3 Datasheet
197Kb / 8P
   5.0mm Multi-Color Round Type LED Lamps
339-1UYSYGW-S530-A3 EVERLIGHT-339-1UYSYGW-S530-A3 Datasheet
131Kb / 7P
   5.0mm Multi-Color Round Type LED Lamps
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com