Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1993-10 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1993-10
Description  700MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1993-10 Datasheet(HTML) 5 Page - Linear Technology

  LT1993-10 Datasheet HTML 1Page - Linear Technology LT1993-10 Datasheet HTML 2Page - Linear Technology LT1993-10 Datasheet HTML 3Page - Linear Technology LT1993-10 Datasheet HTML 4Page - Linear Technology LT1993-10 Datasheet HTML 5Page - Linear Technology LT1993-10 Datasheet HTML 6Page - Linear Technology LT1993-10 Datasheet HTML 7Page - Linear Technology LT1993-10 Datasheet HTML 8Page - Linear Technology LT1993-10 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT1993-10
5
199310fb
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: As long as output current and junction temperature are kept below
the Absolute Maximum Ratings, no damage to the part will occur.
Note 3: The LT1993C-10 is guaranteed functional over the operating
temperature range of –40°C to 85°C.
Note 4: The LT1993C-10 is guaranteed to meet specified performance
from 0°C to 70°C. It is designed, characterized and expected to meet
specified performance from –40°C and 85°C but is not tested or QA
sampled at these temperatures. The LT1993I-10 is guaranteed to meet
specified performance from –40°C to 85°C.
Note 5: This parameter is pulse tested.
Note 6: This parameter is guaranteed to meet specified performance
through design and characterization. It has not been tested.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
3.2VP-P Differential (+OUT, –OUT), RL = 100Ω
–63
dBc
Third-Order IMD
2VP-P Differential Composite (+OUTFILTERED,
–OUTFILTERED), f1 = 49.5MHz, f2 = 50.5MHz
–82
dBc
2VP-P Differential Composite (+OUT, –OUT),
RL = 100Ω, f1 = 49.5MHz, f2 = 50.5MHz
–81
dBc
3.2VP-P Differential Composite (+OUTFILTERED,
–OUTFILTERED), f1 = 49.5MHz, f2 = 50.5MHz
–72
dBc
OIP350M
Output Third-Order Intercept
Differential (+OUTFILTERED, –OUTFILTERED),
f1 = 49.5MHz, f2 = 50.5MHz
44
dBm
NF
Noise Figure
Measured Using DC800A Demo Board
12.3
dB
en50M
Input Referred Noise Voltage Density
1.8
nV/√Hz
1dB Compression Point
19.7
dBm
70MHz Signal
Second/Third Harmonic Distortion
2VP-P Differential (+OUTFILTERED, –OUTFILTERED)
–70
dBc
2VP-P Differential (+OUT, –OUT)
–67
dBc
2VP-P Differential (+OUT, –OUT), RL = 100Ω
–66
dBc
Third-Order IMD
2VP-P Differential Composite (+OUTFILTERED,
–OUTFILTERED), f1 = 69.5MHz, f2 = 70.5MHz
–74
dBc
2VP-P Differential Composite (+OUT, –OUT),
RL = 100Ω, f1 = 69.5MHz, f2 = 70.5MHz
–71
dBc
OIP370M
Output Third-Order Intercept
Differential (+OUTFILTERED, –OUTFILTERED),
f1 = 69.5MHz, f2 = 70.5MHz
40
dBm
NF
Noise Figure
Measured Using DC800A Demo Board
12.7
dB
en70M
Input Referred Noise Voltage Density
1.9
nV/√Hz
1dB Compression Point
18.5
dBm
100MHz Signal
Second/Third Harmonic Distortion
2VP-P Differential (+OUTFILTERED, –OUTFILTERED)
–60
dBc
2VP-P Differential (+OUT, –OUT)
–55
dBc
2VP-P Differential (+OUT, –OUT), RL = 100Ω
–52
dBc
Third-Order IMD
2VP-P Differential Composite (+OUTFILTERED,
–OUTFILTERED), f1 = 99.5MHz, f2 = 100.5MHz
–61
dBc
2VP-P Differential Composite (+OUT, –OUT),
RL = 100Ω, f1 = 99.5MHz, f2 = 100.5MHz
–60
dBc
OIP3100M
Output Third-Order Intercept
Differential (+OUTFILTERED, –OUTFILTERED),
f1 = 99.5MHz, f2 = 100.5MHz
33.5
dBm
NF
Noise Figure
Measured Using DC800A Demo Board
13.2
dB
en100M
Input Referred Noise Voltage Density
2.0
nV/√Hz
1dB Compression Point
17.8
dBm
TA = 25°C, VCCA = VCCB = VCCC = 5V, VEEA = VEEB = VEEC = 0V,
ENABLE = 0.8V, +INA shorted to +INB (+IN), –INA shorted to –INB (–IN), VOCM = 2.2V, Input common mode voltage = 2.2V, no RLOAD
unless otherwise noted.
AC ELECTRICAL CHARACTERISTICS


Similar Part No. - LT1993-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1993-10 LINER-LT1993-10 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT1993-10 LINER-LT1993-10 Datasheet
739Kb / 16P
   700MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 10V/V)
LT1993-10 LINER-LT1993-10 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
LT1993-10 LINER-LT1993-10 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LT1993-10 LINER-LT1993-10 Datasheet
377Kb / 26P
   2.7GHz, 5V, Low Noise,Rail-to-Rail Input Differential Amplifier/Driver
More results

Similar Description - LT1993-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1993-4 LINER-LT1993-4_15 Datasheet
726Kb / 16P
   900MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver
LT1993-10 LINER-LT1993-10 Datasheet
739Kb / 16P
   700MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 10V/V)
LT6402-20 LINER-LT6402-20 Datasheet
326Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver (AV = 20dB)
logo
Analog Devices
AD8138 AD-AD8138 Datasheet
534Kb / 16P
   Low Distortion Differential ADC Driver
REV. E
AD8138 AD-AD8138_15 Datasheet
583Kb / 25P
   Low Distortion Differential ADC Driver
Rev. F
AD8138 AD-AD8138_06 Datasheet
496Kb / 24P
   Low Distortion Differential ADC Driver
Rev. F
AD8138 AD-AD8138_16 Datasheet
524Kb / 25P
   Low Distortion, Differential ADC Driver
logo
Linear Technology
LTC6400CUD-8 LINER-LTC6400CUD-8 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC
logo
Analog Devices
ADA4938-1 AD-ADA4938-1_07 Datasheet
298Kb / 14P
   Ultra-Low Distortion Differential ADC Driver
Rev. PrD
ADA4937-1 AD-ADA4937-1 Datasheet
248Kb / 9P
   Ultra-Low Distortion Differential ADC Driver
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com