Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1993-10 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1993-10
Description  700MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1993-10 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1993-10 Datasheet HTML 6Page - Linear Technology LT1993-10 Datasheet HTML 7Page - Linear Technology LT1993-10 Datasheet HTML 8Page - Linear Technology LT1993-10 Datasheet HTML 9Page - Linear Technology LT1993-10 Datasheet HTML 10Page - Linear Technology LT1993-10 Datasheet HTML 11Page - Linear Technology LT1993-10 Datasheet HTML 12Page - Linear Technology LT1993-10 Datasheet HTML 13Page - Linear Technology LT1993-10 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT1993-10
10
199310fb
+OUTFILTERED, –OUTFILTERED (Pins 6, 7): Filtered
Outputs. These pins add a series 25
Ω resistor from the
unfiltered outputs and three 12pF capacitors. Each output
has 12pF to VEE, plus an additional 12pF between each pin
(See the Block Diagram). This filter has a –3dB bandwidth
of 175MHz.
ENABLE (Pin 11): This pin is a TTL logic input referenced
to the VEEC pin. If low, the LT1993-10 is enabled and draws
typically 100mA of supply current. If high, the LT1993-10
is disabled and draws typically 250µA.
–INA, –INB (Pins 14, 13): Negative Inputs. These pins are
normally tied together. These inputs may be DC- or AC-
coupled. If the inputs are AC-coupled, they will self-bias
to the voltage applied to the VOCM pin.
+INA, +INB (Pins 16, 15): Positive Inputs. These pins are
normally tied together. These inputs may be DC- or AC-
coupled. If the inputs are AC-coupled, they will self-bias
to the voltage applied to the VOCM pin.
Exposed Pad (Pin 17): Tie the pad to VEEC (Pin 12). If split
supplies are used, DO NOT tie the pad to ground.
PI FU CTIO S
BLOCK DIAGRA
+
14
–INA
5
+OUT
199310 BD
3
VCCA
10
VCCB
1
VCCC
11
ENABLE
13
–INB
12pF
VCCA
A
VEEA
VEEA
100
100
500
500
25
500
6
+OUTFILTERED
+
16
+INA
8
–OUT
15
+INB
VCCB
B
VEEB
VEEB
100
100
25
500
12pF
12pF
7
–OUTFILTERED
12
VEEC
9
VEEB
4
VEEA
+
VEEC
C
VCCC
2
VOCM
BIAS


Similar Part No. - LT1993-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1993-10 LINER-LT1993-10 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT1993-10 LINER-LT1993-10 Datasheet
739Kb / 16P
   700MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 10V/V)
LT1993-10 LINER-LT1993-10 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
LT1993-10 LINER-LT1993-10 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LT1993-10 LINER-LT1993-10 Datasheet
377Kb / 26P
   2.7GHz, 5V, Low Noise,Rail-to-Rail Input Differential Amplifier/Driver
More results

Similar Description - LT1993-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1993-4 LINER-LT1993-4_15 Datasheet
726Kb / 16P
   900MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver
LT1993-10 LINER-LT1993-10 Datasheet
739Kb / 16P
   700MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 10V/V)
LT6402-20 LINER-LT6402-20 Datasheet
326Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver (AV = 20dB)
logo
Analog Devices
AD8138 AD-AD8138 Datasheet
534Kb / 16P
   Low Distortion Differential ADC Driver
REV. E
AD8138 AD-AD8138_15 Datasheet
583Kb / 25P
   Low Distortion Differential ADC Driver
Rev. F
AD8138 AD-AD8138_06 Datasheet
496Kb / 24P
   Low Distortion Differential ADC Driver
Rev. F
AD8138 AD-AD8138_16 Datasheet
524Kb / 25P
   Low Distortion, Differential ADC Driver
logo
Linear Technology
LTC6400CUD-8 LINER-LTC6400CUD-8 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC
logo
Analog Devices
ADA4938-1 AD-ADA4938-1_07 Datasheet
298Kb / 14P
   Ultra-Low Distortion Differential ADC Driver
Rev. PrD
ADA4937-1 AD-ADA4937-1 Datasheet
248Kb / 9P
   Ultra-Low Distortion Differential ADC Driver
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com