Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1713 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1713
Description  Single/Dual, 7ns, Low Power
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1713 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1713 Datasheet HTML 7Page - Linear Technology LT1713 Datasheet HTML 8Page - Linear Technology LT1713 Datasheet HTML 9Page - Linear Technology LT1713 Datasheet HTML 10Page - Linear Technology LT1713 Datasheet HTML 11Page - Linear Technology LT1713 Datasheet HTML 12Page - Linear Technology LT1713 Datasheet HTML 13Page - Linear Technology LT1713 Datasheet HTML 14Page - Linear Technology LT1713 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1713/LT1714
TYPICAL APPLICATIO S
Simultaneous Full Duplex 75Mbaud Interface
with Only Two Wires
The circuit of Figure 3 shows a simple, fully bidirectional,
differential 2-wire interface that gives good results to
75Mbaud, using the LT1714. Eye diagrams under condi-
tions of unidirectional and bidirectional communication
are shown in Figures 4 and 5. Although not as pristine as
the unidirectional performance of Figure 4, the perfor-
mance under simultaneous bidirectional operation is still
excellent. Because the LT1714 input voltage range ex-
tends 100mV beyond both supply rails, the circuit works
with a full
±3V (one whole VS up or down) of ground
potential difference.
The circuit works well with the resistor values shown, but
other sets of values can be used. The starting point is the
characteristic impedance, ZO, of the twisted-pair cable.
The input impedance of the resistive network should
match the characteristic impedance and is given by:
RR
RR
R
RR
R
R
IN
O
O
=
+
++
[]
2
12
3
21
2
3
••
||(
)
•||(
)
This comes out to 120
Ω for the values shown. The
Thevenin equivalent source voltage is given by:
VV
RR
R
RRR
R
RR
R
R
TH
S
O
O
=
+
++
++
[]
(–
)
()
•||(
)
23
1
23
1
21
2
3
+
1/2
LT1714
TxD
RxD
7
8
9
LE
6
5
49.9
750k
750k
100k
100k
49.9
2
1
15
3
16
13
14
3V
3V
4
11
12
R2A
2.55k
R3A
124
ROA
140
ROB
140
R1B
499
6-FEET
TWISTED PAIR
ZO ≈ 120Ω
R1D
499
R1C
499
R3B
124
R2C
2.55k
3V
100k
5
11
2
1
12
6
10
9
8
7
171314 F03
14
3
15
16 13
4
TxD
RxD
3V
R3C
124
R3D
124
R2D
2.55k
R2B
2.55k
R1A
499
10
+
1/2
LT1714
LE
+
750k
750k
49.9
49.9
100k
+
LE
1/2
LT1714
LE
1/2
LT1714
3V
3V
DIODES: BAV99
×4
Figure 3. 75Mbaud Full Duplex Interface on Two Wires


Similar Part No. - LT1713

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT1713 ETC1-LT1713 Datasheet
61Kb / 1P
   UNDERSTANDING THE SUBJECT IS CUSTOMER SERVICE
logo
Linear Technology
LT1713 LINER-LT1713 Datasheet
232Kb / 16P
   Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
LT1713 LINER-LT1713 Datasheet
700Kb / 30P
   280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LT1713CMS8 LINER-LT1713CMS8 Datasheet
232Kb / 16P
   Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
LT1713IMS8 LINER-LT1713IMS8 Datasheet
232Kb / 16P
   Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
More results

Similar Description - LT1713

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1714 LINER-LT1714_15 Datasheet
238Kb / 16P
   Single/Dual, 7ns, Low Power
LT1394 LINER-LT1394 Datasheet
213Kb / 16P
   7ns, Low Power, Single Supply, Ground-Sensing Comparator
LT1394 LINER-LT1394_15 Datasheet
228Kb / 16P
   7ns, Low Power, Single Supply, Ground-Sensing Comparator
LT1713 LINER-LT1713 Datasheet
232Kb / 16P
   Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
logo
Maxim Integrated Produc...
MAX9203 MAXIM-MAX9203 Datasheet
408Kb / 8P
   Low-Cost, 7ns, Low-Power Voltage Comparators
Rev 1; 1/05
logo
Motorola, Inc
LM393 MOTOROLA-LM393 Datasheet
136Kb / 6P
   SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
Linear Technology
LTC5564 LINER-LTC5564_15 Datasheet
469Kb / 16P
   UltraFast 7ns Response Time 15GHz RF Power Detector with Comparator
logo
Touchstone Semiconducto...
TS9002 TOUCHSTONE-TS9002 Datasheet
910Kb / 11P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Analog Devices
OP-221 AD-OP-221 Datasheet
362Kb / 8P
   DUAL LOW POWER OPERATIONAL AMPLIFIER, SINGLE OR DUAL SUPPLY
OP221GSZ AD-OP221GSZ Datasheet
890Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com