Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1490A Datasheet(PDF) 6 Page - Linear Technology

Part # LT1490A
Description  Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1490A Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1490A_15 Datasheet HTML 2Page - Linear Technology LT1490A_15 Datasheet HTML 3Page - Linear Technology LT1490A_15 Datasheet HTML 4Page - Linear Technology LT1490A_15 Datasheet HTML 5Page - Linear Technology LT1490A_15 Datasheet HTML 6Page - Linear Technology LT1490A_15 Datasheet HTML 7Page - Linear Technology LT1490A_15 Datasheet HTML 8Page - Linear Technology LT1490A_15 Datasheet HTML 9Page - Linear Technology LT1490A_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LT1490A/LT1491A
6
14901afd
ELECTRICAL CHARACTERISTICS The denotes specifications which apply over the full operating temperature
range of – 40°C ≤ TA ≤ 85°C, otherwise specifications are at TA = 25°C. VS = ±15V, VCM = 0V, VOUT = 0V unless otherwise noted. (Note 4)
The denotes specifications which apply over the full operating temperature range of – 40°C ≤ TA ≤ 125°C, VS = 3V, 0V; VS = 5V, 0V;
VCM = VOUT = half supply unless otherwise noted. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
LT1490AC/LT1491AC
LT1490AI/LT1491AI
UNITS
MIN
TYP
MAX
ISC
Short-Circuit Current (Note 2)
Short to GND
0°C ≤ TA ≤ 70°C
–40°C ≤ TA ≤ 85°C
±20
±15
±10
±25
mA
mA
mA
PSRR
Power Supply Rejection Ratio
VS = ±1.25V to ±22V
l
88
98
dB
IS
Supply Current per Amplifier
l
50
70
85
μA
μA
GBW
Gain Bandwidth Product
f = 1kHz
0°C ≤ TA ≤ 70°C
–40°C ≤ TA ≤ 85°C
l
l
125
110
100
200
kHz
kHz
kHz
SR
Slew Rate
AV = –1, RL = ∞, VO = ±10V,
Measured at VO = ±5V
0°C ≤ TA ≤ 70°C
–40°C ≤ TA ≤ 85°C
l
l
0.0375
0.0330
0.0300
0.07
V/μs
V/μs
V/μs
SYMBOL
PARAMETER
CONDITIONS
LT1490AH/LT1491AH
UNITS
MIN
TYP
MAX
VOS
Input Offset Voltage (Note 5)
LT1490AHS8
l
110
500
2500
μV
μV
LT1490AHMS8, LT1491AHS
l
220
1000
3000
μV
μV
Input Offset Voltage Drift (Note 9)
l
3
6
μV/°C
IOS
Input Offset Current
VCM = 44V (Note 6)
l
l
2
1.5
nA
μA
IB
Input Bias Current
VCM = 44V (Note 6)
l
l
20
15
nA
μA
Input Voltage Range
l
0.3
44
V
CMRR
Common Mode Rejection Ratio
(Note 6)
VCM = 0.3V to VCC –1V
VCM = 0.3V to 44V
l
l
60
74
dB
dB
AVOL
Large-Signal Voltage Gain
VS = 3V, VO = 500mV to 2.5V, RL = 10k
l
200
25
1500
V/mV
V/mV
VS = 5V, VO = 500mV to 4.5V, RL = 10k
l
400
50
1500
V/mV
V/mV
VOL
Output Voltage Swing Low
VS = 3V, No Load
VS = 3V, ISINK = 2.5mA
l
l
15
450
mV
mV
VS = 5V, No Load
VS = 5V, ISINK = 2.5mA
l
l
15
500
mV
mV
VOH
Output Voltage Swing High
VS = 3V, No Load
VS = 3V, ISOURCE = 5mA
l
l
2.925
2.350
V
V
VS = 5V, No Load
VS = 5V, ISOURCE = 10mA
l
l
4.925
4.100
V
V
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 12.5V, VCM = VO = 1V
l
80
dB
Minimum Operating Supply Voltage
l
2.5
V
Reverse Supply Voltage
IS = –100μA per Amplifier
l
18
V


Similar Part No. - LT1490A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1490A LINER-LT1490A_1 Datasheet
343Kb / 16P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
More results

Similar Description - LT1490A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1490A LINER-LT1490A_1 Datasheet
343Kb / 16P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1491A LINER-LT1491A_15 Datasheet
234Kb / 18P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1674 LINER-LT1674_15 Datasheet
220Kb / 12P
   Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1673 LINER-LT1673_15 Datasheet
220Kb / 12P
   Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1672 LINER-LT1672_15 Datasheet
220Kb / 12P
   Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1490A LINER-LT1490A Datasheet
201Kb / 12P
   Dual Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1636 LINER-LT1636 Datasheet
136Kb / 12P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1636 LINER-LT1636_15 Datasheet
398Kb / 16P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1636 LINER-LT1636_1 Datasheet
393Kb / 16P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1639 LINER-LT1639_15 Datasheet
262Kb / 18P
   1.2MHz, 0.4V/s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com