Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1424-5 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1424-5
Description  Isolated Flyback Switching Regulator with 5V Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1424-5 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1424-5_15 Datasheet HTML 4Page - Linear Technology LT1424-5_15 Datasheet HTML 5Page - Linear Technology LT1424-5_15 Datasheet HTML 6Page - Linear Technology LT1424-5_15 Datasheet HTML 7Page - Linear Technology LT1424-5_15 Datasheet HTML 8Page - Linear Technology LT1424-5_15 Datasheet HTML 9Page - Linear Technology LT1424-5_15 Datasheet HTML 10Page - Linear Technology LT1424-5_15 Datasheet HTML 11Page - Linear Technology LT1424-5_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1424-5
sn14245 14245fs
OPERATION
The LT1424-5 is a current mode switching regulator IC
that has been designed specifically for the isolated fly-
back topology. The special problem normally encoun-
tered in such circuits is that information relating to the
output voltage on the isolated secondary side of the
transformer must be communicated to the primary side
in order to maintain regulation. Historically, this has been
done with optoisolators or extra transformer windings.
Optoisolator circuits waste output power and the extra
components they require increase the cost and physical
volume of the power supply. Optoisolators can also
exhibit trouble due to limited dynamic response (tempo-
ral), nonlinearity, unit-to-unit variation and aging over
life. Circuits employing extra transformer windings also
exhibit deficiencies. The extra winding adds to the
transformer’s physical size and cost. Dynamic response
is often mediocre. There is usually no method for main-
taining load regulation versus load.
The LT1424-5 derives its information about the isolated
output voltage by examining the primary side flyback
pulse waveform. In this manner no optoisolator nor extra
transformer winding is required. This IC is a quantum
improvement over previous approaches because: target
output voltage is programmed by resistor ratio, regula-
tion is maintained well into discontinuous mode and
optional load compensation is available.
The Block Diagram shows an overall view of the system.
Many of the blocks are similar to those found in tradi-
tional designs including: internal bias regulator, oscilla-
tor, logic, current amplifier and comparator, driver and
output switch. The novel sections include a special
flyback error amplifier and a load compensation mecha-
nism. Also, due to the special dynamic requirements of
flyback control, the logic system contains additional
functionality not found in conventional designs.
The RREF, RFB and ROCOMP resistors in the Block Diagram
are application-specific thin-film resistors internal to the
LT1424-5. The capacitor connected to the RCCOMP pin is
external.
The LT1424-5 operates much the same as traditional
current mode switchers, the major difference being a
different type of error amplifier which derives its feedback
information from the flyback pulse. Due to space con-
straints, this discussion will not reiterate the basics of
current mode switcher/controllers and isolated flyback
converters. A good source of information on these topics
is LTC’s Application Note 19.
ERROR AMPLIFIER—PSEUDO DC THEORY
Please refer to the simplified diagram of the Flyback Error
Amplifier. Operation is as follows: when output switch Q4
turns off, its collector voltage rises above the VIN rail. The
amplitude of this flyback pulse, i.e., the difference between
it and VIN, is given as:
VFLBK =
VF = D1 forward voltage
ISEC = Transformer secondary current
ESR = Total impedance of secondary circuit
NSP = Transformer effective secondary-to-primary
turns ratio
VOUT + VF + (ISEC)(ESR)
NSP
The flyback voltage is then converted to a current by the
action of RFB and Q1. Nearly all of this current flows
through resistor RREF to form a ground-referred voltage.
This is then compared to the internal bandgap reference by
the differential transistor pair Q2/Q3. The collector current
from Q2 is mirrored around and subtracted from fixed
current source IFXD at the VC pin. An external capacitor
integrates this net current to provide the control voltage to
set the current mode trip point.
The relatively high gain in the overall loop will then cause
the voltage at the RREF resistor to be nearly equal to the
bandgap reference VBG. The relationship between VFLBK
and VBG may then be expressed as:
VFLBK
RFB
VFLBK = VBG
α = Ratio of Q1 IC to IE
VBG = Internal bandgap reference
α
=
or,
RFB
RREF
VBG
RREF
)
) 1
α
))


Similar Part No. - LT1424-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1424-5 LINER-LT1424-5 Datasheet
195Kb / 16P
   Isolated Flyback Switching Regulator with 5V Output
More results

Similar Description - LT1424-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1424-5 LINER-LT1424-5 Datasheet
195Kb / 16P
   Isolated Flyback Switching Regulator with 5V Output
LT1424-9 LINER-LT1424-9_15 Datasheet
200Kb / 16P
   Isolated Flyback Switching Regulator with 9V Output
LT1424-9 LINER-LT1424-9 Datasheet
141Kb / 16P
   Isolated Flyback Switching Regulator with 9V Output
LT1425 LINER-LT1425 Datasheet
341Kb / 20P
   Isolated Flyback Switching Regulator
LT1425 LINER-LT1425_15 Datasheet
300Kb / 20P
   Isolated Flyback Switching Regulator
logo
STMicroelectronics
STEVAL-ISA136V1 STMICROELECTRONICS-STEVAL-ISA136V1 Datasheet
253Kb / 4P
   3W, 5V output, isolated flyback converter using VIPer??Plus - VIPER06HN
May 2014 Rev 2
logo
Sanken electric
STRW5453A SANKEN-STRW5453A Datasheet
79Kb / 1P
   Resonant Flyback Switching Regulator
logo
NTE Electronics
NTE7166 NTE-NTE7166 Datasheet
30Kb / 3P
   Integrated Circuit Flyback Switching Regulator
logo
Analog Devices
ADUM3070 AD-ADUM3070 Datasheet
739Kb / 20P
   Isolated Switching Regulator
REV. 0
ADUM4070 AD-ADUM4070 Datasheet
561Kb / 20P
   Isolated Switching Regulator with Integrated Feedback
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com