Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD160970 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # PD160970
Description  8-ch level shift driver IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD160970 Datasheet(HTML) 5 Page - Renesas Technology Corp

  PD160970_15 Datasheet HTML 1Page - Renesas Technology Corp PD160970_15 Datasheet HTML 2Page - Renesas Technology Corp PD160970_15 Datasheet HTML 3Page - Renesas Technology Corp PD160970_15 Datasheet HTML 4Page - Renesas Technology Corp PD160970_15 Datasheet HTML 5Page - Renesas Technology Corp PD160970_15 Datasheet HTML 6Page - Renesas Technology Corp PD160970_15 Datasheet HTML 7Page - Renesas Technology Corp PD160970_15 Datasheet HTML 8Page - Renesas Technology Corp PD160970_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Preliminary Product Information S15857EJ4V0PM
3
µµµµ PD160970
2. PIN FUNCTIONS
Pin Name
Pin
Symbol
I/O
Function
Pin Name
Pin
Symbol
I/O
Function
VI1
1VO8
13
VI2
2VO7
14
Output
High-withstanding-voltage
output
VI3
3VEE
15
Negative power supply for high
-withstanding-voltage block
VI4A
4VCC
16
Positive power supply for high
-withstanding voltage block
VI4B
Note
5
Input
Logic input
VO6
17
VDD
6
Power supply for logic
block
VO5
18
VSS
7
Logic ground
VO4
19
VI5B
Note
8VO3
20
Output
High-withstanding-voltage
output
VI5A
9VCC
21
Negative power supply for high
-withstanding-voltage block
VI6
10
VEE
22
Positive power supply for high
-withstand-voltage block
VI7
11
VO2
23
VI8
12
Input
Logic input
VO1
24
Output
High-withstanding-voltage
output
Note Use the VI4B and VI5B pins at the DC level.
3. Relation of logic input and High-withstanding-voltage output
3.1 VI1 to VI3, VI6 to VI8
VIn
VOn
LVCC
HVEE
VCC
VDD
VSS
VEE
High-withstanding-voltage output
Logic input
3.2 VI4A/VI4B, VI5A/VI5B
VInA
VInB
VOn
LVCC
H
L (DC)
VEE
LVEE
H
H (DC)
VCC


Similar Part No. - PD160970_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD160040 RENESAS-PD160040_15 Datasheet
295Kb / 22P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
PD160061A RENESAS-PD160061A_15 Datasheet
719Kb / 21P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD160061 RENESAS-PD160061_15 Datasheet
363Kb / 21P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD160062 RENESAS-PD160062_15 Datasheet
352Kb / 21P
   420-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALE)
PD160088 RENESAS-PD160088_15 Datasheet
447Kb / 25P
   480-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
More results

Similar Description - PD160970_15

ManufacturerPart #DatasheetDescription
logo
NEC
UPD160970 NEC-UPD160970 Datasheet
76Kb / 11P
   8-ch level shift driver IC
logo
Global Mixed-mode Techn...
G5998 GMT-G5998 Datasheet
82Kb / 1P
   8-CH Local Dimming LED Driver IC
logo
Panasonic Semiconductor
DN8667NS PANASONIC-DN8667NS Datasheet
49Kb / 5P
   8-Bit Shift Register Latch Constant Current Driver IC
DN8648FBP PANASONIC-DN8648FBP Datasheet
45Kb / 4P
   32-bit Shift Register Latch Driver IC
DN8643S PANASONIC-DN8643S Datasheet
42Kb / 4P
   24-bit Shift Register Latch Driver IC
logo
Cystech Electonics Corp...
CH-D3815PB CYSTEKEC-CH-D3815PB Datasheet
176Kb / 6P
   8-CH Darlington Sink Driver
logo
Rohm
BU2114 ROHM-BU2114 Datasheet
115Kb / 8P
   8-bit shift register and latch driver
logo
Texas Instruments
TLC6C598 TI1-TLC6C598 Datasheet
903Kb / 23P
[Old version datasheet]   TLC6C598 8-Bit Shift-Register LED Driver
logo
Toshiba Semiconductor
TD62783APG TOSHIBA-TD62783APG Datasheet
182Kb / 11P
   8 ch High-Voltage Source Driver
TD62783AP TOSHIBA-TD62783AP_06 Datasheet
180Kb / 11P
   8 ch High-Voltage Source Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com