Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N204-010-BL-DN Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # N204-010-BL-DN
Description  Cat6 Gigabit Molded Patch Cable (RJ45 Right Angle Down M to RJ45 M) - Blue, 10-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N204-010-BL-DN Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  N204-010-BL-DN Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N204-010-BL-DN Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Cable Length (m)
3.05
UPC ASSIGNMENT
Unit Carton UPC#
037332167583
PHYSICAL
Color
Blue
Style
Cat6/6e/6a
CONNECTIONS
Connector A
RJ45 (MALE)
Connector B
RJ45 (MALE) - DOWN ANGLE
CERTIFICATIONS
Certifications
Tested to
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2


Similar Part No. - N204-010-BL-DN

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N204-010-BL-LA TRIPPLITE-N204-010-BL-LA Datasheet
508Kb / 2P
   Cat6 Gigabit Molded Patch Cable (RJ45 Left Angle M to RJ45 M) - Blue, 10-ft.
N204-010-BL-RA TRIPPLITE-N204-010-BL-RA Datasheet
166Kb / 2P
   Cat6 Gigabit Molded Patch Cable (RJ45 Right Angle M to RJ45 M) - Blue, 10-ft.
N204-010-BL-UP TRIPPLITE-N204-010-BL-UP Datasheet
167Kb / 2P
   Cat6 Gigabit Molded Patch Cable (RJ45 Right Angle Up M to RJ45 M) - Blue, 10-ft.
More results

Similar Description - N204-010-BL-DN

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N204-010-BL-RA TRIPPLITE-N204-010-BL-RA Datasheet
166Kb / 2P
   Cat6 Gigabit Molded Patch Cable (RJ45 Right Angle M to RJ45 M) - Blue, 10-ft.
N204-003-BL-DN TRIPPLITE-N204-003-BL-DN Datasheet
167Kb / 2P
   Cat6 Gigabit Molded Patch Cable (RJ45 Right Angle Down M to RJ45 M) - Blue, 3-ft.
N204-005-BL-DN TRIPPLITE-N204-005-BL-DN Datasheet
167Kb / 2P
   Cat6 Gigabit Molded Patch Cable (RJ45 Right Angle Down M to RJ45 M) - Blue, 5-ft.
N204-010-BL-UP TRIPPLITE-N204-010-BL-UP Datasheet
167Kb / 2P
   Cat6 Gigabit Molded Patch Cable (RJ45 Right Angle Up M to RJ45 M) - Blue, 10-ft.
N204-010-BL-LA TRIPPLITE-N204-010-BL-LA Datasheet
508Kb / 2P
   Cat6 Gigabit Molded Patch Cable (RJ45 Left Angle M to RJ45 M) - Blue, 10-ft.
N204-003-BL-RA TRIPPLITE-N204-003-BL-RA Datasheet
166Kb / 2P
   Cat6 Gigabit Molded Patch Cable (RJ45 Right Angle M to RJ45 M) - Blue, 3-ft.
N200-010-BL TRIPPLITE-N200-010-BL Datasheet
506Kb / 2P
   Cat6 Gigabit Molded Patch Cable (RJ45 M/M), Blue, 10 ft.
N204-005-BL-RA TRIPPLITE-N204-005-BL-RA Datasheet
509Kb / 2P
   Cat6 Gigabit Molded Patch Cable (RJ45 Right Angle M to RJ45 M) - Blue, 5-ft.
N204-003-BL-UP TRIPPLITE-N204-003-BL-UP Datasheet
167Kb / 2P
   Cat6 Gigabit Molded Patch Cable (RJ45 Right Angle Up M to RJ45 M) - Blue, 3-ft.
N204-005-BL-UP TRIPPLITE-N204-005-BL-UP Datasheet
167Kb / 2P
   Cat6 Gigabit Molded Patch Cable (RJ45 Right Angle Up M to RJ45 M) - Blue, 5-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com