Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD16805 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # PD16805
Description  MONOLITHIC H BRIDGE DRIVER CIRCUIT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16805 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button PD16805_15 Datasheet HTML 7Page - Renesas Technology Corp PD16805_15 Datasheet HTML 8Page - Renesas Technology Corp PD16805_15 Datasheet HTML 9Page - Renesas Technology Corp PD16805_15 Datasheet HTML 10Page - Renesas Technology Corp PD16805_15 Datasheet HTML 11Page - Renesas Technology Corp PD16805_15 Datasheet HTML 12Page - Renesas Technology Corp PD16805_15 Datasheet HTML 13Page - Renesas Technology Corp PD16805_15 Datasheet HTML 14Page - Renesas Technology Corp PD16805_15 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Data Sheet S11032EJ4V0DS
9
µµµµPD16805
PACKAGE DIMENSION (
µµµµPD16805GS)
detail of lead end
M
18
9
16
S
S
A
B
H
K
M
L
P
J
I
G
C
E
F
N
D
ITEM
B
C
I
16-PIN PLASTIC SOP (7.62 mm (300))
A
D
E
F
G
H
J
P
MILLIMETERS
1.27 (T.P.)
0.78 MAX.
5.6
±0.2
10.2
±0.2
0.1
±0.1
0.42
1.65
±0.15
7.7
±0.3
1.55
+0.08
−0.07
1.1
±0.2
3
°+7°
−3°
NOTE
Each lead centerline is located within 0.12 mm of
its true position (T.P.) at maximum material condition.
M
L
N
0.12
0.6
±0.2
0.10
K
0.22+
0.08
−0.07
P16GM-50-300B-6


Similar Part No. - PD16805_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD168002 RENESAS-PD168002_15 Datasheet
281Kb / 17P
   MONOLITHIC 6-CHANNEL H-BRIDGE DRIVER
PD16803 RENESAS-PD16803_15 Datasheet
297Kb / 14P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
More results

Similar Description - PD16805_15

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16805 NEC-UPD16805 Datasheet
85Kb / 12P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
UPD16804 NEC-UPD16804 Datasheet
87Kb / 12P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
UPD16879 NEC-UPD16879 Datasheet
199Kb / 6P
   MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
UPD16803 NEC-UPD16803 Datasheet
97Kb / 12P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
logo
Renesas Technology Corp
PD16803 RENESAS-PD16803_15 Datasheet
297Kb / 14P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
logo
NEC
UPD168101 NEC-UPD168101 Datasheet
115Kb / 16P
   MONOLITHIC QUAD H-BRIDGE DRIVER CIRCUIT
UPD16818 NEC-UPD16818 Datasheet
136Kb / 15P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
UPD16835 NEC-UPD16835 Datasheet
196Kb / 32P
   MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
logo
Renesas Technology Corp
PD16814 RENESAS-PD16814_15 Datasheet
199Kb / 14P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
logo
NEC
UPD16835A NEC-UPD16835A Datasheet
227Kb / 32P
   MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com