Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD705100GJ-100-8 Datasheet(PDF) 4 Page - NEC

Part # UPD705100GJ-100-8
Description  V830TM 32-BIT MICROCONTROLLER
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD705100GJ-100-8 Datasheet(HTML) 4 Page - NEC

  UPD705100GJ-100-8 Datasheet HTML 1Page - NEC UPD705100GJ-100-8 Datasheet HTML 2Page - NEC UPD705100GJ-100-8 Datasheet HTML 3Page - NEC UPD705100GJ-100-8 Datasheet HTML 4Page - NEC UPD705100GJ-100-8 Datasheet HTML 5Page - NEC UPD705100GJ-100-8 Datasheet HTML 6Page - NEC UPD705100GJ-100-8 Datasheet HTML 7Page - NEC UPD705100GJ-100-8 Datasheet HTML 8Page - NEC UPD705100GJ-100-8 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
µPD705100
4
BLOCK DIAGRAM
INTV0-INTV3
INT
NMI
RESET
A1-A31
D0-D31
CS0-CS3
BE0-BE3
BH
ST0-ST3
BCYST
R/W
READY
SIZ16B
HLDRQ
HLDAK
ASEL
50/33 MHz
= 100 MHz
φ
50/33 MHz
Interrupt controller
V830 CPU core
Barrel shifter
System registers (11)
32-bit adder
(with sum-of-products
function)
General-purpose registers
32 bits
× 32
Instruction cache (4K)
Instruction RAM (4K)
Data cache (4K)
Data RAM (4K)
Write buffer
(4 stages)
Clock
controller


Similar Part No. - UPD705100GJ-100-8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD705100GJ-100-8EU RENESAS-UPD705100GJ-100-8EU Datasheet
478Kb / 68P
   MOS INTEGRATED CIRCUIT
1996
More results

Similar Description - UPD705100GJ-100-8

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com