Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD703015AYGC Datasheet(PDF) 3 Page - NEC

Part # UPD703015AYGC
Description  V850/SA1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703015AYGC Datasheet(HTML) 3 Page - NEC

  UPD703015AYGC Datasheet HTML 1Page - NEC UPD703015AYGC Datasheet HTML 2Page - NEC UPD703015AYGC Datasheet HTML 3Page - NEC UPD703015AYGC Datasheet HTML 4Page - NEC UPD703015AYGC Datasheet HTML 5Page - NEC UPD703015AYGC Datasheet HTML 6Page - NEC UPD703015AYGC Datasheet HTML 7Page - NEC UPD703015AYGC Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet U14526EJ2V0DS00
3
µµµµPD703014A, 703014AY, 703015A, 703015AY, 703017A, 703017AY
PIN CONFIGURATION
100-pin plastic LQFP (fine-pitch) (14
×××× 14)
µPD703014AGC-×××-8EU
µPD703014AYGC-×××-8EU
µPD703015AGC-×××-8EU
µPD703015AYGC-×××-8EU
µPD703017AGC-×××-8EU
µPD703017AYGC-×××-8EU
Notes 1. Connect the IC pin directly to VSS.
2. Applies to the
µPD703014AY, 703015AY, and 703017AY only.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
P21/SO2
P22/SCK2
P23/RXD1
P24/TXD1
P25/ASCK1
VDD
VSS
P26/TI2/TO2
P27/TI3/TO3
P30/TI00
P31/TI01
P32/TI10
P33/TI11
P34/TO0/A13
P35/TO1/A14
P36/TI4/TO4/A15
P37/TI5/TO5
ICNote 1
P100/RTP0/A5
P101/RTP1/A6
P102/RTP2/A7
P103/RTP3/A8
P104/RTP4/A9
P105/RTP5/A10
P106/RTP6/A11
P71/ANI1
P70/ANI0
AVREF
AVSS
AVDD
P65/A21
P64/A20
P63/A19
P62/A18
P61/A17
P60/A16
P57/AD15
P56/AD14
P55/AD13
P54/AD12
P53/AD11
P52/AD10
P51/AD9
P50/AD8
BVSS
BVDD
P47/AD7
P46/AD6
P45/AD5
P44/AD4


Similar Part No. - UPD703015AYGC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD703000 RENESAS-UPD703000 Datasheet
627Kb / 90P
   MOS INTEGRATED CIRCUIT
1996
UPD703000GC-25-XXX-7EA RENESAS-UPD703000GC-25-XXX-7EA Datasheet
627Kb / 90P
   MOS INTEGRATED CIRCUIT
1996
UPD703000GC-33-XXX-7EA RENESAS-UPD703000GC-33-XXX-7EA Datasheet
627Kb / 90P
   MOS INTEGRATED CIRCUIT
1996
UPD703001GC-25-7EA RENESAS-UPD703001GC-25-7EA Datasheet
627Kb / 90P
   MOS INTEGRATED CIRCUIT
1996
UPD703001GC-33-7EA RENESAS-UPD703001GC-33-7EA Datasheet
627Kb / 90P
   MOS INTEGRATED CIRCUIT
1996
More results

Similar Description - UPD703015AYGC

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3017A NEC-UPD70F3017A Datasheet
337Kb / 8P
   V850/SA1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
UPD70F3040 NEC-UPD70F3040 Datasheet
283Kb / 44P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703034A NEC-UPD703034A Datasheet
356Kb / 31P
   V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703037A NEC-UPD703037A Datasheet
332Kb / 28P
   V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703039 NEC-UPD703039 Datasheet
292Kb / 9P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Infineon Technologies A...
XC2269I INFINEON-XC2269I Datasheet
1Mb / 134P
   16/32-Bit Single-Chip Microcontroller
V1.3, 2014-07
XC2288I INFINEON-XC2288I Datasheet
1Mb / 145P
   16/32-Bit Single-Chip Microcontroller
V1.3 2014-07
XC2200 INFINEON-XC2200 Datasheet
1Mb / 62P
   16/32-Bit Single-Chip Microcontroller
XC2361B INFINEON-XC2361B_14 Datasheet
733Kb / 128P
   16/32-Bit Single-Chip Microcontroller
V1.5 2014-06
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com