Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD705100GJ-100-8EU Datasheet(PDF) 8 Page - NEC

Part # UPD705100GJ-100-8EU
Description  V830TM 32-BIT MICROCONTROLLER
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD705100GJ-100-8EU Datasheet(HTML) 8 Page - NEC

Back Button UPD705100GJ-100-8EU Datasheet HTML 4Page - NEC UPD705100GJ-100-8EU Datasheet HTML 5Page - NEC UPD705100GJ-100-8EU Datasheet HTML 6Page - NEC UPD705100GJ-100-8EU Datasheet HTML 7Page - NEC UPD705100GJ-100-8EU Datasheet HTML 8Page - NEC UPD705100GJ-100-8EU Datasheet HTML 9Page - NEC UPD705100GJ-100-8EU Datasheet HTML 10Page - NEC UPD705100GJ-100-8EU Datasheet HTML 11Page - NEC UPD705100GJ-100-8EU Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
µPD705100
8
2. ADDRESS SPACE
2.1 Memory Space
The V830 uses four chip select/address pins and 26 address bus pins to represent a 32-bit address. When the
chip select function is used, a 256M-byte image space is created as three spaces and a 32M-byte image space is
created as one space. When the chip select function is not used, a 4G-byte linear address space is created.
Area 40000000H-7FFFFFFFH in the memory space is reserved as an uncachable area. When this area is
accessed, the cache function is not effective. For all other areas, the cache function is effective.
Within the memory space, built-in instruction RAM and built-in data RAM are mapped. By accessing these areas,
an instruction can be fetched and data loaded/stored within one cycle (internal clock) without activating a bus cycle
externally. Data in the built-in instruction RAM, however, cannot be accessed by using the load/store instructions. Nor
can instructions be fetched from the built-in data RAM. These built-in RAMs are mapped to the cachable area; however,
they are not cached.


Similar Part No. - UPD705100GJ-100-8EU

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD705100GJ-100-8EU RENESAS-UPD705100GJ-100-8EU Datasheet
478Kb / 68P
   MOS INTEGRATED CIRCUIT
1996
More results

Similar Description - UPD705100GJ-100-8EU

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com