Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6906 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6906
Description  Micropower, 10kHz to 1MHz Resistor Set Oscillator in SOT-23
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6906 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6906 Datasheet HTML 2Page - Linear Technology LTC6906 Datasheet HTML 3Page - Linear Technology LTC6906 Datasheet HTML 4Page - Linear Technology LTC6906 Datasheet HTML 5Page - Linear Technology LTC6906 Datasheet HTML 6Page - Linear Technology LTC6906 Datasheet HTML 7Page - Linear Technology LTC6906 Datasheet HTML 8Page - Linear Technology LTC6906 Datasheet HTML 9Page - Linear Technology LTC6906 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LTC6906
6
6906fc
TEST CIRCUIT
V+
GND
DIV
OUT
GRD
SET
LTC6906
EQUIVALENT CIRCUIT OF
OSCILLOSCOPE OR
FREQUENCY COUNTER PROBE
CTEST
CPROBE
RSET
0.01%
10ppm/°C
CTEST = 1/(1/5pF – 1/CPROBE)
= 7.5pF FOR A 15pF SCOPE PROBE
RPROBE
10M
SUPPLY
VOLTAGE
6906 F01
Figure 1. Test Circuit with 5pF Effective Load
EQUIVALENT INPUT AND OUTPUT CIRCUITS
Figure 2. V+ Pin
Figure 3. SET Pin
Figure 4. GRD Pin
Figure 5. DIV Pin
Figure 6. OUT Pin
6
V+
20Ω
800pF
2
GND
6906 F02
6
V+
4
SET
1k
2
GND
6906 F03
6
V+
5
GRD
200Ω
TOTAL OUTPUT
RESISTANCE
2
GND
6906 F04
6
V+
3
DIV
5M
5M
2
GND
6906 F05
6
V+
1
OUT
300Ω
fOUT
2
GND
6906 F06


Similar Part No. - LTC6906

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6906 LINER-LTC6906 Datasheet
173Kb / 12P
   Micropower, 10kHz to 1MHz Resistor Set Oscillator in SOT-23
LTC6906 LINER-LTC6906 Datasheet
367Kb / 28P
   TimerBlox: Long Timer, Low Frequency Oscillator
logo
Analog Devices
LTC6906 AD-LTC6906 Datasheet
1Mb / 34P
   Voltage-Controlled Pulse Width Modulator (PWM)
LTC6906 AD-LTC6906 Datasheet
755Kb / 28P
   TimerBlox: Delay Block/ Debouncer
logo
Linear Technology
LTC6906CS6 LINER-LTC6906CS6 Datasheet
173Kb / 12P
   Micropower, 10kHz to 1MHz Resistor Set Oscillator in SOT-23
More results

Similar Description - LTC6906

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6906 LINER-LTC6906 Datasheet
173Kb / 12P
   Micropower, 10kHz to 1MHz Resistor Set Oscillator in SOT-23
LTC6907 LINER-LTC6907_15 Datasheet
176Kb / 12P
   Micropower, 40kHz to 4MHz Resistor Set Oscillator in SOT-23
LTC6907 LINER-LTC6907 Datasheet
170Kb / 12P
   Micropower, 40kHz to 4MHz Resistor Set Oscillator in SOT-23
LTC6905 LINER-LTC6905 Datasheet
119Kb / 8P
   17MHz to 170MHz Resistor Set SOT-23 Oscillator
LT1799 LINER-LT1799 Datasheet
120Kb / 4P
   1kHz to 30MHz Resistor Set SOT-23 Oscillator
LTC1799 LINER-LTC1799_15 Datasheet
242Kb / 14P
   1kHz to 33MHz Resistor Set SOT-23 Oscillator
LTC6905 LINER-LTC6905_15 Datasheet
176Kb / 12P
   17MHz to 170MHz Resistor Set SOT-23 Oscillator
LTC6900 LINER-LTC6900 Datasheet
187Kb / 12P
   Low Power, 1kHz to 20MHz Resistor Set SOT-23 Oscillator
LTC6900 LINER-LTC6900_15 Datasheet
165Kb / 12P
   Low Power, 1kHz to 20MHz Resistor Set SOT-23 Oscillator
LTC6908-1 LINER-LTC6908-1 Datasheet
247Kb / 16P
   Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com