Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-L512SRC Datasheet(PDF) 2 Page - BetLux Electronics

Part # BL-L512SRC
Description  5mm Round Type LED lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L512SRC Datasheet(HTML) 2 Page - BetLux Electronics

  BL-L512SRC Datasheet HTML 1Page - BetLux Electronics BL-L512SRC Datasheet HTML 2Page - BetLux Electronics BL-L512SRC Datasheet HTML 3Page - BetLux Electronics BL-L512SRC Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Round Type LED lamp
BL-L512
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 2 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Absolute maximum ratings (Ta=25°C)
Parameter
SR
LR
UR
UE
UY
UG
PG
BG
B
UB
UV
W
U
nit
Forward Current
IF
25
25
25
30
30
30
30
30
30
30
30
30
mA
Power Dissipation Pd
60
60
60
65
65
75
110
110
120
120
120
120
mW
Reverse Voltage VR
5
5
5
5
5
5
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
150
150
150
100
100
100
100
100
mA
Operation Temperature TOPR
-40 to +80
°C
Storage Temperature TSTG
-40 to +85
°C
Lead Soldering Temperature
TSOL
Max.260±5°C for 3 sec Max.
(1.6mm from the base of the epoxy bulb)
°C
Package configuration & Internal circuit diagram
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is ±0.25(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice.


Similar Part No. - BL-L512SRC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L512SRC BETLUX-BL-L512SRC Datasheet
73Kb / 3P
   Round Type LED lamp
More results

Similar Description - BL-L512SRC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L513 BETLUX-BL-L513 Datasheet
234Kb / 4P
   5mm Round Type LED lamp
BL-L502 BETLUX-BL-L502 Datasheet
230Kb / 4P
   5mm Round Type LED lamp
BL-L524 BETLUX-BL-L524 Datasheet
557Kb / 4P
   5mm Round-Helmet Type LED Lamp
BL-L522 BETLUX-BL-L522 Datasheet
232Kb / 4P
   5mm Round-Helmet Type LED Lamp
BL-L523 BETLUX-BL-L523 Datasheet
232Kb / 4P
   5mm Round-Helmet Type LED Lamp
logo
Kingbright Corporation
WP9294ZGC-G KINGBRIGHT-WP9294ZGC-G_15 Datasheet
325Kb / 6P
   5mm ROUND LED LAMP
WP9294SECK-J3 KINGBRIGHT-WP9294SECK-J3 Datasheet
321Kb / 5P
   5mm Round LED Lamp
WP9294QBC-G KINGBRIGHT-WP9294QBC-G Datasheet
420Kb / 6P
   5mm ROUND LED LAMP
WP9294SECK-J3 KINGBRIGHT-WP9294SECK-J3_15 Datasheet
318Kb / 6P
   5mm ROUND LED LAMP
WP9294QBC-D KINGBRIGHT-WP9294QBC-D Datasheet
321Kb / 5P
   5mm Round LED Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com