Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC5532 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC5532
Description  Precision 300MHz to 7GHz RF Detector with Gain and Offset Adjustment
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5532 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC5532_15 Datasheet HTML 6Page - Linear Technology LTC5532_15 Datasheet HTML 7Page - Linear Technology LTC5532_15 Datasheet HTML 8Page - Linear Technology LTC5532_15 Datasheet HTML 9Page - Linear Technology LTC5532_15 Datasheet HTML 10Page - Linear Technology LTC5532_15 Datasheet HTML 11Page - Linear Technology LTC5532_15 Datasheet HTML 12Page - Linear Technology LTC5532_15 Datasheet HTML 13Page - Linear Technology LTC5532_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC5532
10
5532f
S11 Forward Reflection
Impedance
0.3000GHz-7.000GHz
RFIN Input Impedance (Pin = –25dBm, VCC = 3.6V, TA = 25°C)
FREQUENCY
RESISTANCE
REACTANCE
(GHz)
(
Ω)(Ω)
0.30
225.19
–79.32
0.50
196.59
–105.44
0.70
166.23
–114.07
0.90
137.24
–115.88
1.10
114.69
–111.94
1.31
96.83
–106.10
1.50
83.12
– 99.28
1.70
72.11
– 92.73
1.90
61.69
– 85.98
2.10
53.76
–78.71
2.31
47.46
– 71.16
2.51
42.60
– 64.52
2.70
39.04
– 58.61
2.90
36.25
– 53.23
3.10
33.41
– 48.13
3.30
30.78
–43.37
3.50
28.85
–38.83
3.70
27.28
–34.09
3.90
26.08
–29.73
4.10
24.97
–25.80
4.30
24.18
–21.94
4.50
23.43
–18.27
4.70
22.88
– 15.04
4.90
22.41
–11.56
5.10
22.09
–8.08
5.30
21.82
– 4.34
5.50
21.91
–1.29
5.70
22.08
2.15
5.90
22.84
5.32
6.10
23.75
7.51
6.30
23.32
9.47
6.50
22.57
12.41
6.70
22.17
15.79
6.90
22.20
19.34
7.00
22.27
21.21
(DFN Package)
TYPICAL PERFOR A CE CHARACTERISTICS
5508 TA06


Similar Part No. - LTC5532_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5532EDC LINER-LTC5532EDC Datasheet
282Kb / 16P
   Precision 300MHz to 7GHz RF Detector with Gain and Offset Adjustment
LTC5532ES6 LINER-LTC5532ES6 Datasheet
237Kb / 12P
   300MHz to 7GHz Precision RF Power Detector with Gain and Offset Adjustment
LTC5532ES6 LINER-LTC5532ES6 Datasheet
282Kb / 16P
   Precision 300MHz to 7GHz RF Detector with Gain and Offset Adjustment
LTC5532 LINER-LTC5532_09 Datasheet
282Kb / 16P
   Precision 300MHz to 7GHz RF Detector with Gain and Offset Adjustment
More results

Similar Description - LTC5532_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5532 LINER-LTC5532_09 Datasheet
282Kb / 16P
   Precision 300MHz to 7GHz RF Detector with Gain and Offset Adjustment
LTC5532 LINER-LTC5532 Datasheet
237Kb / 12P
   300MHz to 7GHz Precision RF Power Detector with Gain and Offset Adjustment
LTC5531 LINER-LTC5531_15 Datasheet
226Kb / 12P
   Precision 300MHz to 7GHz RF Detector with Shutdown and Offset Adjustment
LTC5531 LINER-LTC5531 Datasheet
221Kb / 12P
   Precision 300MHz to 7GHz RF Detector with Shutdown and Offset Adjustment
LTC5530 LINER-LTC5530_15 Datasheet
317Kb / 12P
   Precision 300MHz to 7GHz RF Detector with Shutdown and Gain Adjustment
LTC5530 LINER-LTC5530 Datasheet
311Kb / 12P
   Precision 300MHz to 7GHz RF Detector with Shutdown and Gain Adjustment
LTC5535 LINER-LTC5535_15 Datasheet
243Kb / 12P
   Precision 600MHz to 7GHz, RF Detector with Adjustable Gain and 12MHz Baseband Bandwidth
LTC5535 LINER-LTC5535 Datasheet
237Kb / 12P
   Precision 600MHz to 7GHz, RF Detector with Adjustable Gain and 12MHz Baseband Bandwidth
LTC5508 LINER-LTC5508 Datasheet
251Kb / 8P
   300MHz to 7GHz RF Power Detector with Buffered Output in SC70 Package
LTC5508 LINER-LTC5508_15 Datasheet
262Kb / 8P
   300MHz to 7GHz RF Power Detector with Buffered Output in SC70 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com