Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-L48UGC Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-L48UGC
Description  4.8mm Round-Helmet Type LED Lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-L48UGC Datasheet(HTML) 1 Page - BetLux Electronics

  BL-L48UGC Datasheet HTML 1Page - BetLux Electronics BL-L48UGC Datasheet HTML 2Page - BetLux Electronics BL-L48UGC Datasheet HTML 3Page - BetLux Electronics BL-L48UGC Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Helmut Type LED lamp
BL-L48
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
Ø
4.8mm Round-Helmet Type LED Lamp
Ø
Ultra brightness.
Ø
Choice of various viewing angles.
Ø
Diffused, Transparent and Water clear lens are available.
Ø
IC compatible /Low current capability.
Ø
RoHs Compliance
Electrical-optical characteristics: (Ta=25°C)
(Test Condition: IF=20mA)
Chip
Forward
Voltage(VF)
Unit:V
Luminous
Intensity
(Iv)
Unit:mcd
Part Number
Emitted Color
Material
P
(nm)
Lens
Type
Typ
Max
Min.
Typ.
Viewi
ng
Angle
2¦È1/2
(deg)
BL-L48UEC
Ultra Orange
AlGaInP
630
2.10
2.50
200
500
BL-L48UYC
Ultra Yellow
AlGaInP
590
2.10
2.50
200
500
BL-L48UGC
Ultra Green
AlGaInP
574
2.20
2.50
140
300
BL-L48PGC
Ultra Pure Green
InGaN
525
3.80
4.50
500
1000
BL-L48BGC
Ultra Bluish Green
InGaN
505
3.80
4.50
300
700
BL-L48BC
Ultra Blue
InGaN
470
3.00
4.20
500
1000
BL-L48UBC
Ultra White
InGaN
/
3.00
4.20
500
1200
BL-L48VC
UV
InGaN
405
3.80
4.50
60
90
BL-L48UWC
Ultra White
InGaN
8000k
3.00
4.20
2000
10000
BL-L48UW2C
Ultra White
InGaN
3000k
Water
Clear
3.00
4.20
2000
5000
80
Absolute maximum ratings (Ta=25°C)
Parameter
SR
LR
UR
UE
UY
UG
PG
BG
B
UB
UV
W
U
nit
Forward Current
IF
25
25
25
30
30
30
30
30
30
30
30
30
mA
Power Dissipation Pd
60
60
60
65
65
75
110
110
120
120
120
120
mW
Reverse Voltage VR
5
5
5
5
5
5
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
150
150
150
100
100
100
100
100
mA
Operation Temperature TOPR
-40 to +80
°C
Storage Temperature TSTG
-40 to +85
°C
Lead Soldering Temperature
TSOL
Ma x.260±5°C for 3 sec Max.
(1.6mm from the base of the epoxy bulb)
°C


Similar Part No. - BL-L48UGC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L48UGC BETLUX-BL-L48UGC Datasheet
75Kb / 3P
   Helmut Type LED lamp
More results

Similar Description - BL-L48UGC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L102SRC BETLUX-BL-L102SRC Datasheet
73Kb / 3P
   Round Helmet Type LED lamp
BL-L524 BETLUX-BL-L524 Datasheet
557Kb / 4P
   5mm Round-Helmet Type LED Lamp
BL-L522 BETLUX-BL-L522 Datasheet
232Kb / 4P
   5mm Round-Helmet Type LED Lamp
BL-L523 BETLUX-BL-L523 Datasheet
232Kb / 4P
   5mm Round-Helmet Type LED Lamp
logo
Ningbo Foryard Optoelec...
FYL-48D3UBC1C FORYARD-FYL-48D3UBC1C_15 Datasheet
288Kb / 5P
   4.8mm helmet type
logo
Lucky Light Electronic
GB-353 LUCKY-LIGHT-GB-353 Datasheet
42Kb / 1P
   Round-Helmet Type LED Lamps (5mm)
logo
Marktech Corporate
MT4164S4-HR6-2-A MARKTECH-MT4164S4-HR6-2-A Datasheet
146Kb / 5P
   4.8mm ROUND LED LAMP WITH HOLDER
logo
Lucky Light Electronic
GB-343 LUCKY-LIGHT-GB-343 Datasheet
42Kb / 1P
   Round-Helmet Type LED Lamps (5mm)
logo
Marktech Corporate
MT1064S15-G-A MARKTECH-MT1064S15-G-A Datasheet
156Kb / 5P
   4.8mm ROUND LED LAMP WITH HOLDER
logo
Everlight Electronics C...
A593B-2SUR-S530-A3 EVERLIGHT-A593B-2SUR-S530-A3 Datasheet
124Kb / 7P
   4.8mm Round Type LED Lamps
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com