Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4300-1 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4300-1
Description  Hot Swappable 2-Wire Bus Buffers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4300-1 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4300-1_15 Datasheet HTML 7Page - Linear Technology LTC4300-1_15 Datasheet HTML 8Page - Linear Technology LTC4300-1_15 Datasheet HTML 9Page - Linear Technology LTC4300-1_15 Datasheet HTML 10Page - Linear Technology LTC4300-1_15 Datasheet HTML 11Page - Linear Technology LTC4300-1_15 Datasheet HTML 12Page - Linear Technology LTC4300-1_15 Datasheet HTML 13Page - Linear Technology LTC4300-1_15 Datasheet HTML 14Page - Linear Technology LTC4300-1_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LTC4300-1/LTC4300-2
11
430012fb
For more information www.linear.com/LTC4300-1
associated with hot swapping have settled. Owing to
their small capacitance, the SDAIN and SCLIN pins cause
minimal disturbance on the backplane busses when they
make contact with the connector.
Figure 6 shows the LTC4300-2 in a CompactPCI con-
figuration. The LTC4300-2 receives its VCC voltage from
one of the long “early power” pins. Because this power
is not switched, add a 5Ω to 10Ω resistor between the
VCC pins of the connector and the LTC4300-2, as shown
in the figure. In addition, make sure that the VCC bypass-
ing on the backplane is large compared to the 0.01µF
bypass capacitor on the card. Establishing early power
VCC ensures that the 1V precharge voltage is present at
the SDAIN and SCLIN pins before they make contact.
Connect VCC2 to the output of one of the CompactPCI
power supply Hot Swap circuits. VCC2 is monitored by
a filtered UVLO circuit. With the VCC2 voltage powering
up after all other pins have established connection, the
UVLO circuit ensures that the backplane and card data
and clock busses are not connected until the transients
associated with hot swapping have settled.
Figure 7 shows the LTC4300-1 in a PCI application, where
all of the pins have the same length. In this case, connect
an RC series circuit on the I/O card between VCC and
ENABLE.AnRCproductof10msprovidesafiltertoprevent
theLTC4300-1frombecomingactivateduntilthetransients
associated with hot swapping have settled.
Figure 8 shows the LTC4300-2 in an application where the
user has a custom connector with pins of three different
lengths available. Making VCC2 the shortest pin ensures
that all other pins are firmly connected before VCC2
receives any voltage. A filtered UVLO circuit on VCC2
ensures that the VCC2 pin is firmly connected before the
LTC4300-2 connects the backplane to the card.
Repeater/Bus Extender Application
Users who wish to connect two 2-wire systems separated
by a distance can do so by connecting two LTC4300-1s
back-to-back, as shown in Figure 9. The I2C specification
allows for 400pF maximum bus capacitance, severely
limiting the length of the bus. The SMBus specification
places no restriction on bus capacitance, but the limited
impedances of devices connected to the bus require sys-
tems to remain small if rise and fall time specifications
are to be met. The strong pull-up and pull-down imped-
ances of the LTC4300-1 are capable of meeting rise and
fall time specifications for one nanofarad of capacitance,
thus allowing much more interconnect distance. In this
situation, the differential ground voltage between the two
systems may limit the allowed distance, because a valid
logic LOW voltage with respect to the ground at one end
of the system may violate the allowed VOL specification
with respect to the ground at the other end. In addition,
the connection circuitry offset voltages of the back-to-
back LTC4300-1s add together, directly contributing to
the same problem.
Systems with Disparate Supply Voltages (LTC4300-1)
In large 2-wire systems, the VCC voltages seen by devices
at various points in the system can differ by a few hun-
dred millivolts or more. This situation is well modelled by
a series resistor in the VCC line, as shown in Figure 10.
For proper operation of the LTC4300-1, make sure that
VCC(BUS) ≥ VCC(LTC4300) – 0.5V.
5V to 3.3V Level Translator and Power Supply
Redundancy (LTC4300-2)
Systems requiring different supply voltages for the back-
plane side and the card side can use the LTC4300-2, as
shown in Figure 11. The pull-up resistors on the card side
connect from SDAOUT to SCLOUT to VCC2, and those on
the backplane side connect from SDAIN and SCLIN to VCC.
The LTC4300-2 functions for voltages ranging from 2.7V
to 5.5V on both VCC and VCC2. There is no constraint on
the voltage magnitudes of VCC and VCC2 with respect to
each other.
This application also provides power supply redundancy.
If either the VCC or VCC2 voltage falls below its UVLO
threshold, the LTC4300-2 disconnects the backplane
from the card, so that the side that is still powered can
continue to function.
applicaTions inFormaTion


Similar Part No. - LTC4300-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4300-1CMS8 LINER-LTC4300-1CMS8 Datasheet
287Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300-1IMS8 LINER-LTC4300-1IMS8 Datasheet
287Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
More results

Similar Description - LTC4300-1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA4311 TI-TCA4311_1 Datasheet
532Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Technology
LTC4300A-1 LINER-LTC4300A-1 Datasheet
286Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
logo
Texas Instruments
TCA4311A TI1-TCA4311A Datasheet
695Kb / 22P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Technology
LTC4300A-2 LINER-LTC4300A-2_15 Datasheet
187Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300-1 LINER-LTC4300-1 Datasheet
287Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300A-1 LINER-LTC4300A-1_15 Datasheet
187Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
logo
Texas Instruments
TCA4311 TI-TCA4311 Datasheet
567Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Technology
LTC4300-2 LINER-LTC4300-2_15 Datasheet
742Kb / 18P
   Hot Swappable 2-Wire Bus Buffers
LTC4301 LINER-LTC4301_09 Datasheet
223Kb / 12P
   Supply Independent Hot Swappable 2-Wire Bus Buffer
LTC4301 LINER-LTC4301_15 Datasheet
228Kb / 12P
   Supply Independent Hot Swappable 2-Wire Bus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com