Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4052-4.2 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4052-4.2
Description  Lithium-Ion Battery Pulse Charger with Overcurrent Protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4052-4.2 Datasheet(HTML) 4 Page - Linear Technology

  LTC4052-4.2_15 Datasheet HTML 1Page - Linear Technology LTC4052-4.2_15 Datasheet HTML 2Page - Linear Technology LTC4052-4.2_15 Datasheet HTML 3Page - Linear Technology LTC4052-4.2_15 Datasheet HTML 4Page - Linear Technology LTC4052-4.2_15 Datasheet HTML 5Page - Linear Technology LTC4052-4.2_15 Datasheet HTML 6Page - Linear Technology LTC4052-4.2_15 Datasheet HTML 7Page - Linear Technology LTC4052-4.2_15 Datasheet HTML 8Page - Linear Technology LTC4052-4.2_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC4052-4.2
4
405242f
PI FU CTIO S
SENSE (Pin 1): Overcurrent Sense Input. A sense resistor
(RSENSE) should be connected from VIN to the SENSE pin
to program the current limit level. When overcurrent limit
is tripped, the pass transistor immediately turns off and
turns back on after a 640ms time-out period (CTIMER =
0.1
µF). The on-off cycle will continue as long as the
overcurrent condition persists or until the timer runs out.
If overcurrent protection is not needed, short SENSE to
VIN.
ACPR (Pin 2): AC Wall Adapter Present Open-Drain Out-
put. When the input voltage (wall adapter) is applied to the
LTC4052, this pin is pulled to ground by an internal
N-channel MOSFET capable of driving an LED.
VIN (Pin 3): Positive Input Supply Voltage (4.5V ≤ VIN
10V). Bypass this pin with a 1
µF capacitor in series with a
4.7
Ω resistor.
GND (Pin 4): Electrical Ground Connection and provides
a thermal path from the IC to the PC board copper. The
exposed backside of the package is also ground and must
be soldered to the PC board for maximum power dissipa-
tion.
TIMER (Pin 5): Timer Set Pin. The timer period is pro-
grammed by a capacitor (CTIMER) to ground. The timer
period is: tTIMER = (CTIMER • 3Hr)/(0.1µF). The minimum
ON time, minimum OFF time and the overcurrent time-out
period all scale with tTIMER.
CHRG (Pin 6): Charge Status Open-Drain Output. When a
depleted battery is being charged, the CHRG pin is pulled
to ground by an internal N-channel MOSFET capable of
driving an LED. Once the duty cycle at the GATE pin drops
below 10%, the N-MOSFET turns off and a weak 40
µA
current source to ground turns on to indicate a near end-
of-charge C/10 condition. When a time-out occurs or the
input supply is removed, the CHRG pin becomes high
impedance.
GATE (Pin 7): Gate Drive Output Pin for Internal and
External Pass Transistors. An external N-MOSFET transis-
tor can be connected in parallel with the internal transistor
to reduce the on-resistance for higher charge current. In
this case, an external blocking diode on VIN is required to
prevent damage to the battery if VIN is shorted to ground.
A 10
µAcurrentsourcepullsthispinuptothechargepump
voltage when turned on and a 40
µA current source pulls it
down to ground to turn it off. If an overcurrent condition
is detected, the GATE pin is immediately pulled to ground.
The voltage at this pin is internally clamped to 12V above
the GND pin.
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–50
105.8
105.6
105.4
105.2
105.0
104.8
104.6
25
75
4053 G07
–25
0
50
100
125
TEMPERATURE (
°C)
–50
100
4053 G08
050
650
600
550
500
450
400
350
300
250
–25
25
75
125
VBAT = 4V
VBAT = 2.6V
Overcurrent Sense Voltage
Switch On-Resistance vs
Temperature


Similar Part No. - LTC4052-4.2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4052-4.2 LINER-LTC4052-4.2 Datasheet
171Kb / 12P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
More results

Similar Description - LTC4052-4.2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1730-4 LINER-LTC1730-4_15 Datasheet
169Kb / 12P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
LTC1730-4 LINER-LTC1730-4 Datasheet
157Kb / 12P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
logo
Linear Integrated Syste...
LTC4052-42 LINEAR-LTC4052-42 Datasheet
162Kb / 8P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
logo
Linear Technology
LTC4052-4.2 LINER-LTC4052-4.2 Datasheet
171Kb / 12P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
LTC1730-4.2 LINER-LTC1730-4.2_15 Datasheet
169Kb / 12P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
   Lithium-Ion Battery Charger
2001
logo
Shanghai awinic technol...
AW3210A AWINIC-AW3210A Datasheet
1Mb / 12P
   Lithium ion battery charger
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
   Lithium-Ion Battery Charger
REV. A
ADP3820 AD-ADP3820_15 Datasheet
635Kb / 8P
   Lithium-Ion Battery Charger
REV. A
logo
NXP Semiconductors
SA57608 PHILIPS-SA57608 Datasheet
111Kb / 10P
   One-cell Lithium-ion battery protection with over/undercharge and overcurrent protection
2003 Oct 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com