Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4052-4.2 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4052-4.2
Description  Lithium-Ion Battery Pulse Charger with Overcurrent Protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4052-4.2 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4052-4.2_15 Datasheet HTML 4Page - Linear Technology LTC4052-4.2_15 Datasheet HTML 5Page - Linear Technology LTC4052-4.2_15 Datasheet HTML 6Page - Linear Technology LTC4052-4.2_15 Datasheet HTML 7Page - Linear Technology LTC4052-4.2_15 Datasheet HTML 8Page - Linear Technology LTC4052-4.2_15 Datasheet HTML 9Page - Linear Technology LTC4052-4.2_15 Datasheet HTML 10Page - Linear Technology LTC4052-4.2_15 Datasheet HTML 11Page - Linear Technology LTC4052-4.2_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LTC4052-4.2
11
405242f
PACKAGE DESCRIPTIO
MS8E Package
8-Lead Plastic MSOP
(Reference LTC DWG # 05-08-1662)
MSOP (MS8E) 0802
0.53
± 0.015
(.021
± .006)
SEATING
PLANE
NOTE:
1. DIMENSIONS IN MILLIMETER/(INCH)
2. DRAWING NOT TO SCALE
3. DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
4. DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS.
INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
5. LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.102mm (.004") MAX
0.18
(.077)
0.254
(.010)
1.10
(.043)
MAX
0.22 – 0.38
(.009 – .015)
TYP
0.13
± 0.076
(.005
± .003)
0.86
(.034)
REF
0.65
(.0256)
BSC
0
° – 6° TYP
DETAIL “A”
DETAIL “A”
GAUGE PLANE
12
3
4
4.90
± 0.15
(1.93
± .006)
8
8
1
BOTTOM VIEW OF
EXPOSED PAD OPTION
7 6 5
3.00
± 0.102
(.118
± .004)
(NOTE 3)
3.00
± 0.102
(.118
± .004)
NOTE 4
0.52
(.206)
REF
1.83
± 0.102
(.072
± .004)
2.06
± 0.102
(.080
± .004)
5.23
(.206)
MIN
3.2 – 3.45
(.126 – .136)
2.083
± 0.102
(.082
± .004)
2.794
± 0.102
(.110
± .004)
0.889
± 0.127
(.035
± .005)
RECOMMENDED SOLDER PAD LAYOUT
0.42
± 0.04
(.0165
± .0015)
TYP
0.65
(.0256)
BSC
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.


Similar Part No. - LTC4052-4.2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4052-4.2 LINER-LTC4052-4.2 Datasheet
171Kb / 12P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
More results

Similar Description - LTC4052-4.2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1730-4 LINER-LTC1730-4_15 Datasheet
169Kb / 12P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
LTC1730-4 LINER-LTC1730-4 Datasheet
157Kb / 12P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
logo
Linear Integrated Syste...
LTC4052-42 LINEAR-LTC4052-42 Datasheet
162Kb / 8P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
logo
Linear Technology
LTC4052-4.2 LINER-LTC4052-4.2 Datasheet
171Kb / 12P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
LTC1730-4.2 LINER-LTC1730-4.2_15 Datasheet
169Kb / 12P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
   Lithium-Ion Battery Charger
2001
logo
Shanghai awinic technol...
AW3210A AWINIC-AW3210A Datasheet
1Mb / 12P
   Lithium ion battery charger
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
   Lithium-Ion Battery Charger
REV. A
ADP3820 AD-ADP3820_15 Datasheet
635Kb / 8P
   Lithium-Ion Battery Charger
REV. A
logo
NXP Semiconductors
SA57608 PHILIPS-SA57608 Datasheet
111Kb / 10P
   One-cell Lithium-ion battery protection with over/undercharge and overcurrent protection
2003 Oct 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com