Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4052-4.2 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4052-4.2
Description  Lithium-Ion Battery Pulse Charger with Overcurrent Protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4052-4.2 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4052-4.2_15 Datasheet HTML 4Page - Linear Technology LTC4052-4.2_15 Datasheet HTML 5Page - Linear Technology LTC4052-4.2_15 Datasheet HTML 6Page - Linear Technology LTC4052-4.2_15 Datasheet HTML 7Page - Linear Technology LTC4052-4.2_15 Datasheet HTML 8Page - Linear Technology LTC4052-4.2_15 Datasheet HTML 9Page - Linear Technology LTC4052-4.2_15 Datasheet HTML 10Page - Linear Technology LTC4052-4.2_15 Datasheet HTML 11Page - Linear Technology LTC4052-4.2_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LTC4052-4.2
9
405242f
In addition, feedthrough vias or plated through holes (lo-
cated directly beneath the package and elsewhere) connect-
ing internal copper and backside copper layers help transfer
and spread the heat generated by the package.
Calculating Junction Temperature
Example: Find the maximum junction temperature for a
battery voltage of 4V (VIN will collapse to approximately
VBAT in the full charge mode), charge current of 1A and a
maximum ambient temperature of 75
°C.
The power dissipated by the IC is:
P= (IBAT • IBAT • RDS(ON)) + (VIN • IIN)
= (1A • 1A • 0.35
Ω) + (4V • 0.7mA)
= 0.35 + 0.003
= 0.353W
The LTC4052 is available in an enhanced 8-pin MSOP
package which features an exposed copper pad on the
bottom of the package allowing it to be soldered directly to
the PC board copper for maximum heat transfer. This
greatly reduces the thermal resistance and increases the
power handling capability when compared to a standard
MSOP package. The junction to ambient thermal resis-
tance of this package when the backside of the package is
APPLICATIO S I FOR ATIO
soldered to the PC board is approximately 35
°C/W de-
pending on the copper area. The junction temperature rise
above ambient will be approximately:
(0.353W)(35
°C/W) = 12.36°C
The maximum junction temperature will be equal to the
maximum junction temperature rise above ambient plus
the maximum ambient temperature or:
TJMAX = 85°C + 12.36°C = 97.36°C
ACPR Output Pin
When the input voltage is 45mV higher than the voltage at
the BAT pin, the ACPR pin is pulled to ground to indicate
that the input supply (wall adapter) is applied. After the
input supply is removed, this pin will become high imped-
ance. An internal 100ms filter prevents the LTC4052 from
turning off if the voltage at the VIN pin rings and gets too
close to VBAT due to parasitic inductance.
Stop Charging
The charger is off when the voltage at the VIN pin is less
than 45mV above VBAT (sleep mode). The charge pump
and the internal pass transistor are turned off, and the
internal resistor divider is disconnected to reduce the
current drain on the battery in the sleep mode.


Similar Part No. - LTC4052-4.2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4052-4.2 LINER-LTC4052-4.2 Datasheet
171Kb / 12P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
More results

Similar Description - LTC4052-4.2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1730-4 LINER-LTC1730-4_15 Datasheet
169Kb / 12P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
LTC1730-4 LINER-LTC1730-4 Datasheet
157Kb / 12P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
logo
Linear Integrated Syste...
LTC4052-42 LINEAR-LTC4052-42 Datasheet
162Kb / 8P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
logo
Linear Technology
LTC4052-4.2 LINER-LTC4052-4.2 Datasheet
171Kb / 12P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
LTC1730-4.2 LINER-LTC1730-4.2_15 Datasheet
169Kb / 12P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
   Lithium-Ion Battery Charger
2001
logo
Shanghai awinic technol...
AW3210A AWINIC-AW3210A Datasheet
1Mb / 12P
   Lithium ion battery charger
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
   Lithium-Ion Battery Charger
REV. A
ADP3820 AD-ADP3820_15 Datasheet
635Kb / 8P
   Lithium-Ion Battery Charger
REV. A
logo
NXP Semiconductors
SA57608 PHILIPS-SA57608 Datasheet
111Kb / 10P
   One-cell Lithium-ion battery protection with over/undercharge and overcurrent protection
2003 Oct 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com