Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3406-1.2 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3406-1.2
Description  1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3406-1.2 Datasheet(HTML) 2 Page - Linear Technology

  LTC3406-1.2 Datasheet HTML 1Page - Linear Technology LTC3406-1.2 Datasheet HTML 2Page - Linear Technology LTC3406-1.2 Datasheet HTML 3Page - Linear Technology LTC3406-1.2 Datasheet HTML 4Page - Linear Technology LTC3406-1.2 Datasheet HTML 5Page - Linear Technology LTC3406-1.2 Datasheet HTML 6Page - Linear Technology LTC3406-1.2 Datasheet HTML 7Page - Linear Technology LTC3406-1.2 Datasheet HTML 8Page - Linear Technology LTC3406-1.2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC3406-1.2
340612fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
Regulated Output Voltage
IOUT = 100mA
1.164
1.2
1.236
V
∆VOVL
Output Overvoltage Lockout
∆VOVL = VOVL – VOUT
2.5
6.25
10
%
∆VOUT
Output Voltage Line Regulation
VIN = 2.5V to 5.5V
0.04
0.4
%/V
IPK
Peak Inductor Current
VIN = 3V, VOUT = 1.08V, Duty Cycle < 35%
0.75
1
1.25
A
VLOADREG
Output Voltage Load Regulation
0.5
%
VIN
Input Voltage Range
2.5
5.5
V
IS
Input DC Bias Current
(Note 4)
Active Mode
VOUT = 1.08V, ILOAD = 0A
300
400
µA
Sleep Mode
VOUT = 1.236V, ILOAD = 0A
20
35
µA
Shutdown
VRUN = 0V, VIN = 5.5V
0.1
1
µA
fOSC
Oscillator Frequency
VOUT = 1.2V
1.2
1.5
1.8
MHz
VOUT = 0V
210
kHz
RPFET
RDS(ON) of P-Channel FET
ISW = 100mA
0.4
0.5
RNFET
RDS(ON) of N-Channel FET
ISW = –100mA
0.35
0.45
ILSW
SW Leakage
VRUN = 0V, VSW = 0V or 5V, VIN = 5V
±0.01
±1
µA
VRUN
RUN Threshold
0.3
1
1.5
V
IRUN
RUN Leakage Current
±0.01
±1
µA
Input Supply Voltage .................................. – 0.3V to 6V
RUN, VOUT Voltages................................... – 0.3V to VIN
SW Voltage (DC) ......................... – 0.3V to (VIN + 0.3V)
P-Channel Switch Source Current (DC) ............. 800mA
N-Channel Switch Sink Current (DC) ................. 800mA
Peak SW Sink and Source Current (VIN = 3V)........ 1.3A
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Junction Temperature (Notes 3, 5) ...................... 125
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
The
denotes specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C. VIN = 3.6V unless otherwise specified.
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC3406E-1.2 is guaranteed to meet performance
specifications from 0
°C to 70°C. Specifications over the –40°C to 85°C
operating temperature range are assured by design, characterization and
correlation with statistical process controls.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
LTC3406-1.2: TJ = TA + (PD)(250°C/W)
Note 4: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency.
Note 5: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. Junction
temperature will exceed 125
°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
LTC3406ES5-1.2
LTBMQ
TJMAX = 125°C, θJA = 250°C/ W, θJC = 90°C/ W
RUN 1
GND 2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
SW 3
5 VOUT
4 VIN
ORDER PART NUMBER
S5 PART MARKING
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/


Similar Part No. - LTC3406-1.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3406-1.2 LINER-LTC3406-1.2 Datasheet
235Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
More results

Similar Description - LTC3406-1.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3406-1.5 LINER-LTC3406-1.5_15 Datasheet
246Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406 LINER-LTC3406 Datasheet
233Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B-1.2 LINER-LTC3406B-1.2 Datasheet
277Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406AB LINER-LTC3406AB Datasheet
307Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B LINER-LTC3406B_15 Datasheet
241Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B LINER-LTC3406B Datasheet
231Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406A LINER-LTC3406A_15 Datasheet
303Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B-1.2 LINER-LTC3406B-1.2_15 Datasheet
274Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406-1.2 LINER-LTC3406-1.2 Datasheet
235Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406A LINER-LTC3406A Datasheet
304Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com