Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3405A-1.375 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3405A-1.375
Description  1.375V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3405A-1.375 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3405A-1.375_15 Datasheet HTML 4Page - Linear Technology LTC3405A-1.375_15 Datasheet HTML 5Page - Linear Technology LTC3405A-1.375_15 Datasheet HTML 6Page - Linear Technology LTC3405A-1.375_15 Datasheet HTML 7Page - Linear Technology LTC3405A-1.375_15 Datasheet HTML 8Page - Linear Technology LTC3405A-1.375_15 Datasheet HTML 9Page - Linear Technology LTC3405A-1.375_15 Datasheet HTML 10Page - Linear Technology LTC3405A-1.375_15 Datasheet HTML 11Page - Linear Technology LTC3405A-1.375_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LTC3405A-1.375
3405a1375f
3405A1375 F05c
20µs/DIV
VIN = 3.6V
ILOAD = 100mA TO 300mA
Burst Mode OPERATION
VOUT
100mV/DIV
AC
COUPLED
ILOAD
200mA/DIV
IL
200mA/DIV
LOAD CURRENT (mA)
100
90
80
70
60
50
40
30
20
10
0
0.1
10
100
1000
3405A1375 F05b
1
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
VIN
CIN***
2.2µF
CER
VIN
2.7V
TO 4.2V
LTC3405A-1.375
RUN
MODE
3
10µH*
3405A1375 F05a
5
4
6
1
2
SW
VOUT
GND
COUT**
10µF
CER
VOUT
1.375V
* MURATA LQHMCN10002
** MURATA 0603 GRM188R60G106ME47B
*** MURATA 0603 GRM188R61A225KE34B
APPLICATIO S I FOR ATIO
Figure 4. LTC3405A-1.375 Suggested Layout
LTC3405A-1.375
GND
3405A1518 F04
PIN 1
VOUT
VIN
SW
VIA TO VIN
COUT
CIN
L1
Substituting VOUT = 1.375V, VIN = 4.2V, ∆IL = 60mA and
f = 1.5MHz in equation (3) gives:
L
V
MHz
mA
V
V
H
=
⎟ ≅
µ
1 375
15
60
1
1 375
42
10
.
.(
)
.
.
Figure 5a. Small Footprint Application
Figure 5c.
For best efficiency choose a 200mA or greater inductor
with less than 0.3Ω series resistance.
CIN will require an RMS current rating of at least 0.125A
≅ ILOAD(MAX)/2 at temperature and COUT will require an
ESR of less than 0.5Ω. In most cases, a ceramic capacitor
will satisfy this requirement.
Figure 5 shows the complete circuit along with its effi-
ciency curve.
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Figure 5b. LTC3405A-1.375 Small Footprint Efficiency


Similar Part No. - LTC3405A-1.375_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3405A-1.375 LINER-LTC3405A-1.375 Datasheet
260Kb / 12P
   1.375V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
More results

Similar Description - LTC3405A-1.375_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3405A-1.375 LINER-LTC3405A-1.375 Datasheet
260Kb / 12P
   1.375V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A-1.5 LINER-LTC3405A-1.5_15 Datasheet
210Kb / 16P
   1.5V, 1.8V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A-1.8 LINER-LTC3405A-1.8_15 Datasheet
210Kb / 16P
   1.5V, 1.8V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A-1.5 LINER-LTC3405A-1.5 Datasheet
235Kb / 16P
   1.5V, 1.8V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405 LINER-LTC3405 Datasheet
239Kb / 16P
   1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3405A LINER-LTC3405A Datasheet
214Kb / 16P
   1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3405 LINER-LTC3405_15 Datasheet
244Kb / 16P
   1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3405A LINER-LTC3405A_15 Datasheet
219Kb / 16P
   1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3406-1.5 LINER-LTC3406-1.5_15 Datasheet
246Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406 LINER-LTC3406 Datasheet
233Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com